Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

A-301-150 Datasheet(PDF) 3 Page - Mean Well Enterprises Co., Ltd.

Part No. A-301-150
Description  150W Modified Sine Wave DC-AC Power Inverter
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MEANWELL [Mean Well Enterprises Co., Ltd.]
Homepage  http://www.meanwell.com
Logo 

A-301-150 Datasheet(HTML) 3 Page - Mean Well Enterprises Co., Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SPECIFICATION
A301-150-F3
A302-150-F3
ORDERNO.
SAFETY MODEL NO.
ACVOLTAGE
RATEDPOWER
SURGEPOWER
WAVEFORM
OUTPUT
FREQUENCY
ACREGULATION
STANDARDRECEPTACLES
LEDINDICATOR
NOLOADCURRENTDRAW
DCVOLTAGE
VOLTAGERANGE
EFFICIENCY (Typ.)
DCCONNECTOR
DCCURRENT
INPUT
ENVIRONMENT
FUSE
BAT.LOW ALARM
BAT.LOWSHUTDOWN
OVERVOLTAGE
OVERTEMPERATURE
OUTPUTSHORT
BAT.POLARITY
MTBF
OTHERS
APPLICATIONS
PROTECTION
230V
A-300-150W
150W
300W
ModifiedSineWave
50Hz 1%
10A
0.2A
24V
21~30VDC
82%
10A*1ea
20.5 1V
19.5 1V
30~32V
10%
TYPE-3*1ea
Dual-colorindicatorsdisplayforpoweron/failurestatus
0.25A
12V
10~15VDC
78%
15A
15A*1ea
10 0.5V
9.5 0.5V
15~17V
60 5
/140 9 F
o
Shut-off
Byfuseopen
FileName: A-301/302-150-SPEC 2007-05-14
ISOLATIONRESISTANCE
I/P-O/P:100MOhmsmin./500VDC /25
/70%RH
EMSIMMUNITY
CompliancetoEN61000-4-2,3
LVD
CompliancetoEN60950
200Khrsmin.MIL-HDBK-217F (25
)
DIMENSION
165*94*69mm(L*W*H)
COOLING
Byairconvection
PACKING
0.8Kg;20pcs/15Kg/CARTON
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
0~+30
@100%load,40
@50%load
20%~90%RHnon-condensing
-30~+70
/-22~+158 F,10~95%RH
o
0.05%/
(0~50
)
700mmCigarette plug*1ea
700mmCigarette plug*1ea
230V
A-300-150W
150W
300W
Modifiedsinewave
50Hz 1%
10%
TYPE-3*1ea
Germany
EMC
tested
E S
Germany
LVD
tested
E S
TYPE-1
JAPAN
TYPE-2
USA
TYPE-3
EUROPE
TYPE-4
UNIVERSAL
TYPE-5
AUSTRALIA
TYPE-6
U.K
ACOutputReceptacles(optional)
CompliancetoEN55022classB,72/245/CEE,95/54/CE
Homeappliance,Powertools,OfficeandPortableequipmentandVehicle...etc.
150WModifiedSineWaveDC-ACPowerInverter
A-301/302-150 series
12V or 24V DC input
Power ON-OFF switch
Input voltage range: -15% ~ +25%
Output voltage regulation: 10%
Protections: Bat. Low alarm/Bat. Low shutdown/Over voltage/
Over temp./Output short/Input polarity reverse/Over load.
Output waveform: Modified sine wave
Topology: Microprocessor
Approvals: e13/ CE
1 year warranty
Features :
EMICONDUCTION&RADIATION
SAFETY &
EMC


Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
A301-100100W Modified Sine Wave DC-AC Power Inverter 1 2 Mean Well Enterprises Co., Ltd.
A-301-1K01000W Modified Sine Wave DC-AC Power Inverter 1 2 Mean Well Enterprises Co., Ltd.
A-301-1K71500W Modified Sine Wave DC-AC Power Inverter 1 2 Mean Well Enterprises Co., Ltd.
A-301-2K52500W Modified Sine Wave DC-AC Power Inverter 1 2 Mean Well Enterprises Co., Ltd.
PN200501500VA001500VA Pure Sine Wave Inverter 1 2 3 4 5 List of Unclassifed Manufacturers
RJK6014DPPSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
CDRH127BPOWER INDUCTORS 1 2 Sumida Corporation
BD9883FVDC-AC Inverter Control IC 1 2 3 4 5 MoreRohm
HS1414 pin Dual-in-line Sine Wave Clock Oscillators 1 EUROQUARTZ limited
OC30E5AAT-Cut Crystal - Sine Wave - 5.0 Volts 1 EUROQUARTZ limited

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn