Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z0103NN5AL2 Datasheet(PDF) 2 Page - STMicroelectronics

Part # Z0103NN5AL2
Description  1A TRIACS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

Z0103NN5AL2 Datasheet(HTML) 2 Page - STMicroelectronics

  Z0103NN5AL2 Datasheet HTML 1Page - STMicroelectronics Z0103NN5AL2 Datasheet HTML 2Page - STMicroelectronics Z0103NN5AL2 Datasheet HTML 3Page - STMicroelectronics Z0103NN5AL2 Datasheet HTML 4Page - STMicroelectronics Z0103NN5AL2 Datasheet HTML 5Page - STMicroelectronics Z0103NN5AL2 Datasheet HTML 6Page - STMicroelectronics Z0103NN5AL2 Datasheet HTML 7Page - STMicroelectronics Z0103NN5AL2 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Characteristics
Z01
2/12
Doc ID 7474 Rev 10
1
Characteristics
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
IT(RMS)
On-state rms current
(full sine wave)
SOT-223
Ttab = 90 °C
1A
TO-92
TL = 50 °C
SMBflat-3L
Ttab = 107 °C
ITSM
Non repetitive surge peak on-state
current (full cycle, Tj initial = 25 °C)
F = 50 Hz
t = 20 ms
8
A
F = 60 Hz
t = 16.7 ms
8.5
I²tI²t Value for fusing
tp = 10 ms
0.35
A²s
dI/dt
Critical rate of rise of on-state current
IG = 2 x IGT , tr ≤ 100 ns
F = 120 Hz
Tj = 125 °C
20
A/µs
IGM
Peak gate current
tp = 20 µs
Tj = 125 °C
1
A
PG(AV)
Average gate power dissipation
Tj = 125 °C
1
W
Tstg
Tj
Storage junction temperature range
Operating junction temperature range
- 40 to + 150
- 40 to + 125
°C
Table 2.
Electrical characteristics (Tj = 25 °C, unless otherwise specified)
Symbol
Test conditions
Quadrant
Z01
Unit
03
07
09
10
IGT
(1)
1.
Minimum IGT is guaranteed at 5% of IGT max.
VD = 12 V,
RL = 30 Ω
I - II - III
MAX.
3
5
10
25
mA
IV
5
7
10
25
VGT
ALL
MAX.
1.3
V
VGD
VD = VDRM,
RL = 3.3 kΩ,
Tj = 125 °C
ALL
MIN.
0.2
V
IH (2)
IT = 50 mA
MAX.
7
10
10
25
mA
IL
IG = 1.2 IGT
I - III - IV
MAX.
710
15
25
mA
II
15
20
25
50
dV/dt (2)
VD = 67% VDRM gate open
Tj = 110 °C
MIN.
10
20
50
100
V/µs
(dV/dt)c
(2)
2.
For both polarities of A2 referenced to A1.
(dI/dt)c = 0.44 A/ms,
Tj = 110 °C
MIN.
0.5
1
2
5
V/µs


Similar Part No. - Z0103NN5AL2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
Z0103NN5AL2 STMICROELECTRONICS-Z0103NN5AL2 Datasheet
96Kb / 9P
   1 A Triacs
Z0103NN5AL2 STMICROELECTRONICS-Z0103NN5AL2 Datasheet
130Kb / 12P
   Standard 1A Triacs
More results

Similar Description - Z0103NN5AL2

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
Z0103MA TGS-Z0103MA Datasheet
153Kb / 1P
   1A TRIACS
logo
JIEJIE MICROELECTRONICS...
ACJT1 JIEJIE-ACJT1 Datasheet
376Kb / 5P
   1A TRIACs
JST131 JIEJIE-JST131 Datasheet
257Kb / 5P
   1A TRIACs
JST01 JIEJIE-JST01 Datasheet
416Kb / 4P
   1A TRIACs
logo
Unisonic Technologies
UZ0103 UTC-UZ0103 Datasheet
166Kb / 3P
   1A TRIACS
logo
Kersemi Electronic Co.,...
Z0103MN KERSEMI-Z0103MN Datasheet
1Mb / 10P
   Standard 1A Triacs
logo
STMicroelectronics
Z01 STMICROELECTRONICS-Z01 Datasheet
130Kb / 12P
   Standard 1A Triacs
logo
Nell Semiconductor Co.,...
1T06E-D NELLSEMI-1T06E-D Datasheet
469Kb / 5P
   Standard TRIACs, 1A
logo
First Components Intern...
FTC131 FCI-FTC131 Datasheet
189Kb / 4P
   1A 500V/600V BIDIRECTIONAL TRIACS
logo
NXP Semiconductors
BT137SE PHILIPS-BT137SE Datasheet
54Kb / 6P
   Triacs Triacs
October 1997 Rev 1.200
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com