Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6419DB26ER Datasheet(PDF) 6 Page - Torex Semiconductor

Part # XC6419DB26ER
Description  Dual LDO Regulator (ch1=300mA, ch2=100mA) with ON/OFF Switch
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6419DB26ER Datasheet(HTML) 6 Page - Torex Semiconductor

Back Button XC6419DB26ER Datasheet HTML 2Page - Torex Semiconductor XC6419DB26ER Datasheet HTML 3Page - Torex Semiconductor XC6419DB26ER Datasheet HTML 4Page - Torex Semiconductor XC6419DB26ER Datasheet HTML 5Page - Torex Semiconductor XC6419DB26ER Datasheet HTML 6Page - Torex Semiconductor XC6419DB26ER Datasheet HTML 7Page - Torex Semiconductor XC6419DB26ER Datasheet HTML 8Page - Torex Semiconductor XC6419DB26ER Datasheet HTML 9Page - Torex Semiconductor XC6419DB26ER Datasheet HTML 10Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
6/29
XC6419 Series
REGULATOR 1
REGULATOR 2
OUTPUT VOLTAGE
±1%
OUTPUT VOLTAGE
±2%
LOAD
REGULATION
DROPOUT
VOLTAGE
LOAD
REGULATION
DROPOUT
VOLTAGE
NOMINAL
OUTPUT
VOLTAGE
(A, B Series)
(C, D Series)
E-11
E-12
E-21
E-22
(V)
(V)
(V)
(mV)
(mV)
(mV)
(mV)
VOUT(E)
ΔVOUT
Vdif
ΔVOUT
Vdif
VOUT(T)
MIN
MAX
MIN
MAX
TYP
MAX
TYP
MAX
TYP
MAX
TYP
MAX
0.80
0.7800
0.8200
0.7700
0.8300
15
25
580
750
15
20
590
800
0.85
0.8300
0.8700
0.8200
0.8800
15
25
580
750
15
20
590
800
0.90
0.8800
0.9200
0.8700
0.9300
15
25
540
700
15
20
540
750
0.95
0.9300
0.9700
0.9200
0.9800
15
25
540
700
15
20
540
700
1.00
0.9800
1.0200
0.9700
1.0300
15
25
480
650
15
20
480
650
1.05
1.0300
1.0700
1.0200
1.0800
15
25
480
640
15
20
480
650
1.10
1.0800
1.1200
1.0700
1.1300
15
25
440
610
15
20
420
600
1.15
1.1300
1.1700
1.1200
1.1800
15
25
440
580
15
20
420
600
1.20
1.1800
1.2200
1.1700
1.2300
15
25
380
540
15
20
350
550
1.25
1.2300
1.2700
1.2200
1.2800
15
25
380
520
15
20
350
550
1.30
1.2800
1.3200
1.2700
1.3300
15
30
330
450
15
25
300
480
1.35
1.3300
1.3700
1.3200
1.3800
15
30
330
450
15
25
300
480
1.40
1.3800
1.4200
1.3700
1.4300
15
30
280
410
15
25
280
430
1.45
1.4300
1.4700
1.4200
1.4800
15
30
280
350
15
25
250
380
1.50
1.4800
1.5200
1.4700
1.5300
15
30
220
290
15
25
220
330
1.55
1.5300
1.5700
1.5190
1.5810
15
30
220
290
15
25
220
330
1.60
1.5800
1.6200
1.5680
1.6320
15
30
220
290
15
25
220
330
1.65
1.6300
1.6700
1.6170
1.6830
15
30
200
270
15
25
200
310
1.70
1.6800
1.7200
1.6660
1.7340
15
30
200
270
15
25
200
310
1.75
1.7300
1.7700
1.7150
1.7850
15
30
190
250
15
25
190
280
1.80
1.7800
1.8200
1.7640
1.8360
15
30
190
250
15
25
190
280
1.85
1.8300
1.8700
1.8130
1.8870
15
30
190
250
15
25
190
280
1.90
1.8800
1.9200
1.8620
1.9380
15
30
190
250
15
25
190
280
1.95
1.9300
1.9700
1.9110
1.9890
15
30
170
230
15
25
170
260
2.00
1.9800
2.0200
1.9600
2.0400
20
40
170
230
15
25
170
260
2.05
2.0295
2.0705
2.0090
2.0910
20
40
170
230
15
30
170
260
2.10
2.0790
2.1210
2.0580
2.1420
20
40
150
210
15
30
150
240
2.15
2.1285
2.1715
2.1070
2.1930
20
40
150
210
15
30
150
240
2.20
2.1780
2.2220
2.1560
2.2440
20
40
150
210
15
30
150
240
2.25
2.2275
2.2725
2.2050
2.2950
20
40
150
210
15
30
150
240
2.30
2.2770
2.3230
2.2540
2.3460
20
40
140
190
15
30
140
220
2.35
2.3265
2.3735
2.3030
2.3970
20
40
140
190
15
30
140
220
2.40
2.3760
2.4240
2.3520
2.4480
20
40
140
190
15
30
140
220
2.45
2.4255
2.4745
2.4010
2.4990
20
40
140
190
15
30
140
220
2.50
2.4750
2.5250
2.4500
2.5500
20
40
140
190
15
30
140
220
2.55
2.5245
2.5755
2.4990
2.6010
20
40
140
190
15
30
140
220
2.60
2.5740
2.6260
2.5480
2.6520
20
40
125
170
15
30
125
200
2.65
2.6235
2.6765
2.5970
2.7030
20
40
125
170
15
30
125
200
2.70
2.6730
2.7270
2.6460
2.7540
20
40
125
170
15
30
125
200
2.75
2.7225
2.7775
2.6950
2.8050
20
40
125
170
15
30
125
200
2.80
2.7720
2.8280
2.7440
2.8560
20
40
115
150
15
30
115
180
2.85
2.8215
2.8785
2.7930
2.9070
20
40
115
150
15
30
115
180
2.90
2.8710
2.9290
2.8420
2.9580
20
40
115
150
15
30
115
180
2.95
2.9205
2.9795
2.8910
3.0090
20
40
115
150
15
30
115
180
■ELECTRICAL CHARACTERISTICS


Similar Part No. - XC6419DB26ER

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6419DB01ER TOREX-XC6419DB01ER Datasheet
767Kb / 29P
   Dual LDO Regulator (ch1: 300mA, ch2: 100mA) with ON/OFF Switch
XC6419DB01ER-G TOREX-XC6419DB01ER-G Datasheet
767Kb / 29P
   Dual LDO Regulator (ch1: 300mA, ch2: 100mA) with ON/OFF Switch
XC6419DB01MR TOREX-XC6419DB01MR Datasheet
767Kb / 29P
   Dual LDO Regulator (ch1: 300mA, ch2: 100mA) with ON/OFF Switch
XC6419DB08ER TOREX-XC6419DB08ER Datasheet
767Kb / 29P
   Dual LDO Regulator (ch1: 300mA, ch2: 100mA) with ON/OFF Switch
XC6419DB08ER-G TOREX-XC6419DB08ER-G Datasheet
767Kb / 29P
   Dual LDO Regulator (ch1: 300mA, ch2: 100mA) with ON/OFF Switch
More results

Similar Description - XC6419DB26ER

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6419 TOREX-XC6419_1 Datasheet
767Kb / 29P
   Dual LDO Regulator (ch1: 300mA, ch2: 100mA) with ON/OFF Switch
XC6228 TOREX-XC6228 Datasheet
689Kb / 21P
   300mA High Speed LDO Regulator with ON/OFF Switch
XC6238 TOREX-XC6238 Datasheet
1Mb / 28P
   300mA High Speed LDO Regulator with ON/OFF Switch
XC6415 TOREX-XC6415_1 Datasheet
521Kb / 22P
   Dual LDO Regulators with ON/OFF Switch
XC6415 TOREX-XC6415 Datasheet
466Kb / 23P
   Dual LDO Regulators with ON/OFF Switch
logo
Richtek Technology Corp...
RT9012 RICHTEK-RT9012_11 Datasheet
316Kb / 11P
   300mA Dual LDO Regulator with POR
RT9055 RICHTEK-RT9055 Datasheet
208Kb / 9P
   300mA Dual LDO Regulator
RT9012 RICHTEK-RT9012 Datasheet
314Kb / 11P
   300mA Dual LDO Regulator with POR
logo
Torex Semiconductor
XC6224 TOREX-XC6224 Datasheet
490Kb / 26P
   150mA High Speed LDO Voltage Regulator with ON/OFF Switch
logo
Catalyst Semiconductor
CAT6221 CATALYST-CAT6221 Datasheet
761Kb / 11P
   300mA CMOS Dual LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com