Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STS-100 Datasheet(PDF) 6 Page - Connor-Winfield Corporation

Part # STS-100
Description  Synchronous Timing Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

STS-100 Datasheet(HTML) 6 Page - Connor-Winfield Corporation

  STS-100 Datasheet HTML 1Page - Connor-Winfield Corporation STS-100 Datasheet HTML 2Page - Connor-Winfield Corporation STS-100 Datasheet HTML 3Page - Connor-Winfield Corporation STS-100 Datasheet HTML 4Page - Connor-Winfield Corporation STS-100 Datasheet HTML 5Page - Connor-Winfield Corporation STS-100 Datasheet HTML 6Page - Connor-Winfield Corporation STS-100 Datasheet HTML 7Page - Connor-Winfield Corporation STS-100 Datasheet HTML 8Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Data Sheet #: TM026
Page 6 of 8
Rev: P03
Date: 4/25/06
© Copyright 2006 The Connor-Winfield Corp. All Rights Reserved Specifications subject to change without notice
Microprocessor Interface
The STS-100 has a microprocessor interface incorporated into the module. The module can be configured to function in the
modes listed in Table 2. The module is configured by using pins UPSEL[2:0].
Table 7
UPSEL[2:0]
MODE
000
Off
001
EEPROM
010
Multiplexed
011
INTEL
100
MOTOROLA
101
Serial
110
Off
111
Off
MOTOROLA mode: Parallel data + address. Compatible with 68x0 type bus.
INTEL mode: Parallel data + address. Compatible with 80x86 type bus.
Multiplexed mode: Data/address. Mode is suitable for microprocessors, which share bus signals between data and address.
Serial mode: Compatible with serial interface.
EEPROM mode: This mode is suitable for use with an EEPROM, in which configuration information is stored (one way
communication- status information not accessible).
Note: For timing diagrams and additional details, please refer to the ACS8530 data sheet.
Package Dimensions
Maximum Board Dimension: L x W x H = 2” x 2” x 0.5”
Fig 3


Similar Part No. - STS-100

ManufacturerPart #DatasheetDescription
logo
Silonex Inc.
STS-8831 SILONEX-STS-8831 Datasheet
25Kb / 1P
   Dual Channel Optical Switch Assembly Over / Under Optical Axis
STS-8857 SILONEX-STS-8857 Datasheet
23Kb / 1P
   Transmissive Switch Assembly
logo
List of Unclassifed Man...
STS-D-002GG-P0.6 ETC2-STS-D-002GG-P0.6 Datasheet
224Kb / 8P
   APPLICATION TOOLING
logo
NICHIA CORPORATION
STS-DA1-6102D NICHIA-STS-DA1-6102D Datasheet
1Mb / 44P
   SPECIFICATIONS FOR WHITE LED
STS-DA7-16974A NICHIA-STS-DA7-16974A Datasheet
1Mb / 44P
   SPECIFICATIONS FOR WHITE LED
More results

Similar Description - STS-100

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
82P33714 IDT-82P33714_18 Datasheet
1Mb / 63P
   Synchronous Equipment Timing Source
82P33731 IDT-82P33731_17 Datasheet
848Kb / 65P
   Synchronous Equipment Timing Source
logo
Renesas Technology Corp
82P33714 RENESAS-82P33714 Datasheet
1Mb / 63P
   Synchronous Equipment Timing Source for Synchronous Ethernet
August 21, 2018
logo
Tyco Electronics
VTM3 MACOM-VTM3 Datasheet
229Kb / 1P
   Interval Timing Module
logo
Integrated Device Techn...
82P33714 IDT-82P33714 Datasheet
241Kb / 13P
   Synchronous Equipment Timing Source for Synchronous Ethernet
82P33714 IDT-82P33714_17 Datasheet
878Kb / 64P
   Synchronous Equipment Timing Source for Synchronous Ethernet
logo
EUROQUARTZ limited
TMA EUROQUARTZ-TMA Datasheet
129Kb / 2P
   TMA SERIES SYNCHRONOUS TIMING MODULES
TMB EUROQUARTZ-TMB Datasheet
120Kb / 1P
   TMB SERIES SYNCHRONOUS TIMING MODULES
logo
Tyco Electronics
VTM1 MACOM-VTM1 Datasheet
223Kb / 1P
   On-Delay Timing Module
logo
List of Unclassifed Man...
STM-S3E ETC1-STM-S3E Datasheet
837Kb / 16P
   Stratum 3E Timing Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com