Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM-S3E Datasheet(PDF) 6 Page - Connor-Winfield Corporation

Part # STM-S3E
Description  Stratum 3E Timing Module
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

STM-S3E Datasheet(HTML) 6 Page - Connor-Winfield Corporation

Back Button STM-S3E Datasheet HTML 2Page - Connor-Winfield Corporation STM-S3E Datasheet HTML 3Page - Connor-Winfield Corporation STM-S3E Datasheet HTML 4Page - Connor-Winfield Corporation STM-S3E Datasheet HTML 5Page - Connor-Winfield Corporation STM-S3E Datasheet HTML 6Page - Connor-Winfield Corporation STM-S3E Datasheet HTML 7Page - Connor-Winfield Corporation STM-S3E Datasheet HTML 8Page - Connor-Winfield Corporation STM-S3E Datasheet HTML 9Page - Connor-Winfield Corporation STM-S3E Datasheet HTML 10Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Preliminary Data Sheet #: TM012
Page 6 of 16
Rev: P06
Date: 05/20/ 02
© Copyright 2002 The Connor-Winfield Corp. All Rights Reserved Specifications subject to change without notice
CNTLB CNTLA
Mode
Status1Status0 Alarm
RFL
LOR
PBO
Condition
0
0
Free Run
001000
0
0
Free Run
001100
0
1
Reference #1
010000
Normal Operation
0
1
Reference #1
011000
Unit is in Fast Acquire mode
0
1
Reference #1
010100
Output freq. is 15 ppm or more
from Free Run mode freq.
0
1
Reference #1
010010
Selected reference signal is not
detected and unit is in pseudo-
Hold Over*
0
1
Reference #1
010001
Phase build-out is occuring on
selected reference
0
1
Reference #1
011001
Phase build-out is occuring and
has continuously occurred for at
least 0.4 seconds and the unit is
in pseudo-Hold Over*
1
0
Reference #2
100000
Normal Operation
1
0
Reference #2
101000
Unit is in Fast Acquire mode
1
0
Reference #2
100100
Output freq. is 15 ppm or more
from Free Run mode freq.
1
0
Reference #2
100010
Selected reference signal is not
detected and unit is in pseudo-
Hold Over*
1
0
Reference #2
100001
Phase build-out is occuring on
selected reference
1
0
Reference #2
101001
Phase build-out is occuring and
has continuously occurred for at
least 0.4 seconds and the unit is
in pseudo-Hold Over*
1
1
Hold Over
111000
1
1
Hold Over
111100
Functional Truth Table
Table 8
*Psuedo-Hold Over is a condition when the module is no longer tracking a reference and is holding the last output that was sent to
the Sync_Out pin. Variations in the output frequency are due only to the drift of the OCXO.


Similar Part No. - STM-S3E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STM-S3E ETC1-STM-S3E Datasheet
837Kb / 16P
   Stratum 3E Timing Module
More results

Similar Description - STM-S3E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STM-S3E ETC1-STM-S3E Datasheet
837Kb / 16P
   Stratum 3E Timing Module
logo
Connor-Winfield Corpora...
STL-S3E CONNOR-WINFIELD-STL-S3E Datasheet
975Kb / 24P
   Stratum 3E Timing Module
STC3800 CONNOR-WINFIELD-STC3800 Datasheet
523Kb / 48P
   INTEGRATED - STRATUM 3E TIMING SOURCE
STC3800 CONNOR-WINFIELD-STC3800_15 Datasheet
530Kb / 48P
   INTEGRATED - STRATUM 3E TIMING SOURCE
logo
Maxim Integrated Produc...
DS3100 MAXIM-DS3100 Datasheet
1Mb / 226P
   Stratum 3/3E Timing Card IC
REV: 060607
logo
Dallas Semiconductor
DS3101 DALLAS-DS3101 Datasheet
1Mb / 149P
   Stratum 3/3E Timing Card IC
logo
Connor-Winfield Corpora...
SM3E CONNOR-WINFIELD-SM3E Datasheet
389Kb / 36P
   ULTRA MINIATURE STRATUM 3E MODULE
logo
Maxim Integrated Produc...
DS3101 MAXIM-DS3101 Datasheet
670Kb / 150P
   Stratum 2/3E/3 Timing Card IC
Rev 4; 5/09
DS3100 MAXIM-DS3100_09 Datasheet
1Mb / 227P
   Stratum 2/3E/3 Timing Card IC
Rev 9; 5/09
logo
Connor-Winfield Corpora...
SM3E CONNOR-WINFIELD-SM3E_15 Datasheet
981Kb / 36P
   ULTRA MINIATURE STRATUM 3E MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com