Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

STM-S3 Datasheet(PDF) 6 Page - Connor-Winfield Corporation

Part No. STM-S3
Description  STRATUM 3 SIMPLIFIED CONTROL TIMING MODULES
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CONNOR-WINFIELD [Connor-Winfield Corporation]
Homepage  http://www.conwin.com
Logo 

STM-S3 Datasheet(HTML) 6 Page - Connor-Winfield Corporation

   
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
THE CONNOR-WINFIELD CORP.
2111 COMPREHENSIVE DRIVE.
AURORA, IL 60505.
FAX (630) 851-5040.
PHONE (630) 851-4722
HTTP://WWW.CONWIN.COM
DATA SHEET #: ____________ PAGE______ OF _______ REV:________ DATE:____________
CONNOR
WINFIELD
© Copyright 2000 Connor-Winfield all rights reserved.
Specifications subject to change without notice.
TM000
1/3/2000
04
NETWORK ELEMENT TIMING GENERATOR
STRATUM 3 SIMPLIFIED CONTROL
TIMING MODULES (STM-S3)
INT
6
6
MECHANICAL SHOCK 883D 2002 CONDITION B
1500 G’s 0.5 ms.
VIBRATION 883D-2007 C0NDITION A
0.06” DA or 20 g Peak Acceleration 20 to 2000 Hz.
MECHANICAL CHARACTERISTICS
APPLICATIONS CIRCUIT DIAGRAM
ENVIRONMENTAL CHARACTERISTICS
TEMPERATURE CYCLE 883D METHOD 1010.7 CONDITION B
10 Cycles -55 to +125 Degrees C.
HTOB - HIGH TEMPERATURE OPERATING BIAS
1000 Hours +125 Degrees C.
FACTORY RELIABILITY AUDIT
TEMPERATURE CYCLE
500 Cycles -55 to +125 Degrees C.
HTOB - HIGH TEMPERATURE OPERATING BIAS
1000 Hours +125 Degrees C.
PARTS TO BE QUALIFIED TO BELLCORE TR-NWT-00357
TEMPERATURE CYCLE
-40 to +85 Degrees C.
72 HOUR BURN-IN
+25 Degrees C.
STM-S3
PACKAGE
WITH COVER
BOTTOM VIEW
“A-A”
DETAIL “A-A”
.078 (1.98mm)
.040 (1.02mm)
.120
(3.05mm)
.030
(.762mm)
.180
(4.572mm)
2.400
(60.96mm)
2.000
(50.80mm)
.192
(4.876mm)
3.937
(100mm)
.300 TYP (22)
(7.62mm)
.445
(11.30mm)
PIN 1
.200
(5.08mm)
.600
(15.24mm)
24
1
23
2
22
3
21
4
20
5
19
6
18
7
17
8
16
9
15
10
13
12
14
11
BLOCK DIAGRAM
NETWORK
TIMING
REFERENCE
INPUT
eg. BITS CLOCK,etc.
FREE RUN CLOCK
COPY
SYSTEM
CLOCK
SYSTEM
CONTROL
ANDDATA
INPUTS
LOSSOF
REFERENCE
MONITOR
SECTION
+5Vdc
EXREF1
GND
EXREF2
GND
CLK_OUT
GND
SYNC_OUT
GND
PLL TVL
HOLDLAST
REF 1
REF 2
FRERUN
GND
ALARM OUT
CNTL A
CNTL B
BLOCK DIAGRAM
5 VOLT DC
POWER
SUPPLY


Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MSTM-S3-RSTRATUM 3 SIMPLIFIED CONTROL TIMING MODULES 1 2 3 4 5 MoreConnor-Winfield Corporation
MSTM-S3-T2-FDSTRATUM 3 SIMPLIFIED CONTROL TIMING MODULES 1 2 3 4 5 MoreConnor-Winfield Corporation
MSTM-S3-T2NCSTRATUM 3 SIMPLIFIED CONTROL TIMING MODULES 1 2 3 4 5 MoreConnor-Winfield Corporation
MSTM-S4ESTRATUM 4E SIMPLIFIED CONTROL TIMING MODULES 1 2 3 4 5 Connor-Winfield Corporation
MSTM-S3STRATUM 3 SIMPLIFIED CONTROL TIMING MODULES 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MSTM-S3STRATUM 3 SIMPLIFIED CONTROL TIMING MODULES 1 2 3 4 5 MoreConnor-Winfield Corporation
MSTM-SEC1Simplified Control Timing Module 1 2 3 4 5 MoreConnor-Winfield Corporation
MSTM-S3-TRStratum 3 Timing Module 1 2 3 4 5 MoreConnor-Winfield Corporation
ICS9LPR426ALow Power Programmable Timing Control Hub™ for P4™ processor 1 2 3 4 5 MoreIntegrated Circuit Systems
TSOP38230IR Receiver Modules for Remote Control Systems 1 2 3 4 5 MoreVishay Siliconix

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn