Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

STM-S3 Datasheet(PDF) 5 Page - Connor-Winfield Corporation

Part No. STM-S3
Description  STRATUM 3 SIMPLIFIED CONTROL TIMING MODULES
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CONNOR-WINFIELD [Connor-Winfield Corporation]
Homepage  http://www.conwin.com
Logo 

STM-S3 Datasheet(HTML) 5 Page - Connor-Winfield Corporation

   
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
THE CONNOR-WINFIELD CORP.
2111 COMPREHENSIVE DRIVE.
AURORA, IL 60505.
FAX (630) 851-5040.
PHONE (630) 851-4722
HTTP://WWW.CONWIN.COM
DATA SHEET #: ____________ PAGE______ OF _______ REV:________ DATE:____________
CONNOR
WINFIELD
© Copyright 2000 Connor-Winfield all rights reserved.
Specifications subject to change without notice.
TM000
1/3/2000
04
NETWORK ELEMENT TIMING GENERATOR
STRATUM 3 SIMPLIFIED CONTROL
TIMING MODULES (STM-S3)
INT
5
6
STM-S3
PIN #
1
HLDOVR
-Output. High when the control inputs select Holdover.
2
REF _1
-Ouput. High when the control inputs select EX REF_1.
3
REF_2
-Output. High when the control inputs select EX REF_2.
4
FRERUN
-Output. High when the control input selects Free Run.
5
Gnd
-Ground.
10
ALARM_OUT
-Ouput. =1,If (FRERUN + HOLDOVER + LOS + LOL + PLL_TVL) .
11
CNTL_A
-Mode control input.
12
CNTL_B
-Mode control input.
13
PLL_TVL
-Tuning Voltage Alarm. =1 If CAPTURE RANGE NEAR 10% OF EXTREME (~11ppm).
14
Gnd
-Ground.
15
SYNC_OUT
-Syncronized output.
17
Gnd
-Ground.
18
CLK_OUT
-Stratum 3 TCXO output. (Non-synchronized).
20
Gnd
-Ground.
21
EX_REF_2
-External Reference #2 Input. (8 KHz)
22
Gnd
-Ground.
23
EX_REF_1
-Input. External Reference #1 Input. (8 KHz)
24
+5 Vdc
+5 Volt DC supply.
PIN DESCRIPTION
NOTES:
2.0
Holdover stability is the cumulative fractional frequency offset containing Initial Offset, Temperature, and Drift components as described by
Bellcore GR-1244-CORE 5.2.
3.0
Pull-in range is the minimum frequency deviation on the reference inputs to the timing module that can be overcome to pull itself into synchronization
with the reference.
4.0
After 100 seconds at stable room temperature.
5.0
Consult factory for other output frequencies.
6.0
Ref- GR1244-CORE 3.2.1 R3-1.
7.0
A ‘1’ level indicates unit is within the extreme 10% of its operating range tracking the reference (~11ppm). Consult factory for use as a reference
quilifier.
8.0
Add ‘-T2’ to model number.
9.0
Consult factory for power dissipation of -T2 (0 to +70 deg. C.) devices.
NOTES FOR TABLES 1-3


Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MSTM-S3-RSTRATUM 3 SIMPLIFIED CONTROL TIMING MODULES 1 2 3 4 5 MoreConnor-Winfield Corporation
MSTM-S3-T2-FDSTRATUM 3 SIMPLIFIED CONTROL TIMING MODULES 1 2 3 4 5 MoreConnor-Winfield Corporation
MSTM-S3-T2NCSTRATUM 3 SIMPLIFIED CONTROL TIMING MODULES 1 2 3 4 5 MoreConnor-Winfield Corporation
MSTM-S4ESTRATUM 4E SIMPLIFIED CONTROL TIMING MODULES 1 2 3 4 5 Connor-Winfield Corporation
MSTM-S3STRATUM 3 SIMPLIFIED CONTROL TIMING MODULES 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MSTM-S3STRATUM 3 SIMPLIFIED CONTROL TIMING MODULES 1 2 3 4 5 MoreConnor-Winfield Corporation
MSTM-SEC1Simplified Control Timing Module 1 2 3 4 5 MoreConnor-Winfield Corporation
MSTM-S3-TRStratum 3 Timing Module 1 2 3 4 5 MoreConnor-Winfield Corporation
ICS9LPR426ALow Power Programmable Timing Control Hub™ for P4™ processor 1 2 3 4 5 MoreIntegrated Circuit Systems
TSOP38230IR Receiver Modules for Remote Control Systems 1 2 3 4 5 MoreVishay Siliconix

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn