Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

STM-S3 Datasheet(PDF) 4 Page - Connor-Winfield Corporation

Part No. STM-S3
Description  STRATUM 3 SIMPLIFIED CONTROL TIMING MODULES
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CONNOR-WINFIELD [Connor-Winfield Corporation]
Homepage  http://www.conwin.com
Logo 

STM-S3 Datasheet(HTML) 4 Page - Connor-Winfield Corporation

   
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
THE CONNOR-WINFIELD CORP.
2111 COMPREHENSIVE DRIVE.
AURORA, IL 60505.
FAX (630) 851-5040.
PHONE (630) 851-4722
HTTP://WWW.CONWIN.COM
DATA SHEET #: ____________ PAGE______ OF _______ REV:________ DATE:____________
CONNOR
WINFIELD
© Copyright 2000 Connor-Winfield all rights reserved.
Specifications subject to change without notice.
TM000
1/3/2000
04
NETWORK ELEMENT TIMING GENERATOR
STRATUM 3 SIMPLIFIED CONTROL
TIMING MODULES (STM-S3)
INT
TABLES OF CONTENTS
ABSOLUTE MAXIMUM RATING
TABLE 1.0
INPUT AND OUTPUT CHARACTERISTICS
TABLE 2.0
NOTE 1.0:
Operation of the device at these or any other conditions beyond those listed under Rocommended Operating
Conditions is not implied. Exposure to Absolute Maximum Ratings conditions for extended periods of time may affect device reliability.
SPECIFICATIONS
TABLE 3.0
4
6
L
O
B
M
Y
SR
E
T
E
M
A
R
A
PM
U
M
I
N
I
ML
A
N
I
M
O
NM
U
M
I
X
A
MS
T
I
N
US
E
T
O
N
c
c
V)
D
N
G
o
t
c
c
V
(
e
g
a
tl
o
v
y
l
p
p
u
s
r
e
w
o
P5
.
0
-0
.
7
+s
tl
o
V0
.
1
V
N
I
d
n
u
o
r
g
o
t
t
c
e
p
s
e
r
h
ti
w
e
g
a
tl
o
v
t
u
p
n
I5
.
0
-5
.
0
+
c
c
Vs
tl
o
V0
.
1
T
G
T
S
e
r
u
t
a
r
e
p
m
e
t
e
g
a
r
o
t
S0
.
5
6
-0
.
0
5
1
+C
.
g
e
d0
.
1
L
O
B
M
Y
SR
E
T
E
M
A
R
A
PM
U
M
I
N
I
ML
A
N
I
M
O
NM
U
M
I
X
A
MS
T
I
N
US
E
T
O
N
V
H
I
)
e
l
b
it
a
p
m
o
C
L
T
T
(
e
g
a
tl
o
v
t
u
p
n
i
l
e
v
e
l
h
g
i
H0
.
2c
c
VV
V
L
I
)
e
l
b
it
a
p
m
o
C
L
T
T
(
e
g
a
tl
o
v
t
u
p
n
i
l
e
v
e
l
w
o
L0
8
.
0V
T
N
I
e
m
it
n
o
it
i
s
n
a
rt
l
a
n
g
i
s
t
u
p
n
I
0
5
2S
n
C
N
I
e
c
n
a
ti
c
a
p
a
c
t
u
p
n
I
5
1F
p
V
H
O
I
@
e
g
a
tl
o
v
t
u
p
t
u
o
l
e
v
e
l
h
g
i
H
H
O
,
A
m
0
.
8
-
=
m
u
m
i
n
i
m
c
c
V
6
8
.
3V
V
L
O
I
@
e
g
a
tl
o
v
t
u
p
t
u
o
l
e
v
e
l
w
o
L
L
O
,
A
m
0
.
8
=
m
u
m
i
x
a
m
c
c
V
4
.
0V
T
L
H
o
n
,
w
o
l-
o
t-
h
g
i
h
e
m
it
n
o
it
i
s
n
a
rt
t
u
o
k
c
o
l
C
d
a
o
l
0
.
4S
n
T
H
L
o
n
,
h
g
i
h
-
o
t-
w
o
l
e
m
it
n
o
it
i
s
n
a
rt
t
u
o
k
c
o
l
C
d
a
o
l
0
.
4S
n
T
P
I
R
e
s
l
u
p
e
v
it
i
s
o
p
l
a
n
g
i
s
e
c
n
e
r
e
f
e
r
z
H
K
8
t
u
p
n
I
h
t
d
i
w
0
3S
n
T
N
I
R
e
s
l
u
p
e
v
it
a
g
e
n
l
a
n
g
i
s
e
c
n
e
r
e
f
e
r
z
H
K
8
t
u
p
n
I
h
t
d
i
w
0
3S
n
T
1
P
O
e
r
u
t
a
r
e
p
m
e
T
g
n
it
a
r
e
p
O
d
r
a
d
n
a
t
S0
0
5C
.
g
e
d
T
2
P
O
e
r
u
t
a
r
e
p
m
e
T
g
n
it
a
r
e
p
O
l
a
n
o
it
p
O0
0
7C
.
g
e
d0
.
8
R
E
T
E
M
A
R
A
P
S
E
T
O
N
e
g
n
a
R
y
c
n
e
u
q
e
r
F
z
H
M
4
4
.
9
1
,
z
H
M
4
8
3
.
6
10
.
5
t
n
e
r
r
u
C
y
l
p
p
u
S
z
H
M
4
8
3
.
6
1
t
a
l
a
c
i
p
y
T
A
m
0
60
.
9
s
t
u
p
n
I
e
c
n
e
r
e
f
e
R
g
n
i
m
i
T
z
H
K
80
.
6
e
c
n
a
r
e
l
o
T
e
s
a
h
P
d
n
a
r
e
tt
i
J
4
.
4
-
2
.
4
E
R
O
C
-
4
4
2
1
-
R
G
-f
e
R
n
o
it
a
r
e
n
e
G
r
e
d
n
a
W
3
.
5
E
R
O
C
-
4
4
2
1
-
R
G
-f
e
R
y
c
a
r
u
c
c
A
n
u
R
-
e
e
r
F
m
p
p
6
.
4
±
y
ti
li
b
a
t
S
r
e
v
o
d
l
o
H
m
p
p
7
3
.
0
±0
.
2
t
e
s
ff
O
l
a
it
i
n
I
m
p
p
5
0
.
0
e
r
u
t
a
r
e
p
m
e
T
m
p
p
8
2
.
0
tf
ir
D
m
p
p
4
0
.
0
y
r
o
t
s
i
H
r
e
v
o
d
l
o
H
s
d
n
o
c
e
s
0
3
e
g
n
a
R
n
i-
d
l
o
H
/
n
i-
ll
u
P
m
u
m
i
n
i
M
m
p
p
6
.
4
±0
.
3
e
m
i
T
k
c
o
L
s
c
e
s
0
0
1
<
d
o
ir
e
P
n
o
it
c
e
r
r
o
C
S
u
5
2
1
m
r
a
l
A
L
V
T
ti
m
il
l
a
n
o
it
a
r
e
p
o
g
n
ir
a
e
n
e
c
n
e
r
e
f
e
R
:
G
N
I
N
R
A
W
=
10
.
7


Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MSTM-S3-RSTRATUM 3 SIMPLIFIED CONTROL TIMING MODULES 1 2 3 4 5 MoreConnor-Winfield Corporation
MSTM-S3-T2-FDSTRATUM 3 SIMPLIFIED CONTROL TIMING MODULES 1 2 3 4 5 MoreConnor-Winfield Corporation
MSTM-S3-T2NCSTRATUM 3 SIMPLIFIED CONTROL TIMING MODULES 1 2 3 4 5 MoreConnor-Winfield Corporation
MSTM-S4ESTRATUM 4E SIMPLIFIED CONTROL TIMING MODULES 1 2 3 4 5 Connor-Winfield Corporation
MSTM-S3STRATUM 3 SIMPLIFIED CONTROL TIMING MODULES 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MSTM-S3STRATUM 3 SIMPLIFIED CONTROL TIMING MODULES 1 2 3 4 5 MoreConnor-Winfield Corporation
MSTM-SEC1Simplified Control Timing Module 1 2 3 4 5 MoreConnor-Winfield Corporation
MSTM-S3-TRStratum 3 Timing Module 1 2 3 4 5 MoreConnor-Winfield Corporation
ICS9LPR426ALow Power Programmable Timing Control Hub™ for P4™ processor 1 2 3 4 5 MoreIntegrated Circuit Systems
TSOP38230IR Receiver Modules for Remote Control Systems 1 2 3 4 5 MoreVishay Siliconix

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn