Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STL-S3E Datasheet(PDF) 8 Page - Connor-Winfield Corporation

Part # STL-S3E
Description  Stratum 3E Timing Module
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

STL-S3E Datasheet(HTML) 8 Page - Connor-Winfield Corporation

Back Button STL-S3E Datasheet HTML 4Page - Connor-Winfield Corporation STL-S3E Datasheet HTML 5Page - Connor-Winfield Corporation STL-S3E Datasheet HTML 6Page - Connor-Winfield Corporation STL-S3E Datasheet HTML 7Page - Connor-Winfield Corporation STL-S3E Datasheet HTML 8Page - Connor-Winfield Corporation STL-S3E Datasheet HTML 9Page - Connor-Winfield Corporation STL-S3E Datasheet HTML 10Page - Connor-Winfield Corporation STL-S3E Datasheet HTML 11Page - Connor-Winfield Corporation STL-S3E Datasheet HTML 12Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
Preliminary Data Sheet #: TM048
Page 8 of 24
Rev: P00
Date: 05/13/04
© Copyright 2004 The Connor-Winfield Corp. All Rights Reserved Specifications subject to change without notice
Manual Mode
During manual operation, the mode of operation is determined by the user through either the external control pins CNTRL3:1 or
internal configuration bits CF3:1 (see Table 7). The default configuration is to have external control, but this can be changed to
internal control by setting the INT bit the memory-mapped registers via the SPI por t. During manual operation, the user can select
Free Run, Hold Over, or locked operation. Any of the six input references can be selected for the unit to track.
If the module is locked to a reference and that reference becomes disqualified, the module will automatically go into Hold Over.
If the module has been phase-locked to the current reference for at least 50 seconds and is in the final stage of the filter (as
indicated in register 0Eh), the Hold Over value will be derived from the data from the current reference. If the module has been
phase-locked to the current reference for less than 50 seconds, then the last valid Hold Over value will be used. If the control bits/
pins remain in the same selection that caused the unit to go into Hold Over, the unit will remain in Hold Over until the reference is re-
qualified. At that time, after a minimum 10s soak time, the unit will attempt to relock to the same reference.
If the external user control pins select a new reference that the module has not qualified, the module will switch into the last valid
Hold Over value. If the module has not yet established a valid Hold Over, the module will return to the pre-programmed Free Run
value. As soon as the module qualifies the selected reference, it will begin the locking process.
At no time during manual mode will the unit attempt to lock to a reference that is not selected by the external pins/internal bits.
The only mode that the unit will enter automatically is into Hold Over or Free Run, and that is due to a disqualification of the
selected reference.
Fast Acquisition
Lock
Free Run
Hold Over
User selects Hold Over
Use
r sele
cts Free
Run or resets Hold
Ove
r h
ist
or
y
sq
ua
lifi
ed
Us
er
se
le
cts
Hold
O
ve
r
or
ac
tiv
e
ref
ere
nce
is
disq
uali
fie
d
Use
rs
elec
tsF
reeR
un
or
ac
tiv
e
ref
ere
nce
is
disqu
alifi
ed
and
there
is
no
va
lid
H
oldO
ve
r h
istor
y
Manual Mode State Diagram
Figure 4


Similar Part No. - STL-S3E

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
STL-S3 CONNOR-WINFIELD-STL-S3 Datasheet
1Mb / 24P
   Stratum 3 Timing Module
More results

Similar Description - STL-S3E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STM-S3E ETC1-STM-S3E Datasheet
837Kb / 16P
   Stratum 3E Timing Module
logo
Connor-Winfield Corpora...
STM-S3E CONNOR-WINFIELD-STM-S3E Datasheet
835Kb / 16P
   Stratum 3E Timing Module
STC3800 CONNOR-WINFIELD-STC3800 Datasheet
523Kb / 48P
   INTEGRATED - STRATUM 3E TIMING SOURCE
STC3800 CONNOR-WINFIELD-STC3800_15 Datasheet
530Kb / 48P
   INTEGRATED - STRATUM 3E TIMING SOURCE
logo
Maxim Integrated Produc...
DS3100 MAXIM-DS3100 Datasheet
1Mb / 226P
   Stratum 3/3E Timing Card IC
REV: 060607
logo
Dallas Semiconductor
DS3101 DALLAS-DS3101 Datasheet
1Mb / 149P
   Stratum 3/3E Timing Card IC
logo
Connor-Winfield Corpora...
SM3E CONNOR-WINFIELD-SM3E Datasheet
389Kb / 36P
   ULTRA MINIATURE STRATUM 3E MODULE
logo
Maxim Integrated Produc...
DS3101 MAXIM-DS3101 Datasheet
670Kb / 150P
   Stratum 2/3E/3 Timing Card IC
Rev 4; 5/09
DS3100 MAXIM-DS3100_09 Datasheet
1Mb / 227P
   Stratum 2/3E/3 Timing Card IC
Rev 9; 5/09
logo
Connor-Winfield Corpora...
SM3E CONNOR-WINFIELD-SM3E_15 Datasheet
981Kb / 36P
   ULTRA MINIATURE STRATUM 3E MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com