Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STC4130 Datasheet(PDF) 8 Page - Connor-Winfield Corporation

Part # STC4130
Description  Synchronous Clock for SETS
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

STC4130 Datasheet(HTML) 8 Page - Connor-Winfield Corporation

Back Button STC4130 Datasheet HTML 4Page - Connor-Winfield Corporation STC4130 Datasheet HTML 5Page - Connor-Winfield Corporation STC4130 Datasheet HTML 6Page - Connor-Winfield Corporation STC4130 Datasheet HTML 7Page - Connor-Winfield Corporation STC4130 Datasheet HTML 8Page - Connor-Winfield Corporation STC4130 Datasheet HTML 9Page - Connor-Winfield Corporation STC4130 Datasheet HTML 10Page - Connor-Winfield Corporation STC4130 Datasheet HTML 11Page - Connor-Winfield Corporation STC4130 Datasheet HTML 12Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
Data Sheet #: TM084
Page 8 of 44
Rev: P02
Date: 12/5/06
© Copyright 200
6 The Connor-Winfield Corp. All Rights Reserved Specifications subject to change without notice
STC4130
Synchronous Clock for SETS
Data Sheet
0x45
T4_Short_Term_Accu_History
31-0
R
Short term Accumulated History for T4 relative to the TCXO
0x49
T4_User_Accu_History
31-0
R/W
User Holdover data for T4 relative to the TCXO
0x4d
T4_HO_BW_Ramp
7-0
R/W
Bits7-4, Long term history accumuation bandwidth: 9.7, 4.9, 2.4, 1.2,
0.61, 0.03 mHz
Bits3-2, Short term history accumulation bandwidth: 2.5, 1.24, 0.62,
0.31 mHz
Bit21:0, Ramp control: none, 1, 1.5, 2 ppm/S
0x4e
T4_Priority_Table
47-0
R/W
REF1-12 selection priority for automatic mode, 4 bits/reference
0x54
T4_PLL_Status
7-0
R
LTH Avail, LTH Complete, OOP, LOL, LOS, Sync
0x55
T4_Accu_Flush
0-0
W
0: Flush current history, 1: Flush all histories
0x56
CLK0_Sel
0-0
R/W
155.52 MHz clock enable/disable for CLK0
0x57
CLK1_Sel
1-0
R/W
19.44MHz/38.88MHz/77.76MHz or disable select for CLK1
0x58
CLK2_Sel
1-0
R/W
19.44MHz/38.88MHz/77.76MHz or disable select for CLK2
0x59
CLK3_Sel
5-0
R/W
8KHz output 50% duty cycle or pulse width selection for CLK3
0x5a
CLK4_Sel
5-0
R/W
2KHz output 50% duty cycle or pulse width selection for CLK4
0x5b
CLK5_Sel
1-0
R/W
DS3/E3 select for CLK5
0x5c
CLK6_Sel
3-0
R/W
DS1 x n / E1 x n selector for CLK6
0x5d
CLK7_Sel
1-0
R/W
Ds1/E1 selector for CLK7
0x5e
Intr_Event
9-0
R/W
Interrupt event
0x60
Intr_Enable
9-0
R/W
Interrupt enable
Table 4: Register Map
Addr
Reg Name
Bits
Type
Description


Similar Part No. - STC4130

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STC4130 ETC2-STC4130 Datasheet
416Kb / 44P
   Synchronous Clock for SETS
STC4130-I ETC2-STC4130-I Datasheet
416Kb / 44P
   Synchronous Clock for SETS
More results

Similar Description - STC4130

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
STC5423 CONNOR-WINFIELD-STC5423 Datasheet
1Mb / 60P
   Synchronous Clock for SETS
STC5428 CONNOR-WINFIELD-STC5428 Datasheet
1Mb / 66P
   Synchronous Clock for SETS
STC5230 CONNOR-WINFIELD-STC5230 Datasheet
791Kb / 48P
   Synchronous Clock for SETS
STC5420 CONNOR-WINFIELD-STC5420 Datasheet
2Mb / 70P
   Synchronous Clock for SETS
STC5455 CONNOR-WINFIELD-STC5455 Datasheet
919Kb / 56P
   Synchronous Clock for SETS
logo
List of Unclassifed Man...
STC4130 ETC2-STC4130 Datasheet
416Kb / 44P
   Synchronous Clock for SETS
734200-1 ETC2-734200-1 Datasheet
51Kb / 1P
   HNADTOL FOR CHANGEABLE DIE SETS
logo
Renesas Technology Corp
8A34046 RENESAS-8A34046 Datasheet
2Mb / 101P
   SETS for SyncE and OTN
February 22, 2022
logo
List of Unclassifed Man...
SCG4501 ETC2-SCG4501 Datasheet
1Mb / 16P
   Synchronous Clock Generators
logo
Connor-Winfield Corpora...
SCG3050 CONNOR-WINFIELD-SCG3050 Datasheet
795Kb / 12P
   Synchronous Clock Generators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com