Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM3E-038.88M Datasheet(PDF) 5 Page - Connor-Winfield Corporation

Part # SM3E-038.88M
Description  ULTRA MINIATURE STRATUM 3E MODULE
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

SM3E-038.88M Datasheet(HTML) 5 Page - Connor-Winfield Corporation

  SM3E-038.88M Datasheet HTML 1Page - Connor-Winfield Corporation SM3E-038.88M Datasheet HTML 2Page - Connor-Winfield Corporation SM3E-038.88M Datasheet HTML 3Page - Connor-Winfield Corporation SM3E-038.88M Datasheet HTML 4Page - Connor-Winfield Corporation SM3E-038.88M Datasheet HTML 5Page - Connor-Winfield Corporation SM3E-038.88M Datasheet HTML 6Page - Connor-Winfield Corporation SM3E-038.88M Datasheet HTML 7Page - Connor-Winfield Corporation SM3E-038.88M Datasheet HTML 8Page - Connor-Winfield Corporation SM3E-038.88M Datasheet HTML 9Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
Data Sheet #: TM054
Page 5 of 36 Rev: 02
Date: 11/07/08
© Copyright 2008 The Connor-Winfield Corp. All Rights Reserved Specifications subject to change without notice
Register Map Continued
Table 3
0x0c
Ref_Available
Availability of 8 reference inputs
R
0x0d
Ref_Rev_Delay
Reference reversion delay time, 0 - 255 minutes
R/W
0x0e
Phase_Offset
Phase offset between M/S REF & M/S Output (for the Slave in
M/S operation) in 250ps resolution
R/W
0x0f
Calibration
Local oscillator digital calibration in 0.05 ppm resolution
R/W
0x10
Fr_Pulse_Width
Frame sync pulse width
R/W
0x11
DPLL_Status
Digital Phase Locked Loop status
R
0x12
Intr_Event
Interrupt events
R
0x13
Intr_Enable
Enable individual interrupt events
R/W
0x14
Ref1_Frq_Offset
Ref1 frequency offset in 0.2 ppm resolution
R
0x15
Ref2_Frq_Offset
Ref2 frequency offset in 0.2 ppm resolution
R
0x16
Ref3_Frq_Offset
Ref3 frequency offset in 0.2 ppm resolution
R
0x17
Ref4_Frq_Offset
Ref4 frequency offset in 0.2 ppm resolution
R
0x18
Ref5_Frq_Offset
Ref5 frequency offset in 0.2 ppm resolution
R
0x19
Ref6_Frq_Offset
Ref6 frequency offset in 0.2 ppm resolution
R
0x1a
Ref7_Frq_Offset
Ref7 frequency offset in 0.2 ppm resolution
R
0x1b
Ref8_Frq_Offset
Ref8 frequency offset in 0.2 ppm resolution
R
0x1c
Ref1_Frq_Priority
Ref1 frequency and priority
R/W
0x1d
Ref2_Frq_Priority
Ref2 frequency and priority
R/W
0x1e
Ref3_Frq_Priority
Ref3 frequency and priority
R/W
0x1f
Ref4_Frq_Priority
Ref4 frequency and priority
R/W
0x20
Ref5_Frq_Priority
Ref5 frequency and priority
R/W
0x21
Ref6_Frq_Priority
Ref6 frequency and priority
R/W
0x22
Ref7_Frq_Priority
Ref7 frequency and priority
R/W
0x23
Ref8_Frq_Priority
Ref8 frequency and priority
R/W
0x24
FreeRun Priority
Control and Priority for designation of Free Run as a reference
R/W
0x25
History_Policy
Sets policy for Hold Over history accumulation
R/W
0x26
History_CMD
Save, restore and flush comands for Hold Over history
R/W
0x27
HoldOver_Time
Indicates the time since entering Hold Over state
R
0x30
Cfgdata
Configuration data write register
R/W
0x31
Cfgctr_Lo
Configuration data write counter, low byte
R
0x32
Cfgctr_Hi
Configuration data write counter, high byte
R
0x33
Chksum
Configuration data checksum pass/fail indicator
R
0x35
EE_Wrt_Mode
Disables/Enables writing to the external EEPROM
R/W
0x37
EE_Cmd
Read/Write command & ready indication register for ext. EEPROM access
R/W
0x38
EE_Page_Num
Page number for external EEPROM access
R/W
0x39
EE_FIFO_Port
Read/Write data for external EEPROM access
R/W


Similar Part No. - SM3E-038.88M

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
SM3E CONNOR-WINFIELD-SM3E_15 Datasheet
981Kb / 36P
   ULTRA MINIATURE STRATUM 3E MODULE
More results

Similar Description - SM3E-038.88M

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
SM3E CONNOR-WINFIELD-SM3E_15 Datasheet
981Kb / 36P
   ULTRA MINIATURE STRATUM 3E MODULE
logo
List of Unclassifed Man...
STM-S3E ETC1-STM-S3E Datasheet
837Kb / 16P
   Stratum 3E Timing Module
logo
Connor-Winfield Corpora...
STL-S3E CONNOR-WINFIELD-STL-S3E Datasheet
975Kb / 24P
   Stratum 3E Timing Module
STM-S3E CONNOR-WINFIELD-STM-S3E Datasheet
835Kb / 16P
   Stratum 3E Timing Module
SM3G CONNOR-WINFIELD-SM3G Datasheet
1Mb / 36P
   ULTRA MINIATURE STRATUM 3 MODULE
logo
Vectron International, ...
C4550 VECTRON-C4550_11 Datasheet
52Kb / 2P
   Stratum 3E
logo
Connor-Winfield Corpora...
SM3 CONNOR-WINFIELD-SM3 Datasheet
406Kb / 36P
   ULTRA MINIATURE STRATUM 3 MODULE
SM3-ITG CONNOR-WINFIELD-SM3-ITG Datasheet
667Kb / 32P
   ULTRA MINIATURE STRATUM 3 MODULE
logo
Advanced XTAL Products
AXIOM30S AXTAL-AXIOM30S Datasheet
245Kb / 2P
   OCXO Miniature size with Stratum 3E stability
logo
Connor-Winfield Corpora...
ABOF5S3E CONNOR-WINFIELD-ABOF5S3E Datasheet
188Kb / 2P
   STRATUM 3E HCMOS OCXO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com