Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSTM-S3-TR-1802.048M Datasheet(PDF) 3 Page - Connor-Winfield Corporation

Part # MSTM-S3-TR-1802.048M
Description  Stratum 3 Timing Module
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

MSTM-S3-TR-1802.048M Datasheet(HTML) 3 Page - Connor-Winfield Corporation

  MSTM-S3-TR-1802.048M Datasheet HTML 1Page - Connor-Winfield Corporation MSTM-S3-TR-1802.048M Datasheet HTML 2Page - Connor-Winfield Corporation MSTM-S3-TR-1802.048M Datasheet HTML 3Page - Connor-Winfield Corporation MSTM-S3-TR-1802.048M Datasheet HTML 4Page - Connor-Winfield Corporation MSTM-S3-TR-1802.048M Datasheet HTML 5Page - Connor-Winfield Corporation MSTM-S3-TR-1802.048M Datasheet HTML 6Page - Connor-Winfield Corporation MSTM-S3-TR-1802.048M Datasheet HTML 7Page - Connor-Winfield Corporation MSTM-S3-TR-1802.048M Datasheet HTML 8Page - Connor-Winfield Corporation MSTM-S3-TR-1802.048M Datasheet HTML 9Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Data Sheet #: TM027
Page 3 of 16
Rev: P05
Date: 12 / 02 / 02
© Copyright 2001 The Connor-Winfield Corp.
All Rights Reserved Specifications subject to change without notice
NOTES:
1.0:
Stresses beyond those listed under Absolute Maximum Rating may cause damage
to the device. Operation beyond Recommended Conditions is not implied.
2.0:
Logic is 3.3V CMOS
3.0
GR-1244-CORE 3.2.1
Recommended Operating Conditions
Table 3
Symbol
Parameter
Minimum
Nominal
Maximum
Units
Notes
V
cc
Power supply voltage
4.75
5.00
5.25
Volts
V
TH
Reset threshold voltage
4.25
4.5
Volts
V
IH
High level input voltage - TTL
2.0
V
CC
Volts
V
IL
Low level input voltage - TTL
0
0.8
Volts
t
IN
Input signal transition - TTL
250
ns
C
IN
Input capacitance
15
pF
V
OH
High level output voltage,
2.4
5.25
Volts
2.0
I
OH = -4.0mA,
V
CC = min.
V
OL
Low level output voltage,
0.4
Volts
I
OL = 12.0 mA,
V
CC = min.
t
TRANS
Clock output transition time
4.0
ns
t
PULSE
8kHz input reference pulse
30
ns
width( positive or negative)
T
OP
Operating temperature
0
70
°C
Specifications
Table 4
Parameter
Specifications
Notes
Frequency Range (Sync_Out)
8 kHz to 77.76 MHz
Frequency Range (Opt_Out)
8 kHz to 77.76 MHz
Supply Current
250 mA typical, 400 mA during warm-up (Maximum)
Timing Reference Inputs
8 kHz - 19.44 MHz
3.0
Jitter, Wander and Phase Transient Tolerances
GR-1244-CORE 4.2-4.4, GR-253-CORE 5.4.4.3.6
Wander Generation
GR-1244-CORE 5.3, GR-253-CORE 5.4.4.3.2
Wander Transfer
GR-1244-CORE 5.4
Jitter Generation
GR-1244-CORE 5.5, GR-253-CORE 5.6.2.3
Jitter Transfer
GR-1244-CORE 5.5, GR-253-CORE 5.6.2.1
Phase Transients
GR-1244-CORE 5.6, GR-253-CORE 5.4.4.3.3
Free Run Accuracy
4.6 ppm over T
OP
Hold Over Stability
±0.37 ppm for initial 24 hrs
4.0
Inital Offset
±0.05 ppm
Temperature
±0.28 ppm
Drift
±0.04 ppm
Maximum Hold Over History
40 seconds
Pull-in/ Hold-in Range
±13.8 ppm minimum
5.0
Lock Time
30 seconds typical
DPLL Bandwidth
< 0.1 Hz
4.0:
Hold Over stability is the cumulative fractional frequency offset as described by
GR-1244-CORE, 5.2
5.0:
Pull-in Range is the maximum frequency deviation from nominal clock rate on the
reference inputs to the timing module that can be overcome to pull into synchronization
with the reference


Similar Part No. - MSTM-S3-TR-1802.048M

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
MSTM-S3-TR CONNOR-WINFIELD-MSTM-S3-TR_15 Datasheet
1Mb / 16P
   Stratum 3 Timing Module
More results

Similar Description - MSTM-S3-TR-1802.048M

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
MSTM-S3-IT3-19.44M CONNOR-WINFIELD-MSTM-S3-IT3-19.44M Datasheet
1Mb / 16P
   Stratum 3 Timing Module
STL-S3 CONNOR-WINFIELD-STL-S3 Datasheet
1Mb / 24P
   Stratum 3 Timing Module
MSTM-S3-T2F1 CONNOR-WINFIELD-MSTM-S3-T2F1 Datasheet
884Kb / 16P
   Stratum 3 Timing Module
MSTM-S3-IT3 CONNOR-WINFIELD-MSTM-S3-IT3 Datasheet
1Mb / 16P
   Stratum 3 Timing Module
MSTM-S3-T2 CONNOR-WINFIELD-MSTM-S3-T2 Datasheet
1Mb / 20P
   Stratum 3 Timing Module
MSTM-S3-TR CONNOR-WINFIELD-MSTM-S3-TR_15 Datasheet
1Mb / 16P
   Stratum 3 Timing Module
logo
Zarlink Semiconductor I...
ZL30461 ZARLINK-ZL30461 Datasheet
465Kb / 53P
   COMPACT STRATUM 3 TIMING MODULE
logo
List of Unclassifed Man...
STM-S3E ETC1-STM-S3E Datasheet
837Kb / 16P
   Stratum 3E Timing Module
logo
Connor-Winfield Corpora...
STL-S3E CONNOR-WINFIELD-STL-S3E Datasheet
975Kb / 24P
   Stratum 3E Timing Module
STM-S3E CONNOR-WINFIELD-STM-S3E Datasheet
835Kb / 16P
   Stratum 3E Timing Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com