Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MSTM-SEC1 Datasheet(PDF) 3 Page - Connor-Winfield Corporation

Part No. MSTM-SEC1
Description  Simplified Control Timing Module
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CONNOR-WINFIELD [Connor-Winfield Corporation]
Homepage  http://www.conwin.com
Logo 

MSTM-SEC1 Datasheet(HTML) 3 Page - Connor-Winfield Corporation

 
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Preliminary Data Sheet #: TM029
Page 3 of 16
Rev: P02
Date: 09/07/01
© Copyright 2001 The Connor-Winfield Corp. All Rights Reserved Specifications subject to change without notice
Pin Assignment
Figure 1
Block Diagram
Figure 2
Control Inputs & Operational States
Table 4
Control
Input
Operational Mode
REF 1
REF 2
Holdover
Free Run
PLL_TVL
Alarm
AB
Output
0
0
Free Run (Default)
0
0
0
1
0
1
External
Normal
1
0
0
0
0
0
1
0
Reference
Tune Limit
1
0
0
0
1
1
#1
LOR + LOL
1
0
0
0
0
1
External
Normal
0
1
0
0
0
0
0
1
Reference
Tune Limit
0
1
0
0
1
1
#2
LOR + LOL
0
1
0
0
0
1
1
1
Holdover
0
0
1
0
0
1
NOTES:
1.0
Operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions is not implied. Exposure
to Absolute Maximum Ratings conditions for extended periods of time may affect device reliability.
2.0
Consult factory for other output frequencies.
3.0
Holdover stability is the cumulative fractional frequency offset containing Initial Offset, Temperature, and Drift components as described by ITU-T
G.813.
4.0
Pull-in range is the minimum frequency deviation on the reference inputs to the timing module that can be overcome to pull itself into synchronization
with the reference.
5.0
A ‘1’ level indicates unit is within the extreme 10% of its operating range tracking the reference (~11ppm). Consult factory for use as a reference
qualifier.
2:1
MUX
Phase
Comparator
DAC
Filters
DAC
Tuning
Voltage
Monitor
FIFO
SEC
VCTCXO
2:4
MUX
EX REF 1
EX REF 2
Alarm Out
PLL TVL
Free Run
Hold Over
PLL TVL
CNTL A
CNTL B
Free Run
Ref #1
Ref #2
Hold Over
Lock and
Detection
Sync Out


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MSTM-S3-RSTRATUM 3 SIMPLIFIED CONTROL TIMING MODULES 1 2 3 4 5 MoreConnor-Winfield Corporation
MSTM-S3-T2-FDSTRATUM 3 SIMPLIFIED CONTROL TIMING MODULES 1 2 3 4 5 MoreConnor-Winfield Corporation
MSTM-S3-T2NCSTRATUM 3 SIMPLIFIED CONTROL TIMING MODULES 1 2 3 4 5 MoreConnor-Winfield Corporation
MSTM-S4ESTRATUM 4E SIMPLIFIED CONTROL TIMING MODULES 1 2 3 4 5 Connor-Winfield Corporation
MSTM-S3STRATUM 3 SIMPLIFIED CONTROL TIMING MODULES 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MSTM-S3STRATUM 3 SIMPLIFIED CONTROL TIMING MODULES 1 2 3 4 5 MoreConnor-Winfield Corporation
RI-CTL-MB2ASERIES 2000 CONTROL MODULE 1 2 3 4 Texas Instruments
ICS9LPR426ALow Power Programmable Timing Control Hub™ for P4™ processor 1 2 3 4 5 MoreIntegrated Circuit Systems
ICS952906AProgrammable Timing Control Hub for Next Gen P4™ processor 1 2 3 4 5 MoreIntegrated Circuit Systems
TZ240NNetz-Thyristor-Modul Phase Control Thyristor Module 1 2 3 4 5 Moreeupec GmbH

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn