Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSTM-S3-T2NC Datasheet(PDF) 6 Page - Connor-Winfield Corporation

Part No. MSTM-S3-T2NC
Description  STRATUM 3 SIMPLIFIED CONTROL TIMING MODULES
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CONNOR-WINFIELD [Connor-Winfield Corporation]
Homepage  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

MSTM-S3-T2NC Datasheet(HTML) 6 Page - Connor-Winfield Corporation

  MSTM-S3-T2NC Datasheet HTML 1Page - Connor-Winfield Corporation MSTM-S3-T2NC Datasheet HTML 2Page - Connor-Winfield Corporation MSTM-S3-T2NC Datasheet HTML 3Page - Connor-Winfield Corporation MSTM-S3-T2NC Datasheet HTML 4Page - Connor-Winfield Corporation MSTM-S3-T2NC Datasheet HTML 5Page - Connor-Winfield Corporation MSTM-S3-T2NC Datasheet HTML 6Page - Connor-Winfield Corporation MSTM-S3-T2NC Datasheet HTML 7Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Specifications are subject to change without notice
DATA SHEET #: TM020
REVISION #: P00
FILENAME: TM020.DOC
DATE: 7/18/00
Page 6 of 7
Copyright 1999,2000 Connor-Winfield all rights reserved
THE CONNOR-WINFIELD CORP.
Stratum 3 Simplified Control
Timing Modules (MSTM-S3-T2NC)
Table 5.0
PIN DESCRIPTIONS
MSTM-
S3
PIN #
PIN NAME
PIN DESCRIPTION
1
HOLDOVER
Output. High when the control inputs select Holdover.
2
REF 1
Output. High when the control inputs select EX REF 1.
3
REF 2
Output. High when the control inputs select EX REF 2.
4
FREERUN
Output. High when the control input selects Free Run.
5
Gnd
Ground
6
ALARM OUT
Output. =1, if (FREERUN + HOLDOVER + LOS + LOL + PLL TVL).
7
CNTL A
Mode control input.
8
CNTL B
Mode control input.
9
PLL TVL
Tuning Voltage Alarm. =1 if CAPTURE RANGE NEAR 10% OF EXTREME.
10
Gnd
Ground
11
SYNC_OUT
Synchronized output.
12
Gnd
Ground
13
CLK_OUT
N/C
14
Gnd
Ground
15
EX REF 2
External Reference #2 Input. (8KHz)
16
Gnd
Ground
17
EX REF 1
Input. External Reference #1 Input. (8KHz)
18
+5 Vdc
+5 Volt DC Supply
NOTES FOR TABLES 1-5
NOTES:
2.0
Holdover stability is the cumulative fractional frequency offset containing Initial Offset, Temperature, and Drift
components as described by Bellcore GR-1244-CORE 5.2
3.0
Pull-in range is the minimum frequency deviation on the reference inputs to the timing module that can be overcome to
pull itself into synchronization with the reference.
4.0
After 100 seconds at stable room temperature.
5.0
Consult factory for other frequencies.
6.0
REF-GR1244-CORE 3.2.1 R3-1.
7.0
At ‘1’ level indicates unit is within the extreme 10% of its operating range tracking the reference.


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MSTM-S3-RSTRATUM 3 SIMPLIFIED CONTROL TIMING MODULES 1 2 3 4 5 MoreConnor-Winfield Corporation
MSTM-S3-T2-FDSTRATUM 3 SIMPLIFIED CONTROL TIMING MODULES 1 2 3 4 5 MoreConnor-Winfield Corporation
MSTM-S3STRATUM 3 SIMPLIFIED CONTROL TIMING MODULES 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MSTM-S3STRATUM 3 SIMPLIFIED CONTROL TIMING MODULES 1 2 3 4 5 MoreConnor-Winfield Corporation
DS3101Stratum 3/3E Timing Card IC 1 2 3 4 5 MoreDallas Semiconductor
ICS9LPR426ALow Power Programmable Timing Control Hub™ for P4™ processor 1 2 3 4 5 MoreIntegrated Circuit Systems
TSOP38230IR Receiver Modules for Remote Control Systems 1 2 3 4 5 MoreVishay Siliconix
DS3102Stratum 3 Timing Card IC with Synchronous Ethernet Support 1 2 3 4 5 MoreMaxim Integrated Products
ICS952906AProgrammable Timing Control Hub for Next Gen P4™ processor 1 2 3 4 5 MoreIntegrated Circuit Systems

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn