Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSTM-S3-T2NC Datasheet(PDF) 3 Page - Connor-Winfield Corporation

Part No. MSTM-S3-T2NC
Description  STRATUM 3 SIMPLIFIED CONTROL TIMING MODULES
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CONNOR-WINFIELD [Connor-Winfield Corporation]
Homepage  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

MSTM-S3-T2NC Datasheet(HTML) 3 Page - Connor-Winfield Corporation

  MSTM-S3-T2NC Datasheet HTML 1Page - Connor-Winfield Corporation MSTM-S3-T2NC Datasheet HTML 2Page - Connor-Winfield Corporation MSTM-S3-T2NC Datasheet HTML 3Page - Connor-Winfield Corporation MSTM-S3-T2NC Datasheet HTML 4Page - Connor-Winfield Corporation MSTM-S3-T2NC Datasheet HTML 5Page - Connor-Winfield Corporation MSTM-S3-T2NC Datasheet HTML 6Page - Connor-Winfield Corporation MSTM-S3-T2NC Datasheet HTML 7Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Specifications are subject to change without notice
DATA SHEET #: TM020
REVISION #: P00
FILENAME: TM020.DOC
DATE: 7/18/00
Page 3 of 7
Copyright 1999,2000 Connor-Winfield all rights reserved
THE CONNOR-WINFIELD CORP.
Stratum 3 Simplified Control
Timing Modules (MSTM-S3-T2NC)
Fig. 5.0
Fig. 6.0
Samp le M T IE D ata fo r ST M -S3/M ST M -S3
1.0 E - 9
10 .0 E - 9
100 .0 E - 9
1.0 E - 6
100 .0 E - 3
1 .0 E +0
1 0.0E +0
10 0.0E +0
1.0 E +3
10 .0 E +3
O b s e r va tion Tim e (s )
MTIE
1244- 5.2 Ma s k ( A )
1244- 5.2 Ma s k ( B )
1244- 5.6 Ma s k
G R253- 5.4.4.3.2
T ypical r es po ns e - 3 0 0 0 s eco nd tes t - J itter applied (2 U I @ 1 0 H z )
r ef date A P R 22 1 998
kdh
CURRENT DRAW
MSTM-S3-T2NC
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0
10
203040
5060
TIME (Sec)


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MSTM-S3-RSTRATUM 3 SIMPLIFIED CONTROL TIMING MODULES 1 2 3 4 5 MoreConnor-Winfield Corporation
MSTM-S3-T2-FDSTRATUM 3 SIMPLIFIED CONTROL TIMING MODULES 1 2 3 4 5 MoreConnor-Winfield Corporation
MSTM-S3STRATUM 3 SIMPLIFIED CONTROL TIMING MODULES 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MSTM-S3STRATUM 3 SIMPLIFIED CONTROL TIMING MODULES 1 2 3 4 5 MoreConnor-Winfield Corporation
DS3101Stratum 3/3E Timing Card IC 1 2 3 4 5 MoreDallas Semiconductor
ICS9LPR426ALow Power Programmable Timing Control Hub™ for P4™ processor 1 2 3 4 5 MoreIntegrated Circuit Systems
TSOP38230IR Receiver Modules for Remote Control Systems 1 2 3 4 5 MoreVishay Siliconix
DS3102Stratum 3 Timing Card IC with Synchronous Ethernet Support 1 2 3 4 5 MoreMaxim Integrated Products
ICS952906AProgrammable Timing Control Hub for Next Gen P4™ processor 1 2 3 4 5 MoreIntegrated Circuit Systems

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn