Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSTM-S3-T2-FD Datasheet(PDF) 7 Page - Connor-Winfield Corporation

Part No. MSTM-S3-T2-FD
Description  STRATUM 3 SIMPLIFIED CONTROL TIMING MODULES
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CONNOR-WINFIELD [Connor-Winfield Corporation]
Homepage  http://www.conwin.com
Logo 

MSTM-S3-T2-FD Datasheet(HTML) 7 Page - Connor-Winfield Corporation

   
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Specifications are subject to change without notice
DATA SHEET #: tm023
REV. A02
FILENAME: MSTMS3T2FD.DOC
DATE: 10/24/01
Page 7 of 8
Copyright 2001 Connor-Winfield all rights reserved
THE CONNOR-WINFIELD CORP.
Stratum 3 Simplified Control
Timing Modules (MSTM-S3-T2-FD)
Fig 8.0
MSTM-S3
PACKAGE
WITH COVER
PIN DESCRIPTIONS
MSTM-
S3
PIN #
PIN NAME
PIN DESCRIPTION
1
S0
State Output Bit 0
2
S1
State Output Bit 1
3
VALID_R1
Reference #1 Validation
4
VALID_R2
Reference #2 Validation
5
Gnd
Ground
6
A0
Alarm Bit 0
7
CNTL A
Mode control input.
8
CNTL B
Mode control input.
9
A1
Alarm Bit 1
10
Gnd
Ground
11
SYNC_OUT
Synchronized output.
12
Gnd
Ground
13
CLK_OUT
Non-synchronized ±4.6 ppm Output
14
Gnd
Ground
15
EX REF 2
External Reference #2 Input. (8KHz)
16
Gnd
Ground
17
EX REF 1
Input. External Reference #1 Input. (8KHz)
18
+5 Vdc
+5 Volt DC Supply
Table 9.0


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn