Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MSTM-S3-T2-FD Datasheet(PDF) 6 Page - Connor-Winfield Corporation

Part No. MSTM-S3-T2-FD
Description  STRATUM 3 SIMPLIFIED CONTROL TIMING MODULES
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CONNOR-WINFIELD [Connor-Winfield Corporation]
Homepage  http://www.conwin.com
Logo 

MSTM-S3-T2-FD Datasheet(HTML) 6 Page - Connor-Winfield Corporation

   
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Specifications are subject to change without notice
DATA SHEET #: tm023
REV. A02
FILENAME: MSTMS3T2FD.DOC
DATE: 10/24/01
Page 6 of 8
Copyright 2001 Connor-Winfield all rights reserved
THE CONNOR-WINFIELD CORP.
Stratum 3 Simplified Control
Timing Modules (MSTM-S3-T2-FD)
TABLE 6.0
ABSOLUTE MAXIMUM RATING
SYMBOL
PARAMETER
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTES
VCC
Power supply voltage (Vcc to GND)
-0.5
5.0
+7.0
Volts
1.0
VIN
Input voltage with respect to ground
-0.5
Vcc+.05
Volts
1.0
TSTG
Storage temperature
-65.0
+150.0
Deg. C
1.0
TABLE 7.0
INPUT AND OUTPUT CHARACTERISTICS
SYMBOL
PARAMETER
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTES
VIH
High level input voltage
(TLL Compatible)
2.0
VCC
V
VIL
Low level input voltage
(TLL Compatible)
0
0.8
V
TIN
Input signal transition time
250
nS
CIN
Input capacitance
15
pF
VOH
High level output voltage
@ IOH=-8.0 mA, VCC minimum
2.4
V
VOL
Low level output voltage
@ IOH=8.0 mA, VCC maximum
0.4
V
THL
Clock out transition time high-to-low,
no load
4.0
nS
TLH
Clock out transition time low-to-high,
no load
4.0
nS
TRIP
Input 8 KHz reference signal positive
pulse width
30
nS
TRIN
Input 8 KHz reference signal negative
pulse width
30
nS
TOP
Standard Operating Temperature
0
70
Deg. C
TABLE 8.0
SPECIFICATIONS
PARAMETER
NOTES
Frequency Range (SYNC_OUT)
19.44 MHz
2.0
Frequency Range (CLK_OUT)
19.44 MHz
Supply Current
See Fig. 7.0
Timing Reference Inputs
8 KHz
3.0
Jitter and Phase Tolerance
Ref-GR-1244-CORE 4.2-4.4
Wander Generation
Ref-GR-1244-CORE 5.3
Free-Run Accuracy
±4.6 ppm
Holdover Stability
±0.37 ppm
4.0
Initial Offset
0.05 ppm
Temperature
0.28 ppm
Drift
0.04 ppm
Holdover History
30 seconds
Pull-in/ Hold-in Range
±4.6 ppm Minimum
5.0
Lock Time
<100 secs
Correction Period
125
µS
TVL Alarm
Reference is nearing operational limit
6.0


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn