Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSTM-S3-IT3-19.44M Datasheet(PDF) 4 Page - Connor-Winfield Corporation

Part No. MSTM-S3-IT3-19.44M
Description  Stratum 3 Timing Module
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CONNOR-WINFIELD [Connor-Winfield Corporation]
Homepage  http://www.conwin.com
Logo 

MSTM-S3-IT3-19.44M Datasheet(HTML) 4 Page - Connor-Winfield Corporation

 
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Data Sheet #: TM034
Page 4 of 16
Rev: P01
Date: 12 / 04 / 02
© Copyright 2002 The Connor-Winfield Corp. All Rights Reserved Specifications subject to change without notice
Pin Description
Table 5
Pin #
Connection
Description
1
HOLD OVER
Indicator output. High output when Hold Over mode is selected by control pins.
2
REF 1
Indicator output. High output when Ref 1 mode is selected by control pins.
3
REF 2
Indicator output. High output when Ref 2 mode is selected by control pins.
4
FREE RUN
Indicator output. High output when Free Run mode is selected by control pins.
5
GND
Ground
6
ALARM _OUT
Alarm output. High output if module is in Free Run, or Hold Over, or LOR, or LOL, or
PLL_TVL mode.
7
CNTL A
Mode control input
8
CNTL B
Mode control input
9
PLL_TVL
Tuning Voltage Limit alarm output. High output when Sync_Out is near the extreme
10% ranges of the Pull-in/Hold-in range.
10
GND
Ground
11
SYNC_OUT
Primary timing output signal. Signal is sychronized to reference.
12
GND
Ground
13
N/C
Do not connect. It may affect the module adversely if a signal is apllied.
14
GND
Ground
15
EX_REF_2
External Input Reference #2
16
GND
Ground
17
EX_REF_1
External Input Reference #1
18
V
CC
+5V dc supply
Typical Application
Figure 2
RCV
RCV
Clockout
Clockout
MUX
#1
#N
S
Y
MUX
#1
#N
S
Y
CW’s STM/MSTM module
Timing Card #1
CW’s SCG
2500/4500
Line Card #1
CW’s SCG
2500/4500
Line Card #N
CW’s STM/MSTM module
Timing Card #2
System Select
BITS
System
Signal
Input Select


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn