Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCMTZJ20V Datasheet(PDF) 2 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

Part # TCMTZJ20V
Description  500 mW DO-34 Hermetically Sealed Glass Zener Voltage Regulators
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAK_CHEONG [Tak Cheong Electronics (Holdings) Co.,Ltd]
Direct Link  http://www.takcheong.com/en/index.asp
Logo TAK_CHEONG - Tak Cheong Electronics (Holdings) Co.,Ltd

TCMTZJ20V Datasheet(HTML) 2 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

  TCMTZJ20V Datasheet HTML 1Page - Tak Cheong Electronics (Holdings) Co.,Ltd TCMTZJ20V Datasheet HTML 2Page - Tak Cheong Electronics (Holdings) Co.,Ltd TCMTZJ20V Datasheet HTML 3Page - Tak Cheong Electronics (Holdings) Co.,Ltd TCMTZJ20V Datasheet HTML 4Page - Tak Cheong Electronics (Holdings) Co.,Ltd TCMTZJ20V Datasheet HTML 5Page - Tak Cheong Electronics (Holdings) Co.,Ltd TCMTZJ20V Datasheet HTML 6Page - Tak Cheong Electronics (Holdings) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Number: DB-054
July 2008 / C
Page 2
SEMICONDUCTOR
TAK CHEONG
®
Electrical Characteristics T
A = 25°C unless otherwise noted
VZ@Izt
Device Type
T
Tolerance
Min
Nom
Max
Izt
(mA)
Zzt@Izt
(Ohms)
Max
Zzk@Izk
(Ohms)
Max
Izk
(mA)
IR@VR
(uA)
Max
VR
(V)
A
2.6%
4.44
4.56
4.68
B
2.8%
4.55
4.68
4.80
TCMTZJ4V7
C
2.7%
4.68
4.81
4.93
5
80
900
1
5
1.0
A
2.6%
4.81
4.94
5.07
B
2.6%
4.94
5.07
5.20
TCMTZJ5V1
C
2.7%
5.09
5.23
5.37
5
80
800
1
5
1.5
A
2.4%
5.28
5.41
5.55
B
2.5%
5.45
5.59
5.73
TCMTZJ5V6
C
2.6%
5.61
5.76
5.91
5
60
500
1
5
2.5
A
2.7%
5.78
5.94
6.09
B
2.6%
5.96
6.12
6.27
TCMTZJ6V2
C
2.5%
6.12
6.28
6.44
5
60
300
1
5
3.0
A
2.6%
6.29
6.46
6.63
B
2.6%
6.49
6.66
6.83
TCMTZJ6V8
C
2.6%
6.66
6.84
7.01
5
20
150
0.5
2
3.5
A
2.7%
6.85
7.04
7.22
B
2.6%
7.07
7.26
7.45
TCMTZJ7V5
C
2.5%
7.29
7.48
7.67
5
20
120
0.5
0.5
4.0
A
2.6%
7.53
7.73
7.92
B
2.6%
7.78
7.99
8.19
TCMTZJ8V2
C
2.5%
8.03
8.24
8.45
5
20
120
0.5
0.5
5.0
A
2.6%
8.29
8.51
8.73
B
2.5%
8.57
8.79
9.01
TCMTZJ9V1
C
2.6%
8.83
9.07
9.30
5
25
120
0.5
0.5
6.0
A
2.6%
9.12
9.36
9.59
B
2.6%
9.41
9.66
9.90
C
2.5%
9.70
9.95
10.20
TCMTZJ10V
D
2.5%
9.94
10.19
10.44
5
30
120
0.5
0.2
7.0
A
2.6%
10.18
10.45
10.71
B
2.6%
10.50
10.78
11.05
TCMTZJ11V
C
2.5%
10.82
11.10
11.38
5
30
120
0.5
0.2
8.0
A
2.5%
11.13
11.42
11.71
B
2.6%
11.44
11.74
12.03
TCMTZJ12V
C
2.6%
11.74
12.05
12.35
5
30
110
0.5
0.2
9.0
A
2.6%
12.11
12.43
12.75
B
2.6%
12.55
12.88
13.21
TCMTZJ13V
C
2.6%
12.99
13.33
13.66
5
35
110
0.5
0.2
10
A
2.5%
13.44
13.79
14.13
B
2.6%
13.89
14.26
14.62
TCMTZJ15V
C
2.5%
14.35
14.72
15.09
5
40
110
0.5
0.2
11
A
2.6%
14.80
15.19
15.57
B
2.6%
15.25
15.65
16.04
TCMTZJ16V
C
2.5%
15.69
16.10
16.51
5
40
150
0.5
0.2
12
A
2.5%
16.22
16.64
17.06
B
2.5%
16.82
17.26
17.70
TCMTZJ18V
C
2.6%
17.42
17.88
18.33
5
45
150
0.5
0.2
13
A
2.5%
18.02
18.49
18.96
B
2.5%
18.63
19.11
19.59
C
2.5%
19.23
19.73
20.22
TCMTZJ20V
D
2.5%
19.72
20.22
20.72
5
55
200
0.5
0.2
15


Similar Part No. - TCMTZJ20V

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCMT11 VISHAY-TCMT11 Datasheet
462Kb / 12P
   Optocoupler with Phototransistor Output
Rev. A2, 15-Dec-00
TCMT110 VISHAY-TCMT110 Datasheet
152Kb / 9P
   Optocoupler, Phototransistor Output, Single Channel, Half Pitch Mini-Flat Package
Rev. 3.0, 10-Mar-16
TCMT1100 VISHAY-TCMT1100 Datasheet
462Kb / 12P
   Optocoupler with Phototransistor Output
Rev. A2, 15-Dec-00
TCMT1100 VISHAY-TCMT1100 Datasheet
135Kb / 7P
   Optocoupler, Phototransistor Output, Single Channel, Half Pitch Mini-Flat Package
Rev. 2.9, 23-May-13
logo
ISOCOM COMPONENTS
TCMT1100 ISOCOM-TCMT1100 Datasheet
1Mb / 10P
   Half Pitch 1.27mm
More results

Similar Description - TCMTZJ20V

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
TCMZ2V0 TAK_CHEONG-TCMZ2V0 Datasheet
172Kb / 5P
   500 mW DO-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
MTZJ2V0 YEASHIN-MTZJ2V0 Datasheet
839Kb / 4P
   500 mW DO-34 Hermetically Sealed Glass Zener Voltage Regulators
MZ2V0 YEASHIN-MZ2V0 Datasheet
494Kb / 2P
   500 mW DO-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
BZX79C110 TAK_CHEONG-BZX79C110_10 Datasheet
178Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
ZX2V0 YEASHIN-ZX2V0 Datasheet
815Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
ZL2V4B YEASHIN-ZL2V4B Datasheet
604Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N5221B YEASHIN-1N5221B Datasheet
1Mb / 10P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
TCBZX55C2V0 TAK_CHEONG-TCBZX55C2V0 Datasheet
181Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCZL2V4B TAK_CHEONG-TCZL2V4B Datasheet
174Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N750A TAK_CHEONG-1N750A Datasheet
316Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com