Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UF1507 Datasheet(PDF) 2 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

Part # UF1507
Description  1.5AMP. Ultrafast Rectifiers竊뉷PP竊
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAK_CHEONG [Tak Cheong Electronics (Holdings) Co.,Ltd]
Direct Link  http://www.takcheong.com/en/index.asp
Logo TAK_CHEONG - Tak Cheong Electronics (Holdings) Co.,Ltd

UF1507 Datasheet(HTML) 2 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

  UF1507 Datasheet HTML 1Page - Tak Cheong Electronics (Holdings) Co.,Ltd UF1507 Datasheet HTML 2Page - Tak Cheong Electronics (Holdings) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Apr. 2008 Release / Orig
Page 2
Preliminary Data Sheet
NOTE:
(1) Thermal resistance from junction to ambient at 0.375” lead length, vertical P.C. board mounted
(2) Reverse Recovery Test Conditions: I
F=0.5A, IR=1.0A, IRR=0.25A
Package Outline
Package
Case Outline
DO-15
DO-15
Millimeters
Inches
DIM
Min
Max
Min
Max
A
0.70
0.90
0.028
0.034
B
5.80
7.60
0.230
0.300
C
25.40
---
1.000
---
D
2.60
3.60
0.104
0.140
A
D
B
C


Similar Part No. - UF1507

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
UF1507 DIODES-UF1507 Datasheet
62Kb / 2P
   1.5A ULTRA-FAST RECTIFIER
DS25006 Rev. A1-2
UF1507 DIODES-UF1507 Datasheet
369Kb / 3P
   1.5A ULTRA-FAST RECTIFIER
DS25006 Rev. 4 - 2
logo
Compact Technology Corp...
UF1507 CTC-UF1507 Datasheet
38Kb / 2P
   ULTRA FAST RECTIFIERS (DO-15)
UF1507 CTC-UF1507 Datasheet
38Kb / 2P
   ULTRA FAST RECTIFIERS (DO-41)
UF1507 CTC-UF1507 Datasheet
56Kb / 2P
   ULTRA FAST RECTIFIERS
More results

Similar Description - UF1507

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
UF4001 TAK_CHEONG-UF4001 Datasheet
104Kb / 2P
   1.0AMP. Ultrafast Rectifiers竊뉷PP竊
UF5400 TAK_CHEONG-UF5400 Datasheet
104Kb / 2P
   3.0AMP. Ultrafast Rectifiers竊뉷PP竊
logo
National Instruments Co...
PCHMB150B12 NI-PCHMB150B12_15 Datasheet
202Kb / 3P
   竊묕폊竊?竊∽펽竊묕폃竊먲폁竊
PCFMB300E6 NI-PCFMB300E6_15 Datasheet
336Kb / 4P
   竊볩폁竊먲샥竊뚳폋竊먲폁竊
PCHMB100E6 NI-PCHMB100E6_15 Datasheet
259Kb / 4P
   竊묕폁竊먲샥竊뚳폋竊먲폁竊
PCHMB100B12 NI-PCHMB100B12_15 Datasheet
201Kb / 3P
   竊묕폁竊?竊∽펽竊묕폃竊먲폁竊
PCHMB100B12A NI-PCHMB100B12A_15 Datasheet
201Kb / 3P
   竊묕폁竊?竊∽펽竊묕폃竊먲폁竊
PCFMB150E6 NI-PCFMB150E6_15 Datasheet
283Kb / 4P
   竊묕폊竊?竊∽펽竊뽳폁竊먲섬
PCHMB75B12 NI-PCHMB75B12_15 Datasheet
207Kb / 3P
   竊쀯폊 竊∽펽竊묕폃竊먲폁竊
PCHMB75B12A NI-PCHMB75B12A_15 Datasheet
207Kb / 3P
   竊쀯폊 竊∽펽竊묕폃竊먲폁竊
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com