Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UHPT722 Datasheet(PDF) 5 Page - Seoul Semiconductor

Part # UHPT722
Description  surface-mount LED
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

UHPT722 Datasheet(HTML) 5 Page - Seoul Semiconductor

  UHPT722 Datasheet HTML 1Page - Seoul Semiconductor UHPT722 Datasheet HTML 2Page - Seoul Semiconductor UHPT722 Datasheet HTML 3Page - Seoul Semiconductor UHPT722 Datasheet HTML 4Page - Seoul Semiconductor UHPT722 Datasheet HTML 5Page - Seoul Semiconductor UHPT722 Datasheet HTML 6Page - Seoul Semiconductor UHPT722 Datasheet HTML 7Page - Seoul Semiconductor UHPT722 Datasheet HTML 8Page - Seoul Semiconductor UHPT722 Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
서식번호 : SSC-QP-7-07-24 (Rev.00)
4. Optical characteristics
(T
a=25
O
C )
Forward Current vs. Forward Voltage (per die)
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
1
10
100
Forward Voltage V
F
[V]
50
20
5
Relative Luminous Intensity vs Forward Current
(T
a=25
O
C )
0
30
60
90
120
150
180
210
240
270
300
0
1
2
3
4
5
6
(100)
(90)
(80)
(70)
(60)
(50)
(40)
(30)
(10)
(20)
< per die
Forward Current I
F
[mA]
< total


Similar Part No. - UHPT722

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
UHPT722 SEOUL-UHPT722 Datasheet
555Kb / 11P
   TOP LED DEVICE
More results

Similar Description - UHPT722

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
SMD22 VCC-SMD22 Datasheet
23Kb / 1P
   SURFACE MOUNT LED MOUNT
logo
Marktech Corporate
TLGE1005B MARKTECH-TLGE1005B Datasheet
81Kb / 3P
   Surface Mount LED
TLPGE1005B MARKTECH-TLPGE1005B Datasheet
80Kb / 3P
   Surface Mount LED
logo
Dialight Corporation
597-3XX1-1XX DIALIGHT-597-3XX1-1XX Datasheet
21Kb / 1P
   Surface Mount LED
597-3XX1-2XX DIALIGHT-597-3XX1-2XX Datasheet
28Kb / 2P
   Surface Mount LED
logo
Visual Communications C...
CMDA2 VCC-CMDA2 Datasheet
571Kb / 1P
   Surface Mount LED
logo
Seoul Semiconductor
KWT803-S SEOUL-KWT803-S Datasheet
649Kb / 14P
   surface-mount LED
MWT801-S SEOUL-MWT801-S Datasheet
318Kb / 13P
   surface-mount LED
USBT801 SEOUL-USBT801 Datasheet
490Kb / 12P
   surface-mount LED
AWT801-S SEOUL-AWT801-S Datasheet
651Kb / 16P
   surface-mount LED
CFT732-S SEOUL-CFT732-S Datasheet
924Kb / 22P
   surface-mount LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com