Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC1N6004B Datasheet(PDF) 1 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

Part # TC1N6004B
Description  500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAK_CHEONG [Tak Cheong Electronics (Holdings) Co.,Ltd]
Direct Link  http://www.takcheong.com/en/index.asp
Logo TAK_CHEONG - Tak Cheong Electronics (Holdings) Co.,Ltd

TC1N6004B Datasheet(HTML) 1 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

  TC1N6004B Datasheet HTML 1Page - Tak Cheong Electronics (Holdings) Co.,Ltd TC1N6004B Datasheet HTML 2Page - Tak Cheong Electronics (Holdings) Co.,Ltd TC1N6004B Datasheet HTML 3Page - Tak Cheong Electronics (Holdings) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
November 2006 / B
Page 1
SEMICONDUCTOR
TAK CHEONG
®
500 mW DO-35 Hermetically
Sealed Glass Zener Voltage
Regulators
Absolute Maximum Ratings
TA = 25°C unless otherwise noted
Parameter
Value
Units
Power Dissipation
500
mW
Storage Temperature Range
-65 to +200
°C
Operating Junction Temperature
+200
°C
These ratings are limiting values above which the serviceability of the diode may be impaired.
Specification Features:
Zener Voltage Range 2.4 to 75 Volts
DO-35 Package (JEDEC)
Through-Hole Device Type Mounting
Hermetically Sealed Glass
Compression Bonded Construction
All external surfaces are corrosion resistant and leads are readily solderable
RoHS Compliant
Solder Hot Dip Tin (Sn) Lead Finish
Cathode Indicated By Polarity Band
Electrical Characteristics
TA = 25°C unless otherwise noted
Zener Voltage
Zener Impedance
Leakage Current
VZ (Volts)
@ IZT
ZZT @ IZT
ZZK @ IZK
IR @ VR
Device
Min
Nom
Max
(mA)
(
Ω)
(
Ω)
(mA)
(
µA)
(Volts)
TC1N5985B
2.280
2.4
2.520
5
100
1800
0.25
100
1
TC1N5986B
2.565
2.7
2.835
5
100
1900
0.25
75
1
TC1N5987B
2.850
3
3.150
5
95
2000
0.25
50
1
TC1N5988B
3.135
3.3
3.465
5
95
2200
0.25
25
1
TC1N5989B
3.420
3.6
3.780
5
90
2300
0.25
15
1
TC1N5990B
3.705
3.9
4.095
5
90
2400
0.25
10
1
TC1N5991B
4.085
4.3
4.515
5
88
2500
0.25
5
1
TC1N5992B
4.465
4.7
4.935
5
70
2200
0.25
3
1.5
TC1N5993B
4.845
5.1
5.355
5
50
2050
0.25
2
2
TC1N5994B
5.320
5.6
5.880
5
25
1800
0.25
2
3
TC1N5995B
5.890
6.2
6.510
5
10
1300
0.25
1
4
TC1N5996B
6.460
6.8
7.140
5
8
750
0.25
1
5.2
TC1N5997B
7.125
7.5
7.875
5
7
600
0.25
0.5
6
TC1N5998B
7.790
8.2
8.610
5
7
600
0.25
0.5
6.5
TC1N5999B
8.645
9.1
9.555
5
10
600
0.25
0.1
7
TC1N6000B
9.50
10
10.50
5
15
600
0.25
0.1
8
TC1N6001B
10.45
11
11.55
5
18
600
0.25
0.1
8.4
Cathode
Anode
ELECTRICAL SYMBOL
L
xx
xx
T
DEVICE MARKING DIAGRAM
L
: Logo
Device Code : TC1NxxxxT
Tolerance (T) : A = 10%
:
B = 5%
: C = 2%
: D = 1%
AXIAL LEAD
DO35


Similar Part No. - TC1N6004B

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
TC1N60 TAK_CHEONG-TC1N60 Datasheet
75Kb / 2P
   500 mW DO-35 Hermetically Sealed Glass Small Signal Schottky Diodes
TC1N60 TAK_CHEONG-TC1N60 Datasheet
92Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Small Signal Schottky Diodes
TC1N60P TAK_CHEONG-TC1N60P Datasheet
75Kb / 2P
   500 mW DO-35 Hermetically Sealed Glass Small Signal Schottky Diodes
TC1N60P TAK_CHEONG-TC1N60P Datasheet
92Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Small Signal Schottky Diodes
TC1N60 TAK_CHEONG-TC1N60_09 Datasheet
92Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Small Signal Schottky Diodes
More results

Similar Description - TC1N6004B

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
BZX79C110 TAK_CHEONG-BZX79C110_10 Datasheet
178Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
ZX2V0 YEASHIN-ZX2V0 Datasheet
815Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
ZL2V4B YEASHIN-ZL2V4B Datasheet
604Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N5221B YEASHIN-1N5221B Datasheet
1Mb / 10P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
TCBZX55C2V0 TAK_CHEONG-TCBZX55C2V0 Datasheet
181Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCZL2V4B TAK_CHEONG-TCZL2V4B Datasheet
174Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N750A TAK_CHEONG-1N750A Datasheet
316Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N4370A TAK_CHEONG-1N4370A Datasheet
166Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TC1N5221B TAK_CHEONG-TC1N5221B Datasheet
92Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCRD2V2 TAK_CHEONG-TCRD2V2 Datasheet
173Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N5221B TAK_CHEONG-1N5221B Datasheet
133Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com