Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1715HMSTRPBF Datasheet(PDF) 6 Page - Linear Technology

Part # LT1715HMSTRPBF
Description  4ns, 150MHz Dual Comparator with Independent Input/Output Supplies
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1715HMSTRPBF Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1715HMSTRPBF Datasheet HTML 2Page - Linear Technology LT1715HMSTRPBF Datasheet HTML 3Page - Linear Technology LT1715HMSTRPBF Datasheet HTML 4Page - Linear Technology LT1715HMSTRPBF Datasheet HTML 5Page - Linear Technology LT1715HMSTRPBF Datasheet HTML 6Page - Linear Technology LT1715HMSTRPBF Datasheet HTML 7Page - Linear Technology LT1715HMSTRPBF Datasheet HTML 8Page - Linear Technology LT1715HMSTRPBF Datasheet HTML 9Page - Linear Technology LT1715HMSTRPBF Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LT1715
6
1715fa
+IN A (Pin 1): Noninverting Input of Comparator A.
–IN A (Pin 2): Inverting Input of Comparator A.
–IN B (Pin 3): Inverting Input of Comparator B.
+IN B (Pin 4): Noninverting Input of Comparator B.
VEE (Pin 5): Negative Supply Voltage for Input Stage and
Substrate.
GND (Pin 6): Ground for Output Stage.
OUT B (Pin 7): Output of Comparator B.
OUT A (Pin 8): Output of Comparator A.
+VS (Pin 9): Positive Supply Voltage for Output Stage.
VCC (Pin 10): Positive Supply Voltage for Input Stage.
PIN FUNCTIONS
Maximum Toggle Rate
vs Load Capacitance
Propagation Delay
vs Load Capacitance
Response to 150MHz 25mVP-P
Sine Wave Driving 10pF
OUTPUT CAPACITANCE (pF)
0
250
225
200
175
150
125
100
75
50
40
1715 G16
10
20
30
50
35
515
25
45
TA = 25°C
VIN = ±50mV SINUSOID
+VS = VCC = 5V
VEE = GND
OUTPUT LOAD CAPACITANCE (pF)
0
30
50
1715 G17
10
20
40
8
7
6
5
4
3
TA = 25°C
VSTEP = 100mV
OVERDRIVE = 20mV
+VS = VCC = 5V
VEE = –5V
RISING EDGE
(tPDLH)
FALLING EDGE
(tPDHL)
2.5ns/DIV
1715 G18
NA
25mVP-P
5V
0V
20mV/DIV
1V/DIV
OUT A
FET PROBES
VCC = 5V
VEE = –5V
+VS = 5V
VCM = 0V
TYPICAL PERFORMANCE CHARACTERISTICS
Maximum Toggle Rate
vs Input Amplitude
Maximum Toggle Rate
vs Temperature
Maximum Toggle Rate
vs Supply Voltage
INPUT SINUSOID AMPLITUDE (mV)
1
0
100
80
60
40
20
120
140
160
10
100
1715 G13
180
TA = 25°C
+VS = VCC = 5V
VEE = GND
CLOAD = 10pF
TEMPERATURE (°C)
–50
50
70
110
130
150
250
190
0
50
75
1715 G14
90
210
230
170
–25
25
100
125
TA = 25°C
VIN = ±50mV SINUSOID
+VS = VCC = 5V
VEE = –5V
CLOAD = 10pF
RLOAD = 500Ω
+VS = VCC SUPPLY VOLTAGE (V)
2
150
175
200
6
1715 G15
125
100
50
3
4
5
75
250
225
TOGGLING FROM
1V TO +VS – 1V
TA = 25°C
VIN = ±50mV SINUSOID
VEE = GND
CLOAD = 10pF
TOGGLING FROM
20% TO 80% OF +VS


Similar Part No. - LT1715HMSTRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1715 LINER-LT1715 Datasheet
239Kb / 16P
   4ns, 150MHz Dual Comparator with Independent Input/Output Supplies
LT1715 LINER-LT1715 Datasheet
1Mb / 36P
   Low Phase Noise, Dual Output Buffer/Driver/Logic Converter
LT1715 LINER-LT1715 Datasheet
246Kb / 28P
   UltraFast:4.5ns at 20mV Overdrive 7ns at 5mV Overdrive
LT1715 LINER-LT1715 Datasheet
700Kb / 30P
   280MHz, 2.9ns Comparator Family with Rail-to-Rail Inputs and CMOS Outputs
LT1715CMS LINER-LT1715CMS Datasheet
239Kb / 16P
   4ns, 150MHz Dual Comparator with Independent Input/Output Supplies
More results

Similar Description - LT1715HMSTRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1715 LINER-LT1715 Datasheet
239Kb / 16P
   4ns, 150MHz Dual Comparator with Independent Input/Output Supplies
LT1715 LINER-LT1715_15 Datasheet
255Kb / 20P
   4ns, 150MHz Dual Comparator with Independent Input/Output Supplies
logo
Intersil Corporation
EL5285I INTERSIL-EL5285I Datasheet
136Kb / 9P
   Dual 4ns High-Speed Comparator
EL5185 INTERSIL-EL5185 Datasheet
100Kb / 9P
   4ns High-Speed Comparator
logo
Elantec Semiconductor
EL5185C ELANTEC-EL5185C Datasheet
301Kb / 11P
   4ns High-Speed Comparator
logo
Intersil Corporation
HA4905 INTERSIL-HA4905 Datasheet
25Kb / 2P
   Window Comparator With Independent Adjustments
April 1998
EL5287 INTERSIL-EL5287 Datasheet
136Kb / 8P
   Window 4ns High-Speed Comparator
logo
Jingjing Microelectroni...
EG393 EGMICRO-EG393 Datasheet
503Kb / 12P
   Dual independent high precision voltage comparator chip
logo
Connor-Winfield Corpora...
H52DF CONNOR-WINFIELD-H52DF Datasheet
55Kb / 1P
   INDEPENDENT DUAL OUTPUT OSCILLATOR
S52DF CONNOR-WINFIELD-S52DF Datasheet
54Kb / 1P
   INDEPENDENT DUAL OUTPUT OSCILLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com