Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC1N914BWT Datasheet(PDF) 1 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

Part # TC1N914BWT
Description  200mW SOD-523 SURFACE MOUNT Very Small Outline Flat Lead Plastic Package General Purpose Application Fast Switching Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAK_CHEONG [Tak Cheong Electronics (Holdings) Co.,Ltd]
Direct Link  http://www.takcheong.com/en/index.asp
Logo TAK_CHEONG - Tak Cheong Electronics (Holdings) Co.,Ltd

TC1N914BWT Datasheet(HTML) 1 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

  TC1N914BWT Datasheet HTML 1Page - Tak Cheong Electronics (Holdings) Co.,Ltd TC1N914BWT Datasheet HTML 2Page - Tak Cheong Electronics (Holdings) Co.,Ltd TC1N914BWT Datasheet HTML 3Page - Tak Cheong Electronics (Holdings) Co.,Ltd TC1N914BWT Datasheet HTML 4Page - Tak Cheong Electronics (Holdings) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Oct 2008, Revision E
Page 1
TAK CHEONG
®
SE MI CO NDU CT OR
200mW SOD-523 SURFACE MOUNT
Very Small Outline Flat Lead Plastic Package
General Purpose Application
Fast Switching Diode
Absolute Maximum Ratings
TA = 25°C unless otherwise noted
Symbol
Parameter
Value
Units
PD
Power Dissipation
200
mW
TSTG
Storage Temperature Range
-55 to +150
°C
TJ
Operating Junction Temperature
+150
°C
VRSM
Non-Repetitive Peak Reverse Voltage
100
V
VRRM
Repetitive Peak Reverse Voltage
75
V
IFRM
Repetitive Peak Forward Current
300
mA
IO
Continuous Forward Current
150
mA
These ratings are limiting values above which the serviceability of the diode may be impaired.
Specification Features:
Fast Switching Device (TRR <4.0 nS)
General Purpose Diodes
Extremely Small SOD-523 Package
Flat Lead SOD-523 Small Outline Plastic Package
Surface Device Type Mounting
RoHS Compliant
Green EMC
Matte Tin(Sn) Lead Finish
Band Indicates Cathode
DEVICE MARKING CODE:
Device Type
Device Marking
TC1N4148WT
E1
TC1N4448WT
E2
TC1N914BWT
E3
Electrical Characteristics
TA = 25°C unless otherwise noted
Limits
Symbol
Parameter
Test Condition
Min
Max
Unit
BV
Breakdown Voltage
IR=100µA
IR=5µA
100
75
Volts
IR
Reverse Leakage Current
VR=20V
VR=75V
25
5
nA
µA
VF
Forward Voltage
TC1N4448WT, TC1N914BWT
TC1N4448WT, TC1N4148WT
TC1N4448WT, TC1N914BWT
IF=5mA
IF=10mA
IF=100mA
0.62
0.72
1.0
1.0
Volts
TRR
Reverse Recovery Time
IF=10mA
IR=60mA
RL=100
IRR=1mA
4
nS
C
Capacitance
VR=0V, f=1MHZ
4
pF


Similar Part No. - TC1N914BWT

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
TC1N914BWT TAK_CHEONG-TC1N914BWT Datasheet
187Kb / 5P
   200mW SOD-523 SURFACE MOUNT Fast Switching Diode
More results

Similar Description - TC1N914BWT

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
1N4148WT YEASHIN-1N4148WT Datasheet
508Kb / 4P
   200mW SOD-523 SURFACE MOUNT Very Small Outline Flat Lead Plastic Package General Purpose Application Fast Switching Diode
1N4448WT YEASHIN-1N4448WT Datasheet
508Kb / 4P
   200mW SOD-523 SURFACE MOUNT Very Small Outline Flat Lead Plastic Package General Purpose Application Fast Switching Diode
logo
Tak Cheong Electronics ...
1SS422 TAK_CHEONG-1SS422 Datasheet
165Kb / 4P
   200mW SOD-523 SURFACE MOUNT Very Small Outline Flat Lead Plastic Package General Purpose Application High Speed Switching Diode
logo
Yea Shin Technology Co....
1SS400 YEASHIN-1SS400 Datasheet
1,011Kb / 4P
   200mW SOD-523 SURFACE MOUNT Very Small Outline Flat Lead Plastic Package General Purpose Application High Speed Switching Diode
logo
Tak Cheong Electronics ...
TC1SS400 TAK_CHEONG-TC1SS400 Datasheet
165Kb / 4P
   200mW SOD-523 SURFACE MOUNT Very Small Outline Flat Lead Plastic Package General Purpose Application High Speed Switching Diode
TCBAS16 TAK_CHEONG-TCBAS16 Datasheet
166Kb / 4P
   200mW SOD-523 SURFACE MOUNT Very Small Outline Flat Lead Plastic Package General Purpose Application High Speed Switching Diode
TCRB521S-30 TAK_CHEONG-TCRB521S-30 Datasheet
578Kb / 3P
   200mW SOD-523 SURFACE MOUNT Very Small Outline Flat Lead Plastic Package Schottky Barrier Diode
logo
Rectron Semiconductor
RB520S-40 RECTRON-RB520S-40 Datasheet
422Kb / 5P
   200mW Sod-523 SURFACE MOUNT Very Small Outline Flat Lead Plastic Package Schottky Barrier Diode
logo
Tak Cheong Electronics ...
RB520S-40 TAK_CHEONG-RB520S-40 Datasheet
107Kb / 4P
   200mW SOD-523 SURFACE MOUNT Very Small Outline Flat Lead Plastic Package Schottky Barrier Diode
TCRB751S-40 TAK_CHEONG-TCRB751S-40 Datasheet
107Kb / 4P
   200mW SOD-523 SURFACE MOUNT Very Small Outline Flat Lead Plastic Package Schottky Barrier Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com