Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX79C180 Datasheet(PDF) 3 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

Part # BZX79C180
Description  500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAK_CHEONG [Tak Cheong Electronics (Holdings) Co.,Ltd]
Direct Link  http://www.takcheong.com/en/index.asp
Logo TAK_CHEONG - Tak Cheong Electronics (Holdings) Co.,Ltd

BZX79C180 Datasheet(HTML) 3 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

  BZX79C180 Datasheet HTML 1Page - Tak Cheong Electronics (Holdings) Co.,Ltd BZX79C180 Datasheet HTML 2Page - Tak Cheong Electronics (Holdings) Co.,Ltd BZX79C180 Datasheet HTML 3Page - Tak Cheong Electronics (Holdings) Co.,Ltd BZX79C180 Datasheet HTML 4Page - Tak Cheong Electronics (Holdings) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
November 2006 / C
Page 3
L i c e n s e d b y O N S e m i c o n d u c t o r ,
A t r a d e m a r k o f s e m i c o n d u c t o r
C o m p o n e n t s
I n d u s t r i e s ,
L L C
f o r
Z e n e r T e c h n o l o g y a n d P r o d u c t s .
TAK CHEONG
®
ELECTRICAL CHARACTERIZATION
(TA = 25°C unless otherwise noted)
Zener Voltage (Note 3.)
Zener
Impedance
(Note 4.)
Leakage Current
θVBR
VZ (Volts)
@IZT
ZZT @IZT
IR @ VR
(mV/℃)
C
VZ = 0,
F = 1.0MHZ
Device
(Note 2.)
Device
Marking
Min
Max
(mA)
(Ω)
(uA Max)
(Volts)
Min
Max
(pF)
BZX79C110
BZX79C120
BZX79C130
BZX79C150
BZX79C160
79C110
79C120
79C130
79C150
79C160
104
114
124
138
153
116
127
141
156
171
1
1
1
1
1
650
800
950
1250
1400
0.1
0.1
0.1
0.1
0.1
84
91
99
114
122
63
69
75
87
93
131
144
158
185
200
26
24
23
21
20
BZX79C180
BZX79C200
79C180
79C200
168
188
191
212
1
1
1700
2000
0.1
0.1
137
152
105
120
228
255
18
17
VF Forward Voltage = 1.5V max @ IF = 100mA for all types
2. TOLERANCE AND VOLTAGE DESIGNATION
The type numbers listed have zener voltage min/max limits as shown.
3. REVERSE ZENER VOLTAGE (VZ)
Reverse zener voltage is measured under pulse conditions such that TJ is no more than 2℃ above TA.
4. ZENER IMPEDANCE (ZZ) DERIVATION
ZZT is measured by dividing the AC voltage drop across the device by the AC current applied. The specified limits are for IZ(AC) =
0.1 IZ(DC) with AC frequency = 60Hz.


Similar Part No. - BZX79C180

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BZX79C180 FAIRCHILD-BZX79C180 Datasheet
47Kb / 5P
   Zeners
BZX79C180 FAIRCHILD-BZX79C180 Datasheet
47Kb / 5P
   Zeners
BZX79C180 FAIRCHILD-BZX79C180 Datasheet
47Kb / 5P
   Zeners
BZX79C180 FAIRCHILD-BZX79C180 Datasheet
47Kb / 5P
   Zeners
logo
Tak Cheong Electronics ...
BZX79C180 TAK_CHEONG-BZX79C180 Datasheet
178Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
More results

Similar Description - BZX79C180

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
BZX79C110 TAK_CHEONG-BZX79C110_10 Datasheet
178Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
ZX2V0 YEASHIN-ZX2V0 Datasheet
815Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
ZL2V4B YEASHIN-ZL2V4B Datasheet
604Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N5221B YEASHIN-1N5221B Datasheet
1Mb / 10P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
TCBZX55C2V0 TAK_CHEONG-TCBZX55C2V0 Datasheet
181Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCZL2V4B TAK_CHEONG-TCZL2V4B Datasheet
174Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N750A TAK_CHEONG-1N750A Datasheet
316Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N4370A TAK_CHEONG-1N4370A Datasheet
166Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TC1N5221B TAK_CHEONG-TC1N5221B Datasheet
92Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCRD2V2 TAK_CHEONG-TCRD2V2 Datasheet
173Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N5221B TAK_CHEONG-1N5221B Datasheet
133Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com