Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HV214 Datasheet(PDF) 6 Page - Supertex, Inc

Part # HV214
Description  250V Low Charge Injection 8-Channel High Voltage Analog Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV214 Datasheet(HTML) 6 Page - Supertex, Inc

  HV214 Datasheet HTML 1Page - Supertex, Inc HV214 Datasheet HTML 2Page - Supertex, Inc HV214 Datasheet HTML 3Page - Supertex, Inc HV214 Datasheet HTML 4Page - Supertex, Inc HV214 Datasheet HTML 5Page - Supertex, Inc HV214 Datasheet HTML 6Page - Supertex, Inc HV214 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
HV214
Switch OFF Leakage
ISOL
VPP
5V
VNN
VPP
VNN
VDD
GND
VNN +10
VPP –10
DC Offset ON/OFF
VPP
5V
VNN
VPP
VNN
VDD
GND
VOUT
100KΩ
RL
TON/TOFF Test Circuit
VPP
5V
VNN
VPP
VNN
VDD
GND
VPP –10V
RL
10KΩ
VOUT
Isolation Diode Current
IID
VPP
5V
VNN
VPP
VNN
VDD
GND
VNN
VSIG
Crosstalk
KCR = 20Log
VOUT
VIN
VIN = 10 VP–P
@5MHz
NC
50Ω
VPP
5V
VNN
VPP
VNN
VDD
GND
50Ω
Charge Injection
VPP
5V
VNN
VPP
VNN
VDD
GND
VSIG
VOUT
1000pF
Q = 1000pF x ∆VOUT
∆VOUT
Output Voltage Spike
VPP
5V
VNN
VPP
VNN
VDD
GND
VOUT
1KΩ
RL
50Ω
+VSPK
–VSPK
OFF Isolation
KO = 20Log
VOUT
VIN
VIN = 10 VP–P
@5MHz
VPP
5V
VNN
VPP
VNN
VDD
GND
RL
VOUT
Test Circuits


Similar Part No. - HV214

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV214 SUTEX-HV214 Datasheet
792Kb / 9P
   250V Low Charge Injection 8-Channel High Voltage Analog Switch
HV214FG SUTEX-HV214FG Datasheet
792Kb / 9P
   250V Low Charge Injection 8-Channel High Voltage Analog Switch
HV214FG-G SUTEX-HV214FG-G Datasheet
792Kb / 9P
   250V Low Charge Injection 8-Channel High Voltage Analog Switch
HV214FG-G SUTEX-HV214FG-G Datasheet
834Kb / 9P
   250V Low Charge Injection, 8-Channel, High Voltage Analog Switch
HV214FG-GM931 SUTEX-HV214FG-GM931 Datasheet
834Kb / 9P
   250V Low Charge Injection, 8-Channel, High Voltage Analog Switch
More results

Similar Description - HV214

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV214 SUTEX-HV214_13 Datasheet
834Kb / 9P
   250V Low Charge Injection, 8-Channel, High Voltage Analog Switch
HV214 SUTEX-HV214_07 Datasheet
792Kb / 9P
   250V Low Charge Injection 8-Channel High Voltage Analog Switch
logo
IXYS Corporation
CPC7220 IXYS-CPC7220_12 Datasheet
1Mb / 14P
   Low Charge Injection, 8-Channel High Voltage Analog Switch
logo
Supertex, Inc
HV20220 SUTEX-HV20220 Datasheet
357Kb / 12P
   Low Charge Injection 8-Channel High Voltage Analog Switch
HV2203 SUTEX-HV2203 Datasheet
841Kb / 9P
   Low Charge Injection, 8-Channel High Voltage Analog Switch
logo
Clare, Inc.
CPC7220 CLARE-CPC7220 Datasheet
218Kb / 11P
   Low Charge Injection 8-Channel High Voltage Analog Switch
logo
Supertex, Inc
HV20320 SUTEX-HV20320_13 Datasheet
687Kb / 9P
   Low Charge Injection 8-Channel High Voltage Analog Switch
logo
IXYS Corporation
CPC7220 IXYS-CPC7220 Datasheet
260Kb / 11P
   Low Charge Injection, 8-Channel High Voltage Analog Switch
logo
Supertex, Inc
HV20420 SUTEX-HV20420 Datasheet
42Kb / 6P
   Low Charge Injection 8-Channel High Voltage Analog Switch
HV219 SUTEX-HV219_07 Datasheet
797Kb / 9P
   Low Charge Injection 8-Channel High Voltage Analog Switch
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com