Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HV214 Datasheet(PDF) 3 Page - Supertex, Inc

Part No. HV214
Description  250V Low Charge Injection 8-Channel High Voltage Analog Switch
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SUTEX [Supertex, Inc]
Homepage  http://www.supertex.com
Logo 

HV214 Datasheet(HTML) 3 Page - Supertex, Inc

   
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
HV214
Electrical Characteristics
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Pn
i
Mp
y
Tx
a
Ms
t
i
n
Us
n
o
i
t
i
d
n
o
C
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
l
a
c
i
r
t
c
e
l
E
C
A
V
(
D
D
T
,
V
5
=
A
)
d
e
t
o
n
e
s
i
w
r
e
h
t
o
s
s
e
l
n
u
s
n
o
i
t
i
d
n
o
c
g
n
i
t
a
r
e
p
o
d
e
d
n
e
m
m
o
c
e
r
r
e
v
o
,
C
°
5
2
=
t
D
S
s
e
s
i
R
*
E
L
e
r
o
f
e
b
e
m
i
t
p
u
t
e
S0
5
1s
n
t
E
L
W
*
E
L
f
o
h
t
d
i
w
e
m
i
T0
5
1s
n
t
O
D
t
u
o
a
t
a
d
o
t
e
m
i
t
y
a
l
e
d
k
c
o
l
C0
5
1s
n
t
L
C
W
L
C
f
o
h
t
d
i
w
e
m
i
T0
5
1s
n
t
U
S
k
c
o
l
c
o
t
a
t
a
d
e
m
i
t
p
u
t
e
S5
10
.
8s
n
t
H
k
c
o
l
C
m
o
r
f
a
t
a
d
e
m
i
t
d
l
o
H5
3s
n
f
K
L
C
y
c
n
e
u
q
e
r
f
k
c
o
l
C0
.
5z
H
Mf
,
e
l
c
y
c
y
t
u
d
%
0
5
A
T
A
D
f
=
K
L
C
2
/
t
R
t
,
F
s
e
m
i
t
ll
a
f
d
n
a
e
s
i
r
k
c
o
l
C0
5s
n
T
N
O
e
m
i
t
n
o
n
r
u
T0
.
5
µs
V
G
I
S
V
=
P
P
R
,
V
0
1
-
D
A
O
L
k
0
1
=
T
F
F
O
e
m
i
t
f
f
o
n
r
u
T0
.
5
µs
V
G
I
S
V
=
P
P
R
,
V
0
1
-
D
A
O
L
k
0
1
=
t
d
/
v
dV
m
u
m
i
x
a
M
G
I
S
e
t
a
r
w
e
l
s
0
2
s
n
/
V
V
P
P
V
,
V
0
4
+
=
N
N
V
0
1
2
-
=
0
2V
P
P
V
,
V
5
2
1
+
=
N
N
V
5
2
1
-
=
0
2V
P
P
V
,
V
0
1
2
+
=
N
N
V
0
4
-
=
O
Kn
o
i
t
a
l
o
s
i
f
f
O
0
3
-
B
d
K
1
,
z
H
M
0
.
5
=
f
d
a
o
l
F
p
5
1
/
8
5
-0
5
,
z
H
M
0
.
5
=
f
d
a
o
l
K
R
C
k
l
a
t
s
s
o
r
c
h
c
t
i
w
S0
6
-B
d0
5
,
z
H
M
0
.
5
=
f
d
a
o
l
I
D
I
t
n
e
r
r
u
c
e
d
o
i
d
n
o
i
t
a
l
o
s
i
h
c
t
i
w
s
t
u
p
t
u
O0
0
3A
me
l
c
y
c
y
t
u
d
%
0
.
2
,
h
t
d
i
w
e
s
l
u
p
s
n
0
0
3
C
)
F
F
O
(
G
S
d
n
G
o
t
W
S
e
c
n
a
t
i
c
a
p
a
c
f
f
O0
.
52
17
1F
pz
H
M
1
=
f
,
V
0
C
)
N
O
(
G
S
d
n
G
o
t
W
S
e
c
n
a
t
i
c
a
p
a
c
n
O5
28
30
5F
pz
H
M
1
=
f
,
V
0
V
+
K
P
S
e
k
i
p
S
e
g
a
t
l
o
V
t
u
p
t
u
O
0
0
2
V
mV
P
P
V
,
V
0
4
+
=
N
N
R
,
V
0
1
2
-
=
D
A
O
L
0
5
=
V
-
K
P
S
0
0
2
V
+
K
P
S
0
0
2
V
mV
P
P
V
,
V
5
2
1
+
=
N
N
R
,
V
5
2
1
-
=
D
A
O
L
0
5
=
V
-
K
P
S
0
0
2
V
+
K
P
S
0
0
2
V
mV
P
P
V
,
V
0
1
2
+
=
N
N
R
,
V
0
4
-
=
D
A
O
L
0
5
=
V
-
K
P
S
0
0
2
Absolute Maximum Ratings*
V
DD Logic power supply voltage
-0.5V to +15V
V
PP - VNN Supply voltage
260V
V
PP Positive high voltage supply
-0.5V to V
NN +250V
V
NN Negative high voltage supply
+0.5V to -260V
Logic input voltages
-0.5V to V
DD +0.3V
Analog Signal Range
V
NN to VPP
Peak analog signal current/channel
2.5A
Storage temperature
-65°C to +150°C
Power dissipation
28-pin PLCC
1.2W
48 lead TQFP
1.0W
* Absolute Maximum Ratings are those values beyond which damage to the
device may occur. Functional operation under these conditions is not implied.
Continuous operation of the device at the absolute rating level may affect
device reliability.


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn