Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB230 Datasheet(PDF) 1 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

Part # SB230
Description  2.0AMP. Schottky Barrier Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAK_CHEONG [Tak Cheong Electronics (Holdings) Co.,Ltd]
Direct Link  http://www.takcheong.com/en/index.asp
Logo TAK_CHEONG - Tak Cheong Electronics (Holdings) Co.,Ltd

SB230 Datasheet(HTML) 1 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

  SB230 Datasheet HTML 1Page - Tak Cheong Electronics (Holdings) Co.,Ltd SB230 Datasheet HTML 2Page - Tak Cheong Electronics (Holdings) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Apr. 2008 Release / Orig
Page 1
Preliminary Data Sheet
SB220 THRU SB2100
2.0AMP.
Schottky Barrier Rectifier
VOLTAGE:20 TO 100V
CURRENT:2.0A
Specification Features:
Case: Epoxy, Molded
Weight: 0.4Gram (Approximately)
High current capability,Low Forward Voltage Drop
High surge current capability
Finish: All External Surfaces Corrosion Resistant And Terminal Leads Are
Readily Solderable
Lead And Mounting Surface Temperature For Soldering Purposed:
260℃ Max. For 10 Seconds 1/16 Inch From Case
RoHS Compliant
Cathode Indicated By Polarity Band
Absolute Maximum Ratings
TA = 25°C unless otherwise noted
Parameter
Symbol
SB
220
SB
230
SB
240
SB
250
SB
260
SB
280
SB
2100
Units
Maximum Repetitive Peak
Reverse Voltage
VRRM
20
30
40
50
60
80
100
V
Maximum DC Blocking Voltage
VR
20
30
40
50
60
80
100
V
Maximum Average Forward
Rectifier Current.
(0.375” Lead Length @ TA=75℃)
IF(AV)
2.0
A
Non-repetitive Peak Forward
Surge Current.
(8.3mS Single Half Sine-wave)
IFSM
50
A
Operating Junction and Storage
Temperature Range
TJ, TSTG
-65 to +125
°C
Thermal Resistance
(Junction to Ambient) (Note 1)
RθJA
45
°C/W
Electrical Characteristics TA = 25°C unless otherwise noted
Parameter
Symbol
SB
220
SB
230
SB
240
SB
250
SB
260
SB
280
SB
2100
Units
Maximum D.C Reverse Current
At Rated D.C Blocking Voltage
@ TA=25℃
@ TA=100℃
IR
1.0
10.0
mA
Forward Voltage @2A
VF
0.500
0.700
0.850
V
Total Capacitance
@VR=4V, f=1MHz
CT
170
pF
NOTE:
(1) Thermal resistance from junction to ambient at 0.375” lead length, vertical P.C. board mounted
AXIAL LEAD
DO-15
DEVICE MARKING DIAGRAM
SB2XX : Device Name SB220~ SB2100
KEL
: KEL Logo


Similar Part No. - SB230

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB230 PANJIT-SB230 Datasheet
41Kb / 2P
   2 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 2.0 Amperes)
logo
Formosa MS
SB230 FORMOSA-SB230 Datasheet
160Kb / 6P
   Axial Leaded Schottky Barrier Rectifier
logo
Semikron International
SB230 SEMIKRON-SB230 Datasheet
133Kb / 2P
   Schottky barrier rectifiers diodes
logo
Diode Semiconductor Kor...
SB230 DSK-SB230 Datasheet
258Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Sirectifier Global Corp...
SB230 SIRECT-SB230 Datasheet
215Kb / 2P
   Power Schottky Rectifier - 2Amp 20~100Volt
More results

Similar Description - SB230

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SM2200B SECOS-SM2200B_11 Datasheet
119Kb / 2P
   2.0Amp Schottky Barrier Rectifiers
logo
Shenzhen Luguang Electr...
SR202 LUGUANG-SR202 Datasheet
1Mb / 2P
   2.0AMP. Schottky Barrier Rectifiers
logo
Nanjing International G...
SB220 DGNJDZ-SB220 Datasheet
68Kb / 2P
   2.0Amp Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SM2150A SECOS-SM2150A_07 Datasheet
1Mb / 2P
   2.0Amp Schottky Barrier Rectifiers
SM2150A SECOS-SM2150A Datasheet
298Kb / 2P
   2.0Amp Schottky Barrier Rectifiers
SM2150A SECOS-SM2150A_15 Datasheet
1Mb / 2P
   2.0Amp Schottky Barrier Rectifiers
logo
Cystech Electonics Corp...
CSR220 CYSTEKEC-CSR220 Datasheet
244Kb / 4P
   2.0Amp Schottky Barrier Diodes
logo
PACELEADER INDUSTRIAL
SR220 PACELEADER-SR220 Datasheet
524Kb / 2P
   2.0AMP SCHOTTKY BARRIER RECTIFIERS
logo
DONGGUAN YOU FENG WEI E...
SB220 YFWDIODE-SB220 Datasheet
267Kb / 2P
   2.0Amp Schottky Barrier Rectifiers
SB220-DO-15 YFWDIODE-SB220-DO-15 Datasheet
297Kb / 2P
   2.0Amp Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com