Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1639CS Datasheet(PDF) 1 Page - Linear Technology

Part # LT1639CS
Description  1.2MHz, 0.4V/關s Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1639CS Datasheet(HTML) 1 Page - Linear Technology

  LT1639CS Datasheet HTML 1Page - Linear Technology LT1639CS Datasheet HTML 2Page - Linear Technology LT1639CS Datasheet HTML 3Page - Linear Technology LT1639CS Datasheet HTML 4Page - Linear Technology LT1639CS Datasheet HTML 5Page - Linear Technology LT1639CS Datasheet HTML 6Page - Linear Technology LT1639CS Datasheet HTML 7Page - Linear Technology LT1639CS Datasheet HTML 8Page - Linear Technology LT1639CS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LT1638/LT1639
16389fd
APPLICATIO S
DESCRIPTIO
FEATURES
TYPICAL APPLICATIO
1.2MHz, 0.4V/
μs
Over-The-Top Micropower
Rail-to-Rail Input and Output
Op Amps
Operates with Inputs Above V +
Rail-to-Rail Input and Output
Low Power: 230
μA per Amplifier Max
Gain Bandwidth Product: 1.2MHz
Slew Rate: 0.4V/
μs
High Output Current: 25mA Min
Specified on 3V, 5V and
±15V Supplies
Reverse Battery Protection to 18V
No Supply Sequencing Problems
High Voltage Gain: 1500V/mV
Single Supply Input Range: – 0.4V to 44V
High CMRR: 98dB
No Phase Reversal
Available in 14-Lead SO, 8-Lead MSOP and DFN
Packages
Battery- or Solar-Powered Systems
Portable Instrumentation
Sensor Conditioning
Supply Current Sensing
Battery Monitoring
Micropower Active Filters
4mA to 20mA Transmitters
VCC
VCC
V1
V2
V0
+
A
1/2 LT1638
+
B
1/2 LT1638
VCC
1M
1M
1M
10k
10k
VCC = 5V, VCM = 0V TO 44V, tPD = 27μs
1638/39 TA01
1M
Over-The-Top
® Comparator with
100mV Hysteresis Centered at 0mV
Output Voltage vs Input Voltage
5V
0V
The LT
®1638 is a low power dual rail-to-rail input and output
operational amplifier available in the standard 8-pin PDIP and
SO packages as well as the 8-lead MSOP package. The
LT1639 is a low power quad rail-to-rail input and output
operational amplifier offered in the standard 14-pin PDIP and
surface mount packages. For space limited applications the
LT1638 is available in a 3mm x 3mm x 0.8mm dual fine pitch
leadless package (DFN).
The LT1638/LT1639 op amps operate on all single and
split supplies with a total voltage of 2.5V to 44V drawing
only 170
μA of quiescent current per amplifier. These
amplifiers are reverse battery protected and draw no
current for reverse supply up to 18V.
The input range of the LT1638/LT1639 includes both
supplies, and a unique feature of this device is its capability
to operate over the top with either or both of its inputs
above V+. The inputs handle 44V, both differential and
common mode, independent of supply voltage. The input
stage incorporates phase reversal protection to prevent
false outputs from occurring when the inputs are below
the negative supply. Protective resistors are included in
the input leads so that current does not become excessive
when the inputs are forced below the negative supply. The
LT1638/LT1639 can drive loads up to 25mA and still
maintain rail-to-rail capability. The op amps are unity-gain
stable and drive all capacitive loads up to 1000pF when
optional output compensation is used.
1638/39 TA02
20mV/DIV
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
Over-The-Top is a registered trademark of Linear Technology Corporation.
All other trademarks are the property of their respective owners.


Similar Part No. - LT1639CS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1639CS LINER-LT1639CS Datasheet
323Kb / 12P
   1.2MHz, 0.4V/us Over-The-TopTM Micropower Rail-to-Rail Input and Output Op Amps
More results

Similar Description - LT1639CS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1639 LINER-LT1639_15 Datasheet
262Kb / 18P
   1.2MHz, 0.4V/s Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps
LT1638 LINER-LT1638_15 Datasheet
262Kb / 18P
   1.2MHz, 0.4V/s Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps
LT1638 LINER-LT1638 Datasheet
323Kb / 12P
   1.2MHz, 0.4V/us Over-The-TopTM Micropower Rail-to-Rail Input and Output Op Amps
LT1637 LINER-LT1637_1 Datasheet
356Kb / 16P
   1.1MHz, 0.4V/關s Over-The-Top Micropower, Rail-To-Rail Input and Output Op Amp
LT1637 LINER-LT1637_15 Datasheet
362Kb / 16P
   1.1MHz, 0.4V/s Over-The-Top Micropower, Rail-To-Rail Input and Output Op Amp
LT1637 LINER-LT1637 Datasheet
254Kb / 12P
   1.1MHz, 0.4V/us Over-The-Top Micropower, Rail-To-Rail Input and Output Op Amp
LT1490A LINER-LT1490A_15 Datasheet
234Kb / 18P
   Dual/Quad Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps
LT1490A LINER-LT1490A_1 Datasheet
343Kb / 16P
   Dual/Quad Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps
LT1491A LINER-LT1491A_15 Datasheet
234Kb / 18P
   Dual/Quad Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps
LT1636 LINER-LT1636 Datasheet
136Kb / 12P
   Over-The-Top Micropower Rail-to-Rail Input and Output Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com