Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1641-1IS8 Datasheet(PDF) 11 Page - Linear Technology

Part # LT1641-1IS8
Description  Positive High Voltage Hot Swap Controllers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1641-1IS8 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1641-1IS8 Datasheet HTML 4Page - Linear Technology LT1641-1IS8 Datasheet HTML 5Page - Linear Technology LT1641-1IS8 Datasheet HTML 6Page - Linear Technology LT1641-1IS8 Datasheet HTML 7Page - Linear Technology LT1641-1IS8 Datasheet HTML 8Page - Linear Technology LT1641-1IS8 Datasheet HTML 9Page - Linear Technology LT1641-1IS8 Datasheet HTML 10Page - Linear Technology LT1641-1IS8 Datasheet HTML 11Page - Linear Technology LT1641-1IS8 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
LT1641-1/LT1641-2
164112fc
APPLICATIO S I FOR ATIO
VCC
TIMER
SENSE
GATE
87
6
54
2
1
3
D1
CMPZ
5248B
GND
PWRGD
FB
R5
10
5%
ON
R1
294k
1%
VIN
48V
UV = 37V
GND
1641-1 F12
R2
10.2k
1%
C2
0.68
µF
R6,
1k, 5%
RS
0.01
C1
10nF
R3
143k
1%
R4
4.22k
1%
R7
47k
5%
+
CL
220
µF
Q2
MMBT5551LT1
VOUT
LT1641-1
ACTIVE LOW
ENABLE MODULE
VOUT
VOUT+
VIN
ON/OFF
VIN+
Q1
IRF530
SHORT
PIN
Figure 12. Active Low Enable Module
R1
SENSE
RESISTOR, RS
1641-1 F14
R2
LT1641-1
ILOAD
ILOAD
Figure 14. Recommended Layout for R1, R2 and RS
Figure 13. Gate Drive vs Supply Voltage
VCC (V)
8
18
16
14
12
10
8
6
4
2
0
1641-1
F13
13
18
23
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
Layout Considerations
To achieve accurate current sensing, a Kelvin connection
is recommended. The minimum trace width for 1oz cop-
per foil is 0.02" per amp to make sure the trace stays at a
reasonable temperature. 0.03" per amp or wider is recom-
mended. Note that 1oz copper exhibits a sheet resistance
of about 530
µΩ/ . Small resistances add up quickly in
high current applications. To improve noise immunity, put
the resistor divider to the ON pin close to the chip and keep
traces to VCC and GND short. A 0.1µF capacitor from the
ON pin to GND also helps reject induced noise. Figure 14
shows a layout that addresses these issues.


Similar Part No. - LT1641-1IS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1641-1 LINER-LT1641-1 Datasheet
322Kb / 40P
   Hot Swap Controller
LT1641-1 LINER-LT1641-1 Datasheet
319Kb / 36P
   Negative Voltage Hot Swap Controllers
LT1641-1 LINER-LT1641-1 Datasheet
310Kb / 34P
   ??8V Hot Swap Controllers
LT1641-1 LINER-LT1641-1 Datasheet
185Kb / 12P
   Positive High Voltage Hot Swap Controllers
logo
Linear Integrated Syste...
LT1641-1 LINEAR-LT1641-1 Datasheet
241Kb / 26P
   Surge Stopper
More results

Similar Description - LT1641-1IS8

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5933A MAXIM-MAX5933A Datasheet
269Kb / 15P
   Positive High-Voltage, Hot-Swap Controllers
Rev 1; 7/04
logo
Linear Technology
LT4256-2 LINER-LT4256-2_15 Datasheet
219Kb / 16P
   Positive High Voltage Hot Swap Controllers
LT4256-1 LINER-LT4256-1_15 Datasheet
219Kb / 16P
   Positive High Voltage Hot Swap Controllers
LT1641-1 LINER-LT1641-1_15 Datasheet
185Kb / 12P
   Positive High Voltage Hot Swap Controllers
LT1641-2 LINER-LT1641-2_15 Datasheet
185Kb / 12P
   Positive High Voltage Hot Swap Controllers
LT4256-1 LINER-LT4256-1 Datasheet
271Kb / 16P
   Positive High Voltage Hot Swap Controllers
LTC4252-1 LINER-LTC4252-1 Datasheet
399Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252-1 LINER-LTC4252-1_12 Datasheet
319Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252B-2 LINER-LTC4252B-2_15 Datasheet
467Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252-1 LINER-LTC4252-1_15 Datasheet
334Kb / 36P
   Negative Voltage Hot Swap Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com