Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1641-1 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1641-1
Description  Positive High Voltage Hot Swap Controllers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1641-1 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1641-1 Datasheet HTML 3Page - Linear Technology LT1641-1 Datasheet HTML 4Page - Linear Technology LT1641-1 Datasheet HTML 5Page - Linear Technology LT1641-1 Datasheet HTML 6Page - Linear Technology LT1641-1 Datasheet HTML 7Page - Linear Technology LT1641-1 Datasheet HTML 8Page - Linear Technology LT1641-1 Datasheet HTML 9Page - Linear Technology LT1641-1 Datasheet HTML 10Page - Linear Technology LT1641-1 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LT1641-1/LT1641-2
164112fc
ON
1641-1 F02
GATE
5V
tPLHON
1.313V
1V
tPHLON
1.233V
FB
1641-1 F03
PWRGD
1V
tPLHFB
1.313V
1V
tPHLFB
1.233V
VCC – SENSE
1641-1 F04
GATE
VCC
tPHLSENSE
47mV
TI I G DIAGRA S
Figure 2. ON to GATE Timing
Figure 3. FB to PWRGD Timing
Figure 4. SENSE to GATE Timing
APPLICATIO S I FOR ATIO
Hot Circuit Insertion
When circuit boards are inserted into a live backplane, the
supply bypass capacitors on the boards draw high peak
currents from the backplane power bus as they charge up.
The transient currents can permanently damage the con-
nector pins and glitch the system supply, causing other
boards in the system to reset.
The chip is designed to turn on a board’s supply voltage in
a controlled manner, allowing the board to be safely
inserted or removed from a live backplane. The chip also
provides undervoltage and overcurrent protection while a
power good output signal indicates when the output
supply voltage is ready.
Power-Up Sequence
The power supply on a board is controlled by placing an
external N-channel pass transistor (Q1) in the power path
(Figure 5). Resistor RS provides current detection and
capacitor C1 provides control of the GATE slew rate.
Resistor R6 provides current control loop compensation
while R5 prevents high frequency oscillations in Q1.
Resistors R1 and R2 provide undervoltage sensing.
After the power pins first make contact, transistor Q1 is
turned off. If the voltage at the ON pin exceeds the turn-on
threshold voltage, the voltage on the VCC pin exceeds the
undervoltage lockout threshold, and the voltage on the
TIMER pin is less than 1.233V, transistor Q1 will be turned
on (Figure 6). The voltage at the GATE pin rises with a slope
equal to 10
µA/C1 and the supply inrush current is set at
IINRUSH = CL • 10µA/C1. If the voltage across the current
sense resistor RS gets too high, the inrush current will then
be limited by the internal current limit circuitry which
adjusts the voltage on the GATE pin to maintain a constant
voltage across the sense resistor.
Once the voltage at the output has reached its final value,
as sensed by resistors R3 and R4, the PWRGD pin goes
high.


Similar Part No. - LT1641-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1641-1 LINER-LT1641-1 Datasheet
322Kb / 40P
   Hot Swap Controller
LT1641-1 LINER-LT1641-1 Datasheet
319Kb / 36P
   Negative Voltage Hot Swap Controllers
LT1641-1 LINER-LT1641-1 Datasheet
310Kb / 34P
   ??8V Hot Swap Controllers
LT1641-1 LINER-LT1641-1 Datasheet
185Kb / 12P
   Positive High Voltage Hot Swap Controllers
logo
Linear Integrated Syste...
LT1641-1 LINEAR-LT1641-1 Datasheet
241Kb / 26P
   Surge Stopper
More results

Similar Description - LT1641-1

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5933A MAXIM-MAX5933A Datasheet
269Kb / 15P
   Positive High-Voltage, Hot-Swap Controllers
Rev 1; 7/04
logo
Linear Technology
LT4256-2 LINER-LT4256-2_15 Datasheet
219Kb / 16P
   Positive High Voltage Hot Swap Controllers
LT4256-1 LINER-LT4256-1_15 Datasheet
219Kb / 16P
   Positive High Voltage Hot Swap Controllers
LT1641-1 LINER-LT1641-1_15 Datasheet
185Kb / 12P
   Positive High Voltage Hot Swap Controllers
LT1641-2 LINER-LT1641-2_15 Datasheet
185Kb / 12P
   Positive High Voltage Hot Swap Controllers
LT4256-1 LINER-LT4256-1 Datasheet
271Kb / 16P
   Positive High Voltage Hot Swap Controllers
LTC4252-1 LINER-LTC4252-1 Datasheet
399Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252-1 LINER-LTC4252-1_12 Datasheet
319Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252B-2 LINER-LTC4252B-2_15 Datasheet
467Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252-1 LINER-LTC4252-1_15 Datasheet
334Kb / 36P
   Negative Voltage Hot Swap Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com