Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HV20220 Datasheet(PDF) 6 Page - Supertex, Inc

Part No. HV20220
Description  Low Charge Injection 8-Channel High Voltage Analog Switch
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SUTEX [Supertex, Inc]
Homepage  http://www.supertex.com
Logo 

HV20220 Datasheet(HTML) 6 Page - Supertex, Inc

Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
DATA
IN
LE
CLOCK
DATA
OUT
OFF
ON
OUT
(TYP)
V
50%
50%
50%
50%
t WLE
t SD
t SU
t h
50%
50%
t OFF
50%
t DO
t ON
t WCL
CLR
D
N – 1
D
N
D
N + 1
50%
50%
90%
10%
Logic Timing Waveforms
Logic Diagram
D
LE
SW0
SW1
SW2
SW3
SW4
SW5
SW6
SW7
VNN VPP
CL
VDD
DOUT
CLK
DIN
8 BIT
SHIFT
REGISTER
LATCHES
LEVEL
SHIFTERS
OUTPUT
SWITCHES
CL
CL
CL
CL
CL
CL
CL
CL
D
LE
D
LE
D
LE
D
LE
D
LE
D
LE
D
LE
LE
HV20220/HV20320


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn