Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HV20220 Datasheet(PDF) 5 Page - Supertex, Inc

Part No. HV20220
Description  Low Charge Injection 8-Channel High Voltage Analog Switch
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SUTEX [Supertex, Inc]
Homepage  http://www.supertex.com
Logo 

HV20220 Datasheet(HTML) 5 Page - Supertex, Inc

 
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
Switch OFF Leakage
ISOL
VPP
5V
VNN
VPP
VNN
VDD
GND
VNN +10
VPP –10
DC Offset ON/OFF
VPP
5V
VNN
VPP
VNN
VDD
GND
VOUT
100K
RL
TON/TOFF Test Circuit
VPP
5V
VNN
VPP
VNN
VDD
GND
VPP –10V
RL
10K
VOUT
Isolation Diode Current
IID
VPP
5V
VNN
VPP
VNN
VDD
GND
VNN
VSIG
Crosstalk
KCR = 20Log
VOUT
VIN
VIN = 10 VP–P
@5MHz
NC
50
VPP
5V
VNN
VPP
VNN
VDD
GND
50
Charge Injection
VPP
5V
VNN
VPP
VNN
VDD
GND
VSIG
VOUT
1000pF
Q = 1000pF x
∆VOUT
∆VOUT
Output Voltage Spike
VPP
5V
VNN
VPP
VNN
VDD
GND
VOUT
1K
RL
50
+VSPK
–VSPK
OFF Isolation
KO = 20Log
VOUT
VIN
VIN = 10 VP–P
@5MHz
VPP
5V
VNN
VPP
VNN
VDD
GND
RL
VOUT
Test Circuits
HV20220/HV20320


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn