Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HV20220 Datasheet(PDF) 4 Page - Supertex, Inc

Part No. HV20220
Description  Low Charge Injection 8-Channel High Voltage Analog Switch
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SUTEX [Supertex, Inc]
Homepage  http://www.supertex.com
Logo 

HV20220 Datasheet(HTML) 4 Page - Supertex, Inc

 
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
AC Characteristics (over operating conditions V
DD = 5V, unless otherwise noted)
Symbol
Parameter
Value
V
DD
Logic power supply voltage1, 3
4.5V to 13.2V
VPP
Positive high voltage supply1, 3
40V to VNN+ 200V
V
NN
Negative high voltage supply1, 3
-40V to -160V
V
IH
High-level input voltage
V
DD -1.5V to VDD
VIL
Low-level input voltage
0V to 1.5V
V
SIG
Analog signal voltage peak to peak
V
NN +10V to VPP -10V
2
T
A
Operating free air-temperature
0
°C to 70°C
Notes:
1 Power up/down sequence is arbitrary except GND must be powered-up first and powered-down last.
2V
SIG must be VNN ≤ VSIG ≤ VPP or floating during power up/down transistion.
3 Rise and fall times of power supplies V
DD, VPP, and VNN should not be less than 1.0msec.
Operating Conditions*
+25
°C
Units
Characteristics
Sym
Test Conditions
min
typ
max
Electrical Characteristics
Output Voltage Spike
+V
SPK
150
V
PP = 40V, VNN = -160V, RL = 50Ω
– V
SPK
+V
SPK
V
PP = 100V, VNN = -100V, RL = 50Ω
– V
SPK
mV
+V
SPK
V
PP = 160V, VNN = -40V, RL = 50Ω
– V
SPK
Charge Injection
820
V
PP = 40V, VNN = -160V, VSIG = 0V
Q
600
pC
V
PP = 40V, VNN = -160V, VSIG = 0V
350
V
PP = 40V, VNN = -160V, VSIG = 0V
HV20220/HV20320


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn