Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HV20220 Datasheet(PDF) 3 Page - Supertex, Inc

Part No. HV20220
Description  Low Charge Injection 8-Channel High Voltage Analog Switch
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SUTEX [Supertex, Inc]
Homepage  http://www.supertex.com
Logo 

HV20220 Datasheet(HTML) 3 Page - Supertex, Inc

 
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
Electrical Characteristics
AC Characteristics (over operating conditions V
DD = 5V, unless otherwise noted)
0
°C
+25
°C
+70
°C
Characteristics
Sym
min
max
min
typ
max
min
max
Units
Test Conditions
Set Up Time Before LE Rises
t
SD
150
150
150
ns
Time Width of LE
t
WLE
150
150
150
ns
Clock Delay Time to Data Out
tDO
150
150
150
ns
Time Width of CL
t
WCL
150
150
150
ns
Set Up Time Data to Clock
t
SU
15
15
8.0
20
ns
Hold Time Data from Clock
th
35
35
35
ns
Clock Freq
f
CLK
5.0
5.0
5.0
MHz
50% duty cycle
fDATA = fCLK/2
Clock Rise and Fall Times
t
r, tf
50
50
50
ns
Turn On Time
t
ON
5.0
5.0
5.0
µsV
SIG = VPP -10V,
R
L = 10KΩ
Turn Off Time
t
OFF
5.0
5.0
5.0
µsV
SIG = VPP -10V,
R
L = 10KΩ
20
20
20
V
PP = 160V,
V
NN = -40V
Maximum V
SIG Slew Rate
dv/dt
20
20
20
V/ns
V
PP = 100V,
V
NN = -100V
20
20
20
V
PP = 40V,
V
NN = -160V
Off Isolation
KO
-30
-30
-33
-30
dB
f = 5MHz,
1K
Ω//15pF load
-58
-58
-58
dB
f = 5MHz,
50
Ω load
Switch Crosstalk
K
CR
-60
-60
-70
-60
dB
f = 5MHz,
50
Ω load
Output Switch Isolation
I
ID
300
300
300
mA
300ns pulse width,
Diode Current
2.0% duty cycle
Off Capacitance SW to GND
C
SG(OFF)
5.0
17
5.0
12
17
5.0
17
pF
0V, 1MHz
On Capacitance SW to GND
C
SG(ON)
25
50
25
38
50
25
50
pF
0V, 1MHz
HV20220/HV20320


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn