Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HV20220 Datasheet(PDF) 1 Page - Supertex, Inc

Part No. HV20220
Description  Low Charge Injection 8-Channel High Voltage Analog Switch
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SUTEX [Supertex, Inc]
Homepage  http://www.supertex.com
Logo 

HV20220 Datasheet(HTML) 1 Page - Supertex, Inc

 
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
HV20220
HV20320
V
PP
– V
NN
200V
HV20220P
HV20220PJ
HV20220FG
HV20220GA
HV20220X
200V
HV20320PJ
Low Charge Injection
8-Channel High Voltage Analog Switch
Ordering Information
Features
❏ HVCMOS® technology for high performance
❏ Very low quiescent power dissipation – 10µA
❏ Output On-resistance typically 22 ohms
❏ Low parasitic capacitances
❏ DC to 10MHz analog signal frequency
❏ -60dB typical output off isolation at 5MHz
❏ CMOS logic circuitry for low power
❏ Excellent noise immunity
❏ On-chip shift register, latch and clear logic circuitry
❏ Flexible high voltage supplies
❏ Surface mount package available
Package Options
General Description
This device is a low charge injection 8-channel high-voltage
analog switch integrated circuit (IC) intended for use in applica-
tions requiring high voltage switching controlled by low voltage
control signals, such as ultrasound imaging and printers. Input
data is shifted into an 8-bit shift register which can then be
retained in an 8-bit latch. To reduce any possible clock feed-
through noise, Latch Enable Bar (LE) should be left high until all
bits are clocked in. Using HVCMOS technology, this switch
combines high voltage bilateral DMOS switches and low power
CMOS logic to provide efficient control of high voltage analog
signals. The HV203 has the same electrical specifications as the
HV202, but it is packaged in the 28 lead plastic chip carrier with
the pin configuration of the Supertex HV2216PJ.
This IC is suitable for various combinations of high voltage
supplies, e.g., V
PP/VNN : +50V/–150V, or +100V/–100V.
28-pin
28-lead plastic
48-lead TQFP
µ-BGA
Die
plastic DIP
chip carrier
Absolute Maximum Ratings*
V
DD Logic power supply voltage
-0.5V to +15V
V
PP - VNN Supply voltage
220V
V
PP Positive high voltage supply
-0.5V to V
NN +200V
V
NN Negative high voltage supply
+0.5V to -200V
Logic input voltages
-0.5V to V
DD +0.3V
Analog Signal Range
V
NN to VPP
Peak analog signal current/channel
3.0A
Storage temperature
-65
°C to +150°C
Power dissipation
28-pin PLCC and DIP
1.2W
48 lead TQFP
1.0W
* Absolute Maximum Ratings are those values beyond which damage to the
device may occur. Functional operation under these conditions is not implied.
Continuous operation of the device at the absolute rating level may affect
device reliability.
11/12/01
Supertex Inc. does not recommend the use of its products in life support applications and will not knowingly sell its products for use in such applications unless it receives an adequate "products liability
indemnification insurance agreement." Supertex does not assume responsibility for use of devices described and limits its liability to the replacement of devices determined to be defective due to
workmanship. No responsibility is assumed for possible omissions or inaccuracies. Circuitry and specifications are subject to change without notice. For the latest product specifications, refer to the
Supertex website: http://www.supertex.com. For complete liability information on all Supertex products, refer to the most current databook or to the Legal/Disclaimer page on the Supertex website.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn