Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HV20220 Datasheet(PDF) 9 Page - Supertex, Inc

Part No. HV20220
Description  Low Charge Injection 8-Channel High Voltage Analog Switch
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SUTEX [Supertex, Inc]
Homepage  http://www.supertex.com
Logo 

HV20220 Datasheet(HTML) 9 Page - Supertex, Inc

 
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
Pin Configurations
Package Outlines
HV203 28 Pin J-Lead
Pin
Function
Pin
Function
1
SW3
15
N/C
2
SW3
16
DIN
3
SW2
17
CLK
4
SW2
18
LE
5
SW1
19
CL
6
SW1
20
DOUT
7
SW0
21
SW7
8
SW0
22
SW7
9VPP
23
SW6
10
VNN
24
SW6
11
N/C
25
SW5
12
GND
26
SW5
13
VDD
27
SW4
14
N/C
28
SW4
HV202 28-Pin DIP
Pin
Function
Pin
Function
1
SW3
15
N/C
2
SW3
16
D
IN
3
SW2
17
CLK
4
SW2
18
LE
5
SW1
19
CL
6
SW1
20
D
OUT
7
SW0
21
SW7
8
SW0
22
SW7
9
N/C
23
SW6
10
V
PP
24
SW6
11
N/C
25
SW5
12
V
NN
26
SW5
13
GND
27
SW4
14
V
DD
28
SW4
18
17
16
15
23
22
21
20
19
25
24
26
27
28
top view
28-pin DIP
1
2
3
4
5
6
7
8
9
10
11
12
13
14
HV202
HV202 28 Pin J-Lead
Pin
Function
Pin
Function
1
SW3
15
N/C
2
SW3
16
D
IN
3
SW2
17
CLK
4
SW2
18
LE
5
SW1
19
CL
6
SW1
20
D
OUT
7
SW0
21
SW7
8
SW0
22
SW7
9
N/C
23
SW6
10
V
PP
24
SW6
11
N/C
25
SW5
12
V
NN
26
SW5
13
GND
27
SW4
14
V
DD
28
SW4
HV202,
HV203
4
26
25
19
top view
28-pin J-Lead Package
27
28
1
2
3
24
23
22
21
20
12
18
17
16
15
14
13
5
11
6789
10
HV20220/HV20320


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn