Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HV20220 Datasheet(PDF) 8 Page - Supertex, Inc

Part No. HV20220
Description  Low Charge Injection 8-Channel High Voltage Analog Switch
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SUTEX [Supertex, Inc]
Homepage  http://www.supertex.com
Logo 

HV20220 Datasheet(HTML) 8 Page - Supertex, Inc

 
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
Typical Performance Curves
HV20220/HV20320
CLK Frequency (KHz)
TDO vs. Ambient Temperature TA
Ambient Temp TA (°C)
Ambient Temperature (°C)
Off-Isolation vs. Signal Voltage Frequency
VDD = 5.0V, VPP/VNN = ±100V
-80.0
-75.0
-70.0
-65.0
-60.0
-55.0
-50.0
1.0
10.0
RON vs. Ambient Temperature TA
VDD = 5.0V, VPP/VNN = ±100V
RON vs. VPP/VNN
VPP/VNN = ±100V
IPP/INN vs. Output Switching Frequency
Output Switching Frequency (KHz)
VDD = 5.0V
VDD = 5.0V, VPP/VNN = ±100V
IDD vs Clock Frequency
VDD = 5.0V, VPP/VNN = ±100V, TA = 0°C to 70°C
3.0
2.0
1.0
0.0
10
1000
10000
100
Signal Voltage Frequency (MHz)
VPP
VNN
TA = 0°C
TA = 25°C
TA = 70°C
TA = 125°C
TA = 70°C
TA = 0°C
-50
-25
0
25
50
75
100
125
150
0
10.0
20.0
30.0
40.0
ISW = 5mA
ISW = 200mA
40V
60V
80V
100V
120V
140V
160V
0
10.0
20.0
30.0
40.0
50.0
-160V
-140V
-120V
-100V
-80V
-60V
-40V
TA = 125°C
TA = 85°C
TA = 25°C
TA = 0°C
-50
-25
0
25
50
75
100
125
0
20
40
60
80
100
VDD = 5.0V
VDD = 13.5V
0
25
50
75
100
125
150
0
1
2
3
4
5


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn