Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1618EDD Datasheet(PDF) 11 Page - Linear Technology

Part # LT1618EDD
Description  Constant-Current/Constant-Voltage 1.4MHz Step-Up DC/DC Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1618EDD Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1618EDD Datasheet HTML 7Page - Linear Technology LT1618EDD Datasheet HTML 8Page - Linear Technology LT1618EDD Datasheet HTML 9Page - Linear Technology LT1618EDD Datasheet HTML 10Page - Linear Technology LT1618EDD Datasheet HTML 11Page - Linear Technology LT1618EDD Datasheet HTML 12Page - Linear Technology LT1618EDD Datasheet HTML 13Page - Linear Technology LT1618EDD Datasheet HTML 14Page - Linear Technology LT1618EDD Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LT1618
11
sn1618 1618fas
TYPICAL APPLICATIONS
Li Ion White LED Driver
SHDN
IADJ
GND
VC
VIN
SW
ISN
ISP
FB
LT1618
R1
2M
R2
100k
VIN
2.7V TO 5V
10kHz TO 50kHz
PWM
BRIGHTNESS
ADJUST
C1
4.7µF
CC
0.1µF
C2
1µF
1618 • TA04
2.49Ω
D1
L1
10µH
20mA
3
2
1
9
87
510
4
R3
5.1k
C3
0.1µF
C1: TAIYO YUDEN JMK212BJ475
(408) 573-4150
C2: TAIYO YUDEN TMK316BJ105
(408) 573-4150
D1: ON SEMICONDUCTOR MBR0530
(800) 282-9855
L1: SUMIDA CLQ4D10-100
(847) 956-0666
White LED Driver for 20 LEDs
SHDN
IADJ
GND
VC
VIN
SW
ISN
ISP
FB
LT1618
R1
2M
R2
121k
VIN
2.7V TO 5V
10kHz TO 50kHz
PWM
BRIGHTNESS
ADJUST
C1
4.7µF
CC
0.1µF
C2
1µF
1618 • TA05
0.619Ω
D1
L1
10µH
80mA
3
2
1
9
87
510
4
R3
5.1k
C3
0.1µF
51Ω
51Ω
51Ω
51Ω
C1: TAIYO YUDEN JMK212BJ475
(408) 573-4150
C2: TAIYO YUDEN TMK316BJ105
(408) 573-4150
D1: ON SEMICONDUCTOR MBR0530
(800) 282-9855
L1: SUMIDA CR43-100
(847) 956-0666


Similar Part No. - LT1618EDD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1618EDD LINER-LT1618EDD Datasheet
215Kb / 16P
   Constant-Current/ Constant-Voltage 1.4MHz Step-Up DC/DC Converter
LT1618EDD LINER-LT1618EDD Datasheet
215Kb / 16P
   Constant-Current/ Constant-Voltage 1.4MHz Step-Up DC/DC Converter
LT1618EDDPBF LINER-LT1618EDDPBF Datasheet
215Kb / 16P
   Constant-Current/ Constant-Voltage 1.4MHz Step-Up DC/DC Converter
More results

Similar Description - LT1618EDD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1618 LINER-LT1618 Datasheet
202Kb / 12P
   Constant-Current/ Constant-Voltage 1.4MHz Step-Up DC/DC Converter
LT1618 LINER-LT1618_15 Datasheet
215Kb / 16P
   Constant-Current/ Constant-Voltage 1.4MHz Step-Up DC/DC Converter
LT1618EMSPBF LINER-LT1618EMSPBF Datasheet
215Kb / 16P
   Constant-Current/ Constant-Voltage 1.4MHz Step-Up DC/DC Converter
LT1618EDDPBF LINER-LT1618EDDPBF Datasheet
215Kb / 16P
   Constant-Current/ Constant-Voltage 1.4MHz Step-Up DC/DC Converter
logo
Silicon Standard Corp.
SS6896 SSC-SS6896 Datasheet
481Kb / 12P
   1.4MHz Current-Mode Step-Up DC/DC Converter
logo
Mean Well Enterprises C...
LDH-25 MEANWELL-LDH-25 Datasheet
591Kb / 6P
   DC-DC Step-Up Constant Current LED driver
LDH-65 MEANWELL-LDH-65 Datasheet
597Kb / 6P
   DC-DC Step-Up Constant Current LED driver
logo
List of Unclassifed Man...
FP6736 ETC2-FP6736 Datasheet
442Kb / 12P
   1.4MHz SOT23 Current-Mode Step-Up DC/DC Converter
logo
Maxim Integrated Produc...
MAX1896 MAXIM-MAX1896 Datasheet
755Kb / 10P
   1.4MHz SOT23 Current-Mode Step-Up DC-DC Converter
logo
CUI INC
VLD24-XXX CUI-VLD24-XXX Datasheet
583Kb / 4P
   constant current dc-dc converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com