Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAS85 Datasheet(PDF) 1 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

Part # BAS85
Description  200 mW LL-34 Hermetically Sealed Glass Fast Switching Schottky Barrier Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAK_CHEONG [Tak Cheong Electronics (Holdings) Co.,Ltd]
Direct Link  http://www.takcheong.com/en/index.asp
Logo TAK_CHEONG - Tak Cheong Electronics (Holdings) Co.,Ltd

BAS85 Datasheet(HTML) 1 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

  BAS85 Datasheet HTML 1Page - Tak Cheong Electronics (Holdings) Co.,Ltd BAS85 Datasheet HTML 2Page - Tak Cheong Electronics (Holdings) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SEMICONDUCTOR
November 2007 / A
Page 1
TAK CHEONG
®
200 mW LL-34 Hermetically
Sealed Glass Fast Switching Schottky
Barrier Diode
Absolute Maximum Ratings
TA = 25°C unless otherwise noted
Symbol
Parameter
Value
Units
PD
Power Dissipation
200
mW
TSTG
Storage Temperature Range
-65 to +125
°C
TJ
Operating Junction Temperature
+125
°C
VRRM
Repetitive Peak Reverse Voltage
30
V
VR
Maximum DC Blocking Voltage
30
V
IF(AV)
Average Forward Rectified Current
200
mA
IFSM
Peak Forward Surge Current
4
A
These ratings are limiting values above which the serviceability of the diode may be impaired.
Specification Features:
Low Forward Voltage Drop
LL-34 Package (JEDEC)
Through-Hole Device Type Mounting
Hermetically Sealed Glass
Compression Bonded Construction
All External Surfaces Are Corrosion Resistant And Leads Are Readily Solderable
RoHS Compliant
Solder Hot Dip Tin (Sn) Lead Finish
Electrical Characteristics
TA = 25°C unless otherwise noted
Limits
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
BV
Breakdown Voltage
IR=10µA
30
Volts
IR
Reverse Leakage Current
VR=25V
2
uA
VF
Forward Voltage
TCBAT42
IF=0.1mA
IF=1mA
IF=10mA
IF=30mA
IF=100mA
0.24
0.32
0.40
0.50
0.80
Volts
TRR
Reverse Recovery Time
IF=IR=10mA
RL=100Ω
IRR=1mA
5
nS
C
Capacitance
VR=1V, f=1MHZ
7
10
pF
DEVICE MARKING DIAGRAM
Cathode Band Color: Black
ELECTRICAL SYMBOL
Cathode
Anode
SURFACE MOUNT
LL34


Similar Part No. - BAS85

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS85 PHILIPS-BAS85 Datasheet
25Kb / 5P
   Schottky barrier diode
1996 Oct 01
logo
Taiwan Semiconductor Co...
BAS85 TSC-BAS85 Datasheet
51Kb / 1P
   200mW Hermetically Sealed Glass Fast Switching Schottky Barrier Diodes
logo
Diode Semiconductor Kor...
BAS85 DSK-BAS85 Datasheet
83Kb / 2P
   SMALL SIGNAL SCHOTTKY DIODE
logo
Vishay Siliconix
BAS85 VISHAY-BAS85 Datasheet
51Kb / 4P
   Schottky Barrier Diode
Rev. 3, 01-Apr-99
logo
Rectron Semiconductor
BAS85 RECTRON-BAS85 Datasheet
40Kb / 1P
   SCHOTTKY DIODES
More results

Similar Description - BAS85

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
BAS85 TAK_CHEONG-BAS85_11 Datasheet
311Kb / 3P
   200 mW LL-34 Hermetically Sealed Glass Fast Switching Schottky Barrier Diode
logo
SHIKUES Electronics
BAS85 SKTECHNOLGY-BAS85 Datasheet
536Kb / 2P
   200 mW LL-34 Hermetically Sealed Glass Fast Switching Schottky Barrier Diode
logo
Tak Cheong Electronics ...
LLBAT42 TAK_CHEONG-LLBAT42 Datasheet
79Kb / 3P
   200 mW Surface Mount LL-34 Hermetically Sealed Glass Fast Switching Schottky Barrier Diode
LLBAT42 TAK_CHEONG-LLBAT42_11 Datasheet
310Kb / 3P
   200 mW Surface Mount LL-34 Hermetically Sealed Glass Fast Switching Schottky Barrier Diode
logo
Taiwan Semiconductor Co...
BAT42 TSC-BAT42 Datasheet
63Kb / 2P
   200 mW Hermetically Sealed Glass Fast Switching Schottky Barrier Diode
logo
Tak Cheong Electronics ...
TCLL4148 TAK_CHEONG-TCLL4148_11 Datasheet
431Kb / 4P
   500 mW LL-34 Hermetically Sealed Glass Fast Switching Diodes
logo
Yea Shin Technology Co....
LL4148 YEASHIN-LL4148 Datasheet
801Kb / 3P
   500 mW LL-34 Hermetically Sealed Glass Fast Switching Diodes
logo
Leshan Radio Company
LL4148 LRC-LL4148 Datasheet
427Kb / 4P
   500 mW LL-34 Hermetically Sealed Glass Fast Switching Diodes
logo
List of Unclassifed Man...
TCLL4148 ETC-TCLL4148 Datasheet
267Kb / 5P
   500 mW LL-34 Hermetically Sealed Glass Fast Switching Diodes
logo
Tak Cheong Electronics ...
TCLL4151 TAK_CHEONG-TCLL4151 Datasheet
75Kb / 2P
   500 mW LL-34 Hermetically Sealed Glass Fast Switching Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com