Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1614 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1614
Description  Inverting 600kHz Switching Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1614 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1614_1 Datasheet HTML 2Page - Linear Technology LT1614_1 Datasheet HTML 3Page - Linear Technology LT1614_1 Datasheet HTML 4Page - Linear Technology LT1614_1 Datasheet HTML 5Page - Linear Technology LT1614_1 Datasheet HTML 6Page - Linear Technology LT1614_1 Datasheet HTML 7Page - Linear Technology LT1614_1 Datasheet HTML 8Page - Linear Technology LT1614_1 Datasheet HTML 9Page - Linear Technology LT1614_1 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LT1614
The LT1614 combines a current mode, fixed frequency
PWM architecture with a –1.23V reference to directly
regulate negative outputs. Operation can be best under-
stood by referring to the block diagram of Figure 2. Q1 and
Q2 form a bandgap reference core whose loop is closed
around the output of the converter. The driven reference
point is the lower end of resistor R4, which normally sits
at a voltage of –1.23V. As the load current changes, the
NFB pin voltage also changes slightly, driving the output
of gm amplifier A1. Switch current is regulated directly on
a cycle-to-cycle basis by A1’s output. The flip-flop is set at
the beginning of each cycle, turning on the switch. When
the summation of a signal representing switch current and
a ramp generator (introduced to avoid subharmonic oscil-
lations at duty factors greater than 50%) exceeds the VC
signal, comparator A2 changes stage, resetting the flip-
flop and turning off the switch. Output voltage decreases
(the magnitude increases) as switch current is increased.
The output, attenuated by external resistor divider R1 and
R2, appears at the NFB pin, closing the overall loop.
Frequency compensation is provided externally by a series
RC connected from the VC pin to ground. Typical values
are 100k and 1nF. Transient response can be tailored by
adjustment of these values.
As load current is decreased, the switch turns on for a
shorter period each cycle. If the load current is further
decreased, the converter will skip cycles to maintain
output voltage regulation.
OPERATIO
The LT1614 can work in either of two topologies. The
simpler topology appends a capacitive level shift to a
boost converter, generating a negative output voltage,
which is directly regulated. The circuit schematic is de-
tailed in Figure 3. Only one inductor is required, and the
two diodes can be in a single SOT-23 package. Output
noise is the same as in a boost converter, because current
is delivered to the output only during the time when the
LT1614’s internal switch is on.
If D2 is replaced by an inductor, as shown in Figure 4, a
higher performance solution results. This converter topol-
ogy was developed by Professor S. Cuk of the California
Institute of Technology in the 1970s. A low ripple voltage
results with this topology due to inductor L2 in series with
the output. Abrupt changes in output capacitor current are
eliminated because the output inductor delivers current to
the output during both the off-time and the on-time of the
LT1614 switch. With proper layout and high quality output
capacitors, output ripple can be as low as 1mVP–P.
The operation of Cuk’s topology is shown in Figures 5
and 6. During the first switching phase, the LT1614’s
switch, represented by Q1, is on. There are two current
loops in operation. The first loop begins at input capacitor
C1, flows through L1, Q1 and back to C1. The second loop
flows from output capacitor C3, through L2, C2, Q1 and
back to C3. The output current from RLOAD is supplied by
L2 and C3. The voltage at node SW is VCESAT and at node
SWX the voltage is –(VIN + |VOUT|). Q1 must conduct both
L1 and L2 current. C2 functions as a voltage level shifter,
with an approximately constant voltage of (VIN + |VOUT|)
across it.
VIN
VIN
–VOUT
1614 F03
SW
L1
D1
D2
GND
LT1614
C1
C3
C2
1
µF
R2
10k
10Ok
1nF
R1
NFB
SHDN
VC
SHUTDOWN
+
VIN
VIN
–VOUT
1614 F04
SW
L1
L2
D1
GND
LT1614
C1
C3
C2
1
µF
R2
10k
R1
NFB
+
10Ok
1nF
SHDN
SHUTDOWN
VC
Figure 3. Direct Regulation of Negative Output
Using Boost Converter with Charge Pump
Figure 4. L2 Replaces D2 to Make Low Output Ripple
Inverting Topology. Coupled or Uncoupled Inductors Can
Be Used. Follow Phasing If Coupled for Best Results


Similar Part No. - LT1614_1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1614 LINER-LT1614_15 Datasheet
271Kb / 16P
   Inverting 600kHz Switching Regulator
More results

Similar Description - LT1614_1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1614 LINER-LT1614 Datasheet
218Kb / 8P
   Inverting 600kHz Switching Regulator
LT1614 LINER-LT1614_15 Datasheet
271Kb / 16P
   Inverting 600kHz Switching Regulator
logo
Hitachi Semiconductor
HA16107FP HITACHI-HA16107FP Datasheet
361Kb / 16P
   600kHz PWM Switching Regulator Controller
HA16666P HITACHI-HA16666P Datasheet
93Kb / 15P
   600kHz PWM Controlled Switching Regulator
logo
Semtech Corporation
SC4519 SEMTECH-SC4519 Datasheet
278Kb / 15P
   600kHz, 3A Step-Down Switching Regulator
SC4519H SEMTECH-SC4519H_07 Datasheet
285Kb / 14P
   600kHz, 3A Step-Down Switching Regulator
logo
HTC Korea TAEJIN Techno...
TJ4519 HTC-TJ4519 Datasheet
533Kb / 11P
   600kHz 3A Step-Down Switching Regulator
logo
Semtech Corporation
SC4518H SEMTECH-SC4518H Datasheet
266Kb / 15P
   600kHz, 2A Step-Down Switching Regulator
logo
Rohm
BD9718G ROHM-BD9718G Datasheet
102Kb / 3P
   Inverting Switching Regulator Controller
logo
Semtech Corporation
SC4519H SEMTECH-SC4519H Datasheet
285Kb / 14P
   600kHz, 3A Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com