Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1612 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1612
Description  Synchronous, Step-Down 800kHz PWM DC/DC Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1612 Datasheet(HTML) 5 Page - Linear Technology

  LT1612 Datasheet HTML 1Page - Linear Technology LT1612 Datasheet HTML 2Page - Linear Technology LT1612 Datasheet HTML 3Page - Linear Technology LT1612 Datasheet HTML 4Page - Linear Technology LT1612 Datasheet HTML 5Page - Linear Technology LT1612 Datasheet HTML 6Page - Linear Technology LT1612 Datasheet HTML 7Page - Linear Technology LT1612 Datasheet HTML 8Page - Linear Technology LT1612 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LT1612
sn1612 1612fs
VC (Pin 1): Compensation Pin. This is the current sink/
source output of the error amplifier. By connecting an RC
network from this pin to ground, frequency response can
be tuned for a wide range of circuit configurations. The
voltage at this pin also sets the current limit, and if
grounded, the switch will remain in the OFF state.
FB (Pin 2): Feedback Pin. This pin is the negative input to
the error amplifier. Connect the resistor divider tap to this
point which sets VOUT according to:
VOUT = 0.62V (1 + R1/R2)
VIN (Pin 3): Supply Pin. Bypass capacitor C1 must be right
next to this pin.
GND (Pin 4): Ground Pin. Connect directly to local ground
plane.
PIN FUNCTIONS
SW (Pin 5): Switch Pin. Connect inductor and boost
capacitor here. Minimize trace area at this pin to keep EMI
down.
BOOST (Pin 6): This is the supply pin for the switch driver
and must be above VIN by 1.5V for proper switch opera-
tion. Connect the boost capacitor to this pin.
MODE (Pin 7): Burst Mode Operation Disable Pin. For
continuous switching operation (low noise), pull this pin
above 2V. For Burst Mode operation which gives better
light load efficiency, tie to ground. Output ripple voltage in
Burst Mode operation is typically 30mVP-P. See applica-
tions section for more information about this function.
SHDN (Pin 8): Shutdown Pin. Pull this pin low for shut-
down mode. Tie to a voltage between 2V and 5.5V for
normal operation.
BLOCK DIAGRA
+
RSENSE
0.08
A1
V/I
SLOPE
COMPENSATION
SWITCH
SW
GND
1612 BD
BOOST
A3
ENABLE
+
A2
0.62V
0.7V
BOOST DIODE
SWITCH
DRIVER
VIN
VC
FB
RECTIFIER
RECTIFIER
DRIVE
3
1
2
5
4
6
MODE
7
8
SHDN
SHUTDOWN
OSCILLATOR
RQ
S
FLIP-FLOP


Similar Part No. - LT1612

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1612 LINER-LT1612 Datasheet
176Kb / 8P
   Synchronous, Step-Down 800kHz PWM DC/DC Converter
LT1612 LINER-LT1612 Datasheet
257Kb / 12P
   Synchronous, Step-Down 800kHz PWM DC/DC Converter
LT1612EMS8 LINER-LT1612EMS8 Datasheet
176Kb / 8P
   Synchronous, Step-Down 800kHz PWM DC/DC Converter
LT1612ES8 LINER-LT1612ES8 Datasheet
176Kb / 8P
   Synchronous, Step-Down 800kHz PWM DC/DC Converter
LT1612 LINER-LT1612_15 Datasheet
257Kb / 12P
   Synchronous, Step-Down 800kHz PWM DC/DC Converter
More results

Similar Description - LT1612

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1612 LINER-LT1612 Datasheet
176Kb / 8P
   Synchronous, Step-Down 800kHz PWM DC/DC Converter
LT1612 LINER-LT1612_15 Datasheet
257Kb / 12P
   Synchronous, Step-Down 800kHz PWM DC/DC Converter
logo
List of Unclassifed Man...
RT9226B ETC-RT9226B Datasheet
139Kb / 6P
   SYNCHRONOUS PWM STEP-DOWN DC/DC CONVERTER CONTROLLER
logo
ELM Technology Corporat...
ELM611DA ELM-TECH-ELM611DA Datasheet
983Kb / 11P
   high efficiency synchronous PWM step down DC/DC converter
ELM600XB ELM-TECH-ELM600XB_17 Datasheet
1Mb / 7P
   high efficiency synchronous PWM step down DC/DC converter
logo
Analog Intergrations Co...
AIC1555 AIC-AIC1555 Datasheet
717Kb / 15P
   Low-Noise Synchronous PWM Step-Down DC/DC Converter
logo
Silicon Standard Corp.
SS6550 SSC-SS6550 Datasheet
403Kb / 13P
   Low-Noise Synchronous PWM Step-Down DC/DC Converter
logo
Analog Intergrations Co...
AIC1550 AIC-AIC1550 Datasheet
956Kb / 15P
   Low-Noise Synchronous PWM Step-Down DC/DC Converter
AIC1554 AIC-AIC1554 Datasheet
789Kb / 15P
   Low-Noise Synchronous PWM Step-Down DC/DC Converter
logo
RICOH electronics devic...
R1232D RICOH-R1232D Datasheet
845Kb / 24P
   PWM STEP-DOWN DC/DC CONVERTER WITH SYNCHRONOUS RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com