Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1612 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1612
Description  Synchronous, Step-Down 800kHz PWM DC/DC Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1612 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1612_1 Datasheet HTML 3Page - Linear Technology LT1612_1 Datasheet HTML 4Page - Linear Technology LT1612_1 Datasheet HTML 5Page - Linear Technology LT1612_1 Datasheet HTML 6Page - Linear Technology LT1612_1 Datasheet HTML 7Page - Linear Technology LT1612_1 Datasheet HTML 8Page - Linear Technology LT1612_1 Datasheet HTML 9Page - Linear Technology LT1612_1 Datasheet HTML 10Page - Linear Technology LT1612_1 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LT1612
sn1612 1612fs
OPERATIO
Figure 3. Output Voltage Ripple is 20mVP-P for
the Circuit of Figure 1
Burst Mode Operation Defeat
To maintain high efficiency at light loads, the LT1612 will
automatically shift into Burst Mode operation (MODE = 0V
or floating). In this mode of operation the oscillator and
switch drive circuitry is alternately turned on and off,
reducing quiescent current to 160
µA. This reduces power
consumption but also adds low frequency voltage ripple to
the output. Figure 3 shows switching waveforms for a 5V
to 3.3V converter running in Burst Mode operation. Output
voltage ripple is approximately 20mVP-P. If the MODE pin
is pulled high, Burst Mode operation will be inhibited and
the oscillator runs continuously with no low frequency
ripple at the output. See Figures 4 and 5.
Figure 4. Transient Response for the Circuit of Figure 1
with the MODE Pin Tied to Ground or Floating
Figure 5. With the MODE Pin Tied High, Low
Frequency Output Voltage Ripple Is No Longer Present
1612 F03
VOUT
20mV/DIV
AC COUPLED
IL
200mA/DIV
5
µs/DIV
1612 F04
VOUT
200mV/DIV
AC COUPLED
ILOAD
10mA TO 310mA
0.1ms/DIV
IL
200mA/DIV
1612 F05
VOUT
200mV/DIV
AC COUPLED
ILOAD
10mA TO 300mA
0.1ms/DIV
IL
200mA/DIV


Similar Part No. - LT1612_1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1612 LINER-LT1612_15 Datasheet
257Kb / 12P
   Synchronous, Step-Down 800kHz PWM DC/DC Converter
More results

Similar Description - LT1612_1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1612 LINER-LT1612 Datasheet
176Kb / 8P
   Synchronous, Step-Down 800kHz PWM DC/DC Converter
LT1612 LINER-LT1612_15 Datasheet
257Kb / 12P
   Synchronous, Step-Down 800kHz PWM DC/DC Converter
logo
List of Unclassifed Man...
RT9226B ETC-RT9226B Datasheet
139Kb / 6P
   SYNCHRONOUS PWM STEP-DOWN DC/DC CONVERTER CONTROLLER
logo
ELM Technology Corporat...
ELM611DA ELM-TECH-ELM611DA Datasheet
983Kb / 11P
   high efficiency synchronous PWM step down DC/DC converter
ELM600XB ELM-TECH-ELM600XB_17 Datasheet
1Mb / 7P
   high efficiency synchronous PWM step down DC/DC converter
logo
Analog Intergrations Co...
AIC1555 AIC-AIC1555 Datasheet
717Kb / 15P
   Low-Noise Synchronous PWM Step-Down DC/DC Converter
logo
Silicon Standard Corp.
SS6550 SSC-SS6550 Datasheet
403Kb / 13P
   Low-Noise Synchronous PWM Step-Down DC/DC Converter
logo
Analog Intergrations Co...
AIC1550 AIC-AIC1550 Datasheet
956Kb / 15P
   Low-Noise Synchronous PWM Step-Down DC/DC Converter
AIC1554 AIC-AIC1554 Datasheet
789Kb / 15P
   Low-Noise Synchronous PWM Step-Down DC/DC Converter
logo
RICOH electronics devic...
R1232D RICOH-R1232D Datasheet
845Kb / 24P
   PWM STEP-DOWN DC/DC CONVERTER WITH SYNCHRONOUS RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com