Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

6113 Datasheet(PDF) 2 Page - Connor-Winfield Corporation

Part No. 6113
Description  3.3V HCMOS Surface Mount Crystal Clock Oscillator
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CONNOR-WINFIELD [Connor-Winfield Corporation]
Homepage  http://www.conwin.com
Logo 

6113 Datasheet(HTML) 2 Page - Connor-Winfield Corporation

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications subject to change without notice. All dimensions in inches. © Copyright 1998 The Connor-Winfield Corporation
2111 Comprehensive Drive
Aurora, Illinois 60505
Phone: 630- 851- 4722
Fax: 630- 851- 5040
www.conwin.com
Bulletin
Sm081
Page
2 of 2
Revision
01
Date
30 May 2002
Pad Connection
1:
Tri-State E/D
2:
Ground
3:
Output
4:
VDD
OSCILLOSCOPE
FREQ
COUNTER
OSC
POWER
SUPPLY
INPUT FOR E/D
PROBE
Meets EIA-481A and EIAJ-1009B
3,000 PCS/Reel
Bypass capacitor, C-by, should
be ceramic capacitor ≥ .01uf.
SYMMETRY=(T1/T0)X100%
90%
50%
10%
GND. LEVEL
T0 = 1/ fo
T1
T
T
FR
Dimensional Tolerance: ±.008 (.20mm)
Suggested Pad Layout
Ordering Information
6113
- 50.00 MHz
CLOCK
SERIES
CENTER
FREQUENCY
Test Circuit
Output Waveform
Tape and Reel Dimensions
Dimensional Tolerance: ±.02" (.508mm)
±.005" (.127mm)
Soldering
General Conditions
260°C max x 10 sec max x 2 times max or
230°C max x 180 sec max x 1 time
Typical Operation Data
(Vapor phase reflow)
20 to 100 sec up to 215°C, 50 sec
at 215°C, then down to room temperature per 1 to 5°C / sec
Environmental Characteristics
Temperature Cycle
The specimen shall meet electrical characteristics after
tested 5 cycles of -55°C / 30 minutes and +125°C / 30 minutes
Hermetical
No bubbles appear in Flourinert (FC-43) at 125°C ±5°C for 5 minutes
Solvent Resistance
Marking will withstand immersion in
Isopropyl Alcohol or Trichloroethylene
Mechanical Characteristics
Free Drop
The specimen shall meet electrical characteristics after tested 3 times,
Free Drop testing on the hard wooden board from a height of 75 cm.
Vibration
The specimen shall meet electrical characteristics after tested
by the following conditions: 10-55Hz 1.5mm Amplitude,
55-2000 Hz 20 G's, 2 hours for each plane
Thermal Shock
After applied Thermal Shock of 260°C
max x 10 sec max x 2 times, or 230°C max x 180 sec max,
the specimen shall meet electrical characteristics
Solderability
(EIAJ-RCX-0102.101 Condition 1a)
1) Flux: MIL-F-14256 (WW Rosin=25%, Isopropyl Alcohol = 75%)
2) Solder: QQ-S-571 (Sn = 63%, Pb = 37%)
3) Solder bath temperature: 235°C ±5°C
4) Depth of immersion: Up to electrical terminal
5) Immersing time: Within 2 sec ±0.5 sec into solder bath
After performing the above procedures, a newly soldered coverage shall be greater than 90%
After performing the above procedures, a newly soldered coverage shall be greater than 90%
After performing the above procedures, a newly soldered coverage shall be greater than 90%
After performing the above procedures, a newly soldered coverage shall be greater than 90%
After performing the above procedures, a newly soldered coverage shall be greater than 90%
Package Characteristics
Package
Hermetically sealed ceramic package and metal cover


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn