Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

6113 Datasheet(PDF) 1 Page - Connor-Winfield Corporation

Part No. 6113
Description  3.3V HCMOS Surface Mount Crystal Clock Oscillator
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CONNOR-WINFIELD [Connor-Winfield Corporation]
Homepage  http://www.conwin.com
Logo 

6113 Datasheet(HTML) 1 Page - Connor-Winfield Corporation

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications subject to change without notice. All dimensions in inches. © Copyright 1998 The Connor-Winfield Corporation
2111 Comprehensive Drive
Aurora, Illinois 60505
Phone: 630- 851- 4722
Fax: 630- 851- 5040
www.conwin.com
2111 Comprehensive Drive
Aurora, Illinois 60505
Phone: 630- 851- 4722
Fax: 630- 851- 5040
www.conwin.com
3.3V HCMOS Surface Mount
Crystal Clock Oscillator
6113, 6123, 6133
XO
The Connor-Winfield models 6113, 6123, and
6133 are a 6 x 3.5mm, 3.3V HCMOS, Surface
Mount, Ceramic, Fixed Frequency Crystal
Oscillators (XO) designed for use in all
applictions requiring precision clocks. These
oscillators feature low stand-by current (10uA)
when the output is disabled. The RoHS
compliant, surface mount package is designed
for high-density mounting and is optimum for
mass production.
Operating Specifications
Parameter
Minimum
Nominal
Maximum
Units
Notes
Frequency Range (Fo)
1.8
-
50
MHz
Frequency Tolerance
ppm
1
6113
-25
-
25
6123
-50
-
50
6133
-100
-
100
Operating Temp Range
0
-
70
°C
Supply Voltage (Vdd)
3.0
3.3
3.6
Vdc
Supply Current (Icc)
mA
1.80 to 31.999 MHz
-
-
12
32.0 to 50.0 MHz
-
-
17
Absolute Maximum Ratings
Parameter
Minimum
Nominal
Maximum
Units
Notes
Storage Temperature
-55
-
125
°C
Supply Voltage (Vcc)
-0.5
-
7.0
Vdc
Features:
3.3V Operation
Tri-State Enable / Disable Function
RoHS Compliant
Overall Frequency Tolerance:
6113 ± 25 ppm
6123 ± 50 ppm
6133 ± 100 ppm
Temperature Range: 0 to 70°C
Power Saving Stand-By Current
Ceramic Surface Mount Package
Tape and Reel Packaging
Bulletin
Sm081
Page
1 of 2
Revision
01
Date
30 May 2002
Input Characteristics
Parameter
Minimum
Nominal
Maximum
Units
Notes
Enable Voltage - (Vih)
≥ 70% Vdd
-
-
Vdc
2
Disable Voltage - (Vil)
-
-
≤ 30% Vdd
Vdc
Enable Time
-
-
10
mS
Disable Time
-
-
150
nS
Output Disable Current (lcc)
-
-
10
uA
HCMOS Output Characteristics
Parameter
Minimum
Nominal
Maximum
Units
Notes
Load
-
-
15
pF
Voltage High (Voh)
2.70
-
-
Vdc
Low (Vol)
-
-
0.36
Current High (loh)
-2
-
-
mA
Low (lol)
-
-
2
Duty Cycle at 50% of Vcc
40
50
60
%
Rise / Fall Time 10% to 90%
-
-
6
nS
Start-Up Time
-
-
10
mS
Jitter
-
-
5
pS RMS
Notes:
1. Inclusive of calibration @ 25°C , frequency vs temperature stability, supply voltage change, load change, shock and vibration, 10 years aging.
2. Oscillator output is enabled with no connection on pad 1
US Headquarters:
630-851-4722
European Headquarters:
+353-61-472221


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn