Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1565-31 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1565-31
Description  1.4nV/?숰z 180MHz Filter Building Block
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1565-31 Datasheet(HTML) 5 Page - Linear Technology

  LTC1565-31 Datasheet HTML 1Page - Linear Technology LTC1565-31 Datasheet HTML 2Page - Linear Technology LTC1565-31 Datasheet HTML 3Page - Linear Technology LTC1565-31 Datasheet HTML 4Page - Linear Technology LTC1565-31 Datasheet HTML 5Page - Linear Technology LTC1565-31 Datasheet HTML 6Page - Linear Technology LTC1565-31 Datasheet HTML 7Page - Linear Technology LTC1565-31 Datasheet HTML 8Page - Linear Technology LTC1565-31 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LT1567
5
1567fa
TYPICAL PERFOR A CE CHARACTERISTICS
Input Voltage Noise Density of OA
vs Frequency
Input Current Noise Density of OA
vs Frequency
FREQUENCY (kHz)
0.1
2.5
3.0
3.5
4.0
4.5
1
10
100
1567 G10
2.0
1.5
0.5
0
1.0
TA = 25°C
Input Bias Current of OA
vs Common Mode Voltage
Supply Current vs Supply Voltage
COMMON MODE VOLTAGE (V)
0
3
4
5
3
5
1567 G12
2
1
0
12
4
6
7
8
VS = 5V
TOTAL SUPPLY VOLTAGE (V)
0
10
15
8
1567 G13
5
0
2
4
6
10
20
FREQUENCY (kHz)
0.1
2.5
3.0
3.5
4.0
4.5
1
10
100
1567 G11
2.0
1.5
0.5
0
1.0
TA = 25°C
OA Rising Slew Rate
vs Temperature
TEMPERATURE (
°C)
–55
20
30
40
50
60
–35 –15
5
25
1567 G07
45
65
85 105 125
VS = ±5V
VS = ±2.5V
VS = ±1.5V
AV = –1
RF = RG = 1k
RL = 1k
CAPACITIVE LOAD (pF)
10
0
5
10
15
20
30
100
1000
1567 G08
25
VS = ±2.5V
AV = –1
RS = 10Ω
RL = ∞
RS = 20Ω
RL = ∞
RL = RS = 50Ω
Output Overshoot vs Series
Resistor and Capacitive Load
CAPACITIVE LOAD (pF)
10
0
10
20
40
100
1000
1567 G09
30
5
15
35
25
VS = ±1.5V
AV = –1
RS = 10Ω
RL = ∞
RS = 20Ω
RL = ∞
RS = RL = 50Ω
Output Overshoot vs Series
Resistor and Capacitive Load
FREQUENCY (Hz)
100k
0.001
0.1
100
1M
10M
100M
1567 G06
0.01
1
10
VS = ±5V
TA = 25°C
OA
AV = –10
INVERTER
OA
AV = –1
Output Impedance vs Frequency


Similar Part No. - LTC1565-31

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1565-31 LINER-LTC1565-31 Datasheet
136Kb / 8P
   650kHz Continuous Time, Linear Phase Lowpass Filter
LTC1565-31 LINER-LTC1565-31 Datasheet
197Kb / 12P
   650kHz Continuous Time, Linear Phase Lowpass Filter
LTC1565-31 LINER-LTC1565-31 Datasheet
188Kb / 12P
   650kHz Continuous Time, Linear Phase Lowpass Filter
LTC1565-31CS8 LINER-LTC1565-31CS8 Datasheet
136Kb / 8P
   650kHz Continuous Time, Linear Phase Lowpass Filter
LTC1565-31CS8 LINER-LTC1565-31CS8 Datasheet
197Kb / 12P
   650kHz Continuous Time, Linear Phase Lowpass Filter
More results

Similar Description - LTC1565-31

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1567 LINER-LT1567 Datasheet
138Kb / 8P
   1.4nV/Hz 175MHz Op Amp and Inverter / Filter Building Block
LT1567 LINER-LT1567_15 Datasheet
209Kb / 16P
   Filter Building Block
LTC1060 LINER-LTC1060_09 Datasheet
263Kb / 20P
   Universal Dual Filter Building Block
LTC1060CS LINER-LTC1060CS Datasheet
173Kb / 3P
   Universal Dual Filter Building Block?
LTC1060 LINER-LTC1060_15 Datasheet
269Kb / 20P
   Universal Dual Filter Building Block
LTC1060 LINER-LTC1060 Datasheet
1Mb / 20P
   Universal Dual Filter Building Block
LTC1264 LINER-LTC1264_05 Datasheet
231Kb / 16P
   High Speed, Quad Universal Filter Building Block
LTC1264 LINER-LTC1264 Datasheet
343Kb / 16P
   High Speed, Quad Universal Filter Building Block
LTC1061CS LINER-LTC1061CS Datasheet
212Kb / 3P
   High Performance Triple Universal Filter Building Block?
LTC1061 LINER-LTC1061_15 Datasheet
335Kb / 16P
   High Performance Triple Universal Filter Building Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com