Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LB370 Datasheet(PDF) 8 Page - Seoul Semiconductor

Part # LB370
Description  BLUE LAMP LED
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

LB370 Datasheet(HTML) 8 Page - Seoul Semiconductor

Back Button LB370 Datasheet HTML 4Page - Seoul Semiconductor LB370 Datasheet HTML 5Page - Seoul Semiconductor LB370 Datasheet HTML 6Page - Seoul Semiconductor LB370 Datasheet HTML 7Page - Seoul Semiconductor LB370 Datasheet HTML 8Page - Seoul Semiconductor LB370 Datasheet HTML 9Page - Seoul Semiconductor LB370 Datasheet HTML 10Page - Seoul Semiconductor LB370 Datasheet HTML 11Page - Seoul Semiconductor LB370 Datasheet HTML 12Page - Seoul Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Document No. : SSC-QP-7-07-24 (Rev.00)
Rev. 00
Rev. 00
November 2007
November 2007
www.ZLED.com
www.ZLED.com
<080829> Rev. 0.2
7. Outline Dimensions
Unit : mm
ANODE
2.35 ± 0.1
3.1 ± 0.2
DETAIL
1.0
3.8 ± 0.2
0.5 MAX
5.3 ± 0.1
1.0 MIN
28.0 MIN
0.5 ± 0.05
Notes : Protruded epoxy is 1.0mm maximum.


Similar Part No. - LB370

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LB370 SEOUL-LB370 Datasheet
343Kb / 10P
   BLUE LAMP LED
LB370Z SEOUL-LB370Z Datasheet
390Kb / 12P
   GREEN OVAL LAMP LED
More results

Similar Description - LB370

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LB340 SEOUL-LB340_1 Datasheet
401Kb / 12P
   BLUE LAMP LED
LB370 SEOUL-LB370 Datasheet
343Kb / 10P
   BLUE LAMP LED
logo
Roithner LaserTechnik G...
LED830 ROITHNER-LED830 Datasheet
1Mb / 9P
   Blue LED Lamp
logo
Seoul Semiconductor
LB520 SEOUL-LB520 Datasheet
345Kb / 10P
   BLUE LAMP LED
LB520 SEOUL-LB520_1 Datasheet
399Kb / 12P
   BLUE LAMP LED
logo
Roithner LaserTechnik G...
LED430-33 ROITHNER-LED430-33 Datasheet
224Kb / 1P
   blue led lamp
logo
Seoul Semiconductor
LB340 SEOUL-LB340 Datasheet
342Kb / 10P
   BLUE LAMP LED
logo
Micro Electronics
MBB31D MICRO-ELECTRONICS-MBB31D Datasheet
56Kb / 1P
   3mm BLUE LED LAMP
MBB32D MICRO-ELECTRONICS-MBB32D Datasheet
55Kb / 1P
   3mm BLUE LED LAMP
MBB51W MICRO-ELECTRONICS-MBB51W Datasheet
56Kb / 1P
   5mm BLUE LED LAMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com