Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F75393S Datasheet(PDF) 10 Page - Feature Integration Technology Inc.

Part # F75393S
Description  짹1oC Temperature Sensor withCompensation
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F75393S Datasheet(HTML) 10 Page - Feature Integration Technology Inc.

Back Button F75393S Datasheet HTML 6Page - Feature Integration Technology Inc. F75393S Datasheet HTML 7Page - Feature Integration Technology Inc. F75393S Datasheet HTML 8Page - Feature Integration Technology Inc. F75393S Datasheet HTML 9Page - Feature Integration Technology Inc. F75393S Datasheet HTML 10Page - Feature Integration Technology Inc. F75393S Datasheet HTML 11Page - Feature Integration Technology Inc. F75393S Datasheet HTML 12Page - Feature Integration Technology Inc. F75393S Datasheet HTML 13Page - Feature Integration Technology Inc. F75393S Datasheet HTML 14Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
F75393
F75393
May, 2008
V0.16P
-6-
These five events are wired-NOR together. This means that when one of out-of-limit event occurs, the ALERT# output goes low if the
MASK control is disabled. ALERT# signal can be used as an IRQ-like interrupt or as an SMBALERT. When ALERT# acts as an
IRQ-like interrupt, the ALERT# will be de-asserted until the following 2 conditions are matched:
(1). The abnormal condition is gone
(2). Reading the Status register to clear the status
When ALERT# acts as a SMBALERT, the ALERT# will be de-asserted until the following 3 conditions are matched:
(1). The abnormal condition is gone
(2). Reading the Status register to clear the status
(3). The ALERT# has been serviced by the SMBus master reading the device address.
For more information about SMBALERT, please see SMBus 1.1 specification.
6.6
THERM#
Either VT1(Local) or VT2(Remote) temperature exceeds the corresponding THERM limit, the THERM# output will assert low. The
asserted output will be de-asserted until the temperature goes below (THERM Limit – Hysteresis). The hysteresis default value is
10°C and it can be programmed. Both VT1 and VT2 have their own THERM limits and Hysteresis values.
6.7
ADC Conversion Sequence
If a START command is written, both channels are converted and the results of both measurements are available after the end of
conversion. A BUSY status bit in the status byte shows that the device is actually performing a new conversion; however, even if the
ADC is busy, the results of the previous conversion are always available.
6.8
Thermal Mass and Self Heating
Thermal mass effect can seriously degrade the F75393’s effective accuracy. The thermal time constant of the SOP package is about
140 in still air. For the F75393’s junction temperature to settle to within +1°C after a sudden +100°C change requires about five time
constants or 12 minutes. The use of smaller packages for remote sensors such as SOT23, improves the situation. Take care to
account for thermal gradients between the heat source and the sensor package do not interfere with measurement accuracy.
Sel-heating does not significantly affect measurement accuracy. Remote sensor self-heating due to the diode current source is
negligible. For the local diode, the worst case error occurs when auto-converting at the fastest rate and simultaneously sinking
maximum current at the ALERT# output. For instance, at an 64Hz rate and ALERT# sink around 0.7mA when pull up resistor 4.7K
ohm to 3.3VCC, the typical power dissipation is VCC x 220 uA plus 0.4V x 0.7mA. Package θJA is about 120 °C/W, so with VCC =
3.3V and no copper PC board heat-sinking, the resulting temperature rise is:
dT = 1.01mW x 120 °C/W = 0.12 °C
Even with these contrived circumstances, it is difficult to introduce significant self-heating errors.


Similar Part No. - F75393S

ManufacturerPart #DatasheetDescription
logo
Feature Integration Tec...
F75395 FINTEK-F75395 Datasheet
688Kb / 22P
   짹1oC Temperature Sensor with 횩 Compensation
F75395M FINTEK-F75395M Datasheet
688Kb / 22P
   짹1oC Temperature Sensor with 횩 Compensation
More results

Similar Description - F75393S

ManufacturerPart #DatasheetDescription
logo
Feature Integration Tec...
F75395 FINTEK-F75395 Datasheet
688Kb / 22P
   짹1oC Temperature Sensor with 횩 Compensation
F75367 FINTEK-F75367 Datasheet
519Kb / 21P
   짹1oC Temperature Sensor with I2C-SST Bridge
logo
Microchip Technology
EMC1412-1-ACZL-TR MICROCHIP-EMC1412-1-ACZL-TR Datasheet
764Kb / 47P
   Temperature Sensor with Beta Compensation
Revision 1.41 02-23-12
logo
Feature Integration Tec...
F75383M FINTEK-F75383M Datasheet
659Kb / 21P
   짹1oC Accuracy Temperature Sensor IC Datasheet
F75385M FINTEK-F75385M Datasheet
537Kb / 17P
   짹1oC Accuracy Temperature Sensor IC Datasheet
logo
SMSC Corporation
EMC1403 SMSC-EMC1403 Datasheet
728Kb / 42P
   1째C Temperature Sensor with Beta Compensation
logo
Microchip Technology
EMC1403 MICROCHIP-EMC1403 Datasheet
1Mb / 55P
   1째C Temperature Sensor with Beta Compensation
10/28/13
logo
SMSC Corporation
EMC1402 SMSC-EMC1402 Datasheet
622Kb / 37P
   1째C Temperature Sensor with Beta Compensation
EMC1402 SMSC-EMC1402_12 Datasheet
671Kb / 40P
   1째C Temperature Sensor with Beta Compensation
logo
Feature Integration Tec...
F75363 FINTEK-F75363 Datasheet
773Kb / 25P
   짹1oC Accuracy Temperature Sensor IC with Fan Speed Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com