Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F75384S Datasheet(PDF) 2 Page - Feature Integration Technology Inc.

Part # F75384S
Description  짹1oC Accuracy Temperature Sensor IC Datasheet
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F75384S Datasheet(HTML) 2 Page - Feature Integration Technology Inc.

  F75384S Datasheet HTML 1Page - Feature Integration Technology Inc. F75384S Datasheet HTML 2Page - Feature Integration Technology Inc. F75384S Datasheet HTML 3Page - Feature Integration Technology Inc. F75384S Datasheet HTML 4Page - Feature Integration Technology Inc. F75384S Datasheet HTML 5Page - Feature Integration Technology Inc. F75384S Datasheet HTML 6Page - Feature Integration Technology Inc. F75384S Datasheet HTML 7Page - Feature Integration Technology Inc. F75384S Datasheet HTML 8Page - Feature Integration Technology Inc. F75384S Datasheet HTML 9Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
F75383/F75384
F75383/F75384
July, 2007
V0.32P
-I-
F75383/F75384 Datasheet Revision History
Version
Date
Page
Revision History
0.21P
Mar.,2004
Original version (Confidential)
0.22P
Mar.,2004
Revised version ID/vendor ID, AC/DC spec.
0.23P
Mar.,2004
Add 8-SOP(F75383) package supporting
0.24P
Mar.,2004
1-2
Add additional description of 8-SOP(F75383S)/8-MSOP(F75383M)
0.25P
Apr.,2004
8,13
Add PCB Layout guide and update DC specification
0.26P
Jul.,2004
Add F75384 description
0.27P
Sep.,2004
6
12
Revise(1)High Byte of 1°C value (0000 0001)
(2) Read address (high byte) of VT2 low limit (08h (00h) )
0.28P
Jan.,2005
15
Revise serial bus timing
0.29P
Aug.,2005
4
Modify alert response address
0.30P
Dec.,2005
Revise typo and updated patent no.
0.31P
Dec.,2006
1
Add Patent Note
-
Revise typo ( VDD
VCC)
0.32P
July,2007
-
Company readdress
Please note that all data and specifications are subject to change without notice. All the trade marks of products and
companies mentioned in this data sheet belong to their respective owners.
LIFE SUPPORT APPLICATIONS
These products are not designed for use in life support appliances, devices, or systems where malfunction of these
products can reasonably be expected to result in personal injury. Customers using or selling these products for
use in such applications do so at their own risk and agree to fully indemnify Fintek for any damages resulting from
such improper use or sales.


Similar Part No. - F75384S

ManufacturerPart #DatasheetDescription
logo
Feature Integration Tec...
F75385M FINTEK-F75385M Datasheet
537Kb / 17P
   짹1oC Accuracy Temperature Sensor IC Datasheet
F75386M FINTEK-F75386M Datasheet
878Kb / 28P
   Dual 짹1oC Accuracy Temperature Sensor IC with Fan Speed Control
F75386SG FINTEK-F75386SG Datasheet
878Kb / 28P
   Dual 짹1oC Accuracy Temperature Sensor IC with Fan Speed Control
F75387 FINTEK-F75387 Datasheet
1Mb / 48P
   짹1oC Accuracy H/W Monitor IC with Automatic Fan Speed Control
F75387RG FINTEK-F75387RG Datasheet
1Mb / 48P
   짹1oC Accuracy H/W Monitor IC with Automatic Fan Speed Control
More results

Similar Description - F75384S

ManufacturerPart #DatasheetDescription
logo
Feature Integration Tec...
F75385M FINTEK-F75385M Datasheet
537Kb / 17P
   짹1oC Accuracy Temperature Sensor IC Datasheet
F75363 FINTEK-F75363 Datasheet
773Kb / 25P
   짹1oC Accuracy Temperature Sensor IC with Fan Speed Control
F75386M FINTEK-F75386M Datasheet
878Kb / 28P
   Dual 짹1oC Accuracy Temperature Sensor IC with Fan Speed Control
logo
List of Unclassifed Man...
STSC1 ETC2-STSC1 Datasheet
706Kb / 13P
   High Accuracy Digital Temperature Sensor IC
logo
Feature Integration Tec...
F75395 FINTEK-F75395 Datasheet
688Kb / 22P
   짹1oC Temperature Sensor with 횩 Compensation
F75393 FINTEK-F75393 Datasheet
689Kb / 22P
   짹1oC Temperature Sensor with 횩 Compensation
F75367 FINTEK-F75367 Datasheet
519Kb / 21P
   짹1oC Temperature Sensor with I2C-SST Bridge
F75387 FINTEK-F75387 Datasheet
1Mb / 48P
   짹1oC Accuracy H/W Monitor IC with Automatic Fan Speed Control
logo
ams AG
AS6200 AMSCO-AS6200 Datasheet
709Kb / 35P
   The AS6200 IC is a high accuracy temperature sensor system
logo
Seiko Instruments Inc
S-5852ABCAC-A8T1U4 SII-S-5852ABCAC-A8T1U4 Datasheet
1Mb / 15P
   HIGH-ACCURACY DIGITAL TEMPERATURE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com