Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F75383M Datasheet(PDF) 10 Page - Feature Integration Technology Inc.

Part # F75383M
Description  짹1oC Accuracy Temperature Sensor IC Datasheet
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F75383M Datasheet(HTML) 10 Page - Feature Integration Technology Inc.

Back Button F75383M Datasheet HTML 6Page - Feature Integration Technology Inc. F75383M Datasheet HTML 7Page - Feature Integration Technology Inc. F75383M Datasheet HTML 8Page - Feature Integration Technology Inc. F75383M Datasheet HTML 9Page - Feature Integration Technology Inc. F75383M Datasheet HTML 10Page - Feature Integration Technology Inc. F75383M Datasheet HTML 11Page - Feature Integration Technology Inc. F75383M Datasheet HTML 12Page - Feature Integration Technology Inc. F75383M Datasheet HTML 13Page - Feature Integration Technology Inc. F75383M Datasheet HTML 14Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
F75383/F75384
F75383/F75384
July, 2007
V0.32P
-6-
6.5
Temperature Monitoring
The F75383/F75384 monitors a local and a remote temperature sensor. Both can be measured from 0°C to 140.875°C.
The temperature format is as the following table:
Temperature ( High Byte )
Digital Output
Temperature ( Low Byte )
Digital Output
0°C
0000 0000
0°C
000 0 0000
1°C
0000 0001
0.125°C
001 0 0000
25°C
0001 1001
0.250°C
010 0 0000
50°C
0011 0010
0.375°C
011 0 0000
75°C
0100 1011
0.500°C
100 0 0000
90°C
0101 1010
0.625°C
101 0 0000
100°C
0110 0100
0.750°C
110 0 0000
140°C
1000 1100
0.875°C
111 0 0000
Remote-sensor transistor manufacturers
Manufacturer
Model Number
Panasonic
2SB0709 2N3906
Philips
PMBT3906
6.5
Alert#
Five events can trigger ALERT# to low:
(1). VT1(Local) temperature exceeds High Limit
(2). VT1(Local) temperature goes below Low Limit
(3). VT2(Remote) temperature exceeds High Limit
(4). VT2(Remote) temperature goes below Low Limit
(5). VT2(Remote) temperature is Open-circuit.
These five events are wired-NOR together. This means that when one of out-of-limit event occurs, the ALERT# output goes low if the
MASK control is disabled. ALERT# signal can be used as an IRQ-like interrupt or as an SMBALERT. When ALERT# acts as an
IRQ-like interrupt, the ALERT# will be de-asserted until the following 2 conditions are matched:
(1). The abnormal condition is gone


Similar Part No. - F75383M

ManufacturerPart #DatasheetDescription
logo
Feature Integration Tec...
F75385M FINTEK-F75385M Datasheet
537Kb / 17P
   짹1oC Accuracy Temperature Sensor IC Datasheet
F75386M FINTEK-F75386M Datasheet
878Kb / 28P
   Dual 짹1oC Accuracy Temperature Sensor IC with Fan Speed Control
F75386SG FINTEK-F75386SG Datasheet
878Kb / 28P
   Dual 짹1oC Accuracy Temperature Sensor IC with Fan Speed Control
F75387 FINTEK-F75387 Datasheet
1Mb / 48P
   짹1oC Accuracy H/W Monitor IC with Automatic Fan Speed Control
F75387RG FINTEK-F75387RG Datasheet
1Mb / 48P
   짹1oC Accuracy H/W Monitor IC with Automatic Fan Speed Control
More results

Similar Description - F75383M

ManufacturerPart #DatasheetDescription
logo
Feature Integration Tec...
F75385M FINTEK-F75385M Datasheet
537Kb / 17P
   짹1oC Accuracy Temperature Sensor IC Datasheet
F75363 FINTEK-F75363 Datasheet
773Kb / 25P
   짹1oC Accuracy Temperature Sensor IC with Fan Speed Control
F75386M FINTEK-F75386M Datasheet
878Kb / 28P
   Dual 짹1oC Accuracy Temperature Sensor IC with Fan Speed Control
logo
List of Unclassifed Man...
STSC1 ETC2-STSC1 Datasheet
706Kb / 13P
   High Accuracy Digital Temperature Sensor IC
logo
Feature Integration Tec...
F75395 FINTEK-F75395 Datasheet
688Kb / 22P
   짹1oC Temperature Sensor with 횩 Compensation
F75393 FINTEK-F75393 Datasheet
689Kb / 22P
   짹1oC Temperature Sensor with 횩 Compensation
F75367 FINTEK-F75367 Datasheet
519Kb / 21P
   짹1oC Temperature Sensor with I2C-SST Bridge
F75387 FINTEK-F75387 Datasheet
1Mb / 48P
   짹1oC Accuracy H/W Monitor IC with Automatic Fan Speed Control
logo
ams AG
AS6200 AMSCO-AS6200 Datasheet
709Kb / 35P
   The AS6200 IC is a high accuracy temperature sensor system
logo
Seiko Instruments Inc
S-5852ABCAC-A8T1U4 SII-S-5852ABCAC-A8T1U4 Datasheet
1Mb / 15P
   HIGH-ACCURACY DIGITAL TEMPERATURE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com